Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MR758 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MR758
Description  HIGH CURRENT LEAD MOUNTED SILICON RECTIFIERS 50-1000 VOLTS DIFFUSED JUNCTION
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MR758 Datasheet(HTML) 1 Page - Motorola, Inc

  MR758 Datasheet HTML 1Page - Motorola, Inc MR758 Datasheet HTML 2Page - Motorola, Inc MR758 Datasheet HTML 3Page - Motorola, Inc MR758 Datasheet HTML 4Page - Motorola, Inc MR758 Datasheet HTML 5Page - Motorola, Inc MR758 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Rectifier Device Data
Designer's™ Data Sheet
High Current Lead Mounted
Rectifiers
• Current Capacity Comparable to Chassis Mounted Rectifiers
• Very High Surge Capacity
• Insulated Case
Mechanical Characteristics:
• Case: Epoxy, Molded
• Weight: 2.5 grams (approximately)
• Finish: All External Surfaces Corrosion Resistant and Terminal Lead is
Readily Solderable
• Lead Temperature for Soldering Purposes: 260°C Max. for 10 Seconds
• Polarity: Cathode Polarity Band
• Shipped 1000 units per plastic bag. Available Tape and Reeled, 800 units
per reel by adding a “RL’’ suffix to the part number
• Marking: R750, R751, R752, R754, R758, R760
MAXIMUM RATINGS
Characteristic
Symbol
MR750
MR751
MR752
MR754
MR756
MR758
MR760
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
Volts
Non–Repetitive Peak Reverse Voltage
(Halfwave, single phase, 60 Hz peak)
VRSM
60
120
240
480
720
960
1200
Volts
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
Volts
Average Rectified Forward Current
(Single phase, resistive load, 60 Hz)
See Figures 5 and 6
IO
22 (TL = 60°C, 1/8″ Lead Lengths)
6.0 (TA = 60°C, P.C. Board mounting)
Amps
Non–Repetitive Peak Surge Current
(Surge applied at rated load conditions)
IFSM
400 (for 1 cycle)
Amps
Operating and Storage Junction
Temperature Range
TJ, Tstg
*65 to +175
°C
ELECTRICAL CHARACTERISTICS
Characteristic and Conditions
Symbol
Max
Unit
Maximum Instantaneous Forward Voltage Drop
(iF = 100 Amps, TJ = 25°C)
vF
1.25
Volts
Maximum Forward Voltage Drop
(IF = 6.0 Amps, TA = 25°C, 3/8″ leads)
VF
0.90
Volts
Maximum Reverse Current
TJ = 25°C
(Rated dc Voltage)
TJ = 100°C
IR
25
1.0
µA
mA
Designer’s Data for “Worst Case” Conditions — The Designer’s Data Sheet permits the design of most circuits entirely from the information presented. SOA Limit
curves — representing boundaries on device characteristics — are given to facilitate “worst case” design.
Preferred devices are Motorola recommended choices for future use and best overall value.
© Motorola, Inc. 1996
Order this document
by MR750/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MR750
MR751
MR752
MR754
MR756
MR758
MR760
HIGH CURRENT
LEAD MOUNTED
SILICON RECTIFIERS
50–1000 VOLTS
DIFFUSED JUNCTION
CASE 194–04
MR754 and MR760 are
Motorola Preferred Devices
Rev 2


Similar Part No. - MR758

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MR758 MCC-MR758 Datasheet
90Kb / 3P
   6 Amp Rectifier 50 - 1000 Volts
logo
Won-Top Electronics
MR758 WTE-MR758 Datasheet
43Kb / 4P
   6.0A STANDARD DIODE
logo
Shanghai Lunsure Electr...
MR758 CHENYI-MR758 Datasheet
60Kb / 3P
   6Amp rectifier 50-1000 volts
logo
Micro Commercial Compon...
MR758 MCC-MR758 Datasheet
126Kb / 5P
   6 Amp Rectifier 50 - 1000 Volts
logo
SUNMATE electronic Co.,...
MR758 SUNMATE-MR758 Datasheet
217Kb / 2P
   6.0A Axial Leaded Silicon Rectifier
More results

Similar Description - MR758

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
1N5391 NJSEMI-1N5391 Datasheet
117Kb / 1P
   LEAD-MOUNTED SILICON RECTIFIERS ( 50-1000 VOLTS DIFFUSED JUNCTION )
logo
Weitron Technology
1N5400 WEITRON-1N5400 Datasheet
350Kb / 3P
   Axial Lead Silicon Rectifiers SILICON RECTIFIERS 3.0 AMPERES 50-1000 VOLTS
logo
ON Semiconductor
MR750 ONSEMI-MR750 Datasheet
96Kb / 7P
   High Current Lead Mounted Rectifiers
March, 2007 ??Rev. 6
logo
New Jersey Semi-Conduct...
MR750 NJSEMI-MR750 Datasheet
89Kb / 1P
   High Current Lead Mounted Rectifiers
1N2069 NJSEMI-1N2069 Datasheet
129Kb / 1P
   DIFFUSED-JUNCTION SILICON RECTIFIERS
logo
Pan Jit International I...
CM1500 PANJIT-CM1500 Datasheet
36Kb / 2P
   HIGH CURRENT SILICON BRIDGE RECTIFIERS(VOLTAGE - 50 to 1000 Volts CURRENT - 15 Amperes)
CM1500W PANJIT-CM1500W Datasheet
40Kb / 2P
   HIGH CURRENT SILICON BRIDGE RECTIFIERS(VOLTAGE - 50 to 1000 Volts CURRENT - 15 Amperes)
logo
Micro Commercial Compon...
GP30A MCC-GP30A Datasheet
80Kb / 3P
   3.0 Amp Glass Passivated Junction Rectifiers 50 to 1000 Volts
GP10A MCC-GP10A Datasheet
84Kb / 3P
   1.0 Amp Glass Passivated Junction Rectifiers 50 to 1000 Volts
GP15A MCC-GP15A Datasheet
80Kb / 3P
   1.5 Amp Glass Passivated Junction Rectifiers 50 to 1000 Volts
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com