Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1658CS8PBF Datasheet(PDF) 4 Page - Linear Dimensions Semiconductor

Part # LTC1658CS8PBF
Description  14-Bit Rail-to-Rail Micropower DAC in MSOP
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR_DIMENSIONS [Linear Dimensions Semiconductor]
Direct Link  http://www.lineardimensions.com
Logo LINEAR_DIMENSIONS - Linear Dimensions Semiconductor

LTC1658CS8PBF Datasheet(HTML) 4 Page - Linear Dimensions Semiconductor

  LTC1658CS8PBF Datasheet HTML 1Page - Linear Dimensions Semiconductor LTC1658CS8PBF Datasheet HTML 2Page - Linear Dimensions Semiconductor LTC1658CS8PBF Datasheet HTML 3Page - Linear Dimensions Semiconductor LTC1658CS8PBF Datasheet HTML 4Page - Linear Dimensions Semiconductor LTC1658CS8PBF Datasheet HTML 5Page - Linear Dimensions Semiconductor LTC1658CS8PBF Datasheet HTML 6Page - Linear Dimensions Semiconductor LTC1658CS8PBF Datasheet HTML 7Page - Linear Dimensions Semiconductor LTC1658CS8PBF Datasheet HTML 8Page - Linear Dimensions Semiconductor LTC1658CS8PBF Datasheet HTML 9Page - Linear Dimensions Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LTC1658
ELECTRICAL CHARACTERISTICS
The q denotes specifications which apply over the full operating
temperature range.
Note 1: Absolute Maximum Ratings are those values beyond which the life
a device may be impaired.
Note 2: Nonlinearity is defined from code 50 to code 16383 (full scale).
See Applications Information.
Note 3: DAC switched between code 16383 and code 50.
Note 4: Digital inputs at 0V or VCC.
Note 5: VOUT can only swing from (GND + VOS) to (VCC – VOS) when
output is unloaded. See Applications Information.
Note 6: Guaranteed by design. Not subject to test.
Note 7: Measured at code 50.
TYPICAL PERFOR A CE CHARACTERISTICS
Differential Nonlinearity (DNL) vs
Input Code
Supply Current vs Logic Input
Voltage
CODE
0
–5
–1
–2
–3
–4
0
1
2
3
4
5
4096
8192
1658 G01
12288
16383
Integral Nonlinearity (INL) vs
Input Code
LOGIC INPUT VOLTAGE (V)
012345
1658 G03
3
2
1
0
ALL DIGITAL INPUTS
TIED TOGETHER
CODE
0
–1.0
–0.2
–0.4
–0.6
–0.8
0
0.2
0.4
0.6
0.8
1.0
4096
8192
1658 G02
12288
16383
Minimum Output Voltage vs
Output Sink Current
Offset Error vs Temperature
Minimum Supply Headroom for
Full Output Swing vs Load Current
OUTPUT SINK CURRENT (mA)
0
5
10
15
1658 G05
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
CODE: ALL ZEROS
125
°C
25
°C
–55
°C
LOAD CURRENT (mA)
0
5
10
15
1658 G04
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
∆VOUT < 1LSB
CODE: ALL 1s
VOUT = 4.096V
125
°C
25
°C
–55
°C
TEMPERATURE (
°C)
–55
–25
5
35
65
95
125
1658 G06
0
–0.5
–1.0
–1.5
–2.0
–2.5
–3.0
–3.5
–4.0
–4.5
–5.0


Similar Part No. - LTC1658CS8PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1658CS8 LINER-LTC1658CS8 Datasheet
261Kb / 12P
   14-Bit Rail-to-Rail Micropower DAC in MSOP
More results

Similar Description - LTC1658CS8PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1658 LINER-LTC1658_15 Datasheet
242Kb / 12P
   14-Bit Rail-to-Rail Micropower DAC in MSOP
LTC1658 LINER-LTC1658 Datasheet
261Kb / 12P
   14-Bit Rail-to-Rail Micropower DAC in MSOP
LTC1659 LINER-LTC1659_1 Datasheet
136Kb / 12P
   12-Bit Rail-to-Rail Micropower DAC in MSOP Package
LTC1659 LINER-LTC1659 Datasheet
132Kb / 12P
   12-Bit Rail-to-Rail Micropower DAC in MSOP Package
LTC1659 LINER-LTC1659_15 Datasheet
142Kb / 12P
   12-Bit Rail-to-Rail Micropower DAC in MSOP Package
LTC1657L LINER-LTC1657L Datasheet
157Kb / 12P
   Parallel 16-Bit Rail-to-Rail Micropower DAC
LTC1657L LINER-LTC1657L_15 Datasheet
215Kb / 16P
   Parallel 16-Bit Rail-to-Rail Micropower DAC
logo
Linear Integrated Syste...
LTC1663-8IMS8 LINEAR-LTC1663-8IMS8 Datasheet
146Kb / 12P
   10-Bit Rail-to-Rail Micropower DAC with
logo
Linear Technology
LTC1448 LINER-LTC1448 Datasheet
241Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DAC
LTC1448 LINER-LTC1448_15 Datasheet
223Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com