Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM24V01 Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # FM24V01
Description  128Kb Serial 3V F-RAM Memory
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM24V01 Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button FM24V01_13 Datasheet HTML 7Page - Cypress Semiconductor FM24V01_13 Datasheet HTML 8Page - Cypress Semiconductor FM24V01_13 Datasheet HTML 9Page - Cypress Semiconductor FM24V01_13 Datasheet HTML 10Page - Cypress Semiconductor FM24V01_13 Datasheet HTML 11Page - Cypress Semiconductor FM24V01_13 Datasheet HTML 12Page - Cypress Semiconductor FM24V01_13 Datasheet HTML 13Page - Cypress Semiconductor FM24V01_13 Datasheet HTML 14Page - Cypress Semiconductor FM24V01_13 Datasheet HTML 15Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
FM24V01 - 128Kb I2C FRAM
Document Number: 001-84459 Rev. *A
Page 11 of 15
AC Parameters (TA = -40 C to + 85 C, VDD =2.0V to 3.6V unless otherwise specified)
F/S-mode
(CL<500pF)
HS-mode
(CL<100pF)
Symbol
Parameter
Min
Max
Min
Max
Units
Notes
fSCL
SCL Clock Frequency
0
1.0
0
3.4
MHz
1
tLOW
Clock Low Period
500
160
ns
tHIGH
Clock High Period
260
60
ns
4
tAA
SCL Low to SDA Data Out Valid
450
130
ns
tBUF
Bus Free Before New Transmission
0.5
0.3
s
tHD:STA
Start Condition Hold Time
260
160
ns
tSU:STA
Start Condition Setup for Repeated Start
260
160
ns
tHD:DAT
Data In Hold
0
0
ns
tSU:DAT
Data In Setup
50
10
ns
3
tR
Input Rise Time
120
80
ns
2
tF
Input Fall Time
120
80
ns
2
tSU:STO
Stop Condition Setup
260
160
ns
tDH
Data Output Hold (from SCL @ VIL)
0
0
ns
tSP
Noise Suppression Time Constant on SCL, SDA
50
5
ns
Notes: All SCL specifications as well as start and stop conditions apply to both read and write operations.
1.
The speed-related specifications are guaranteed characteristic points along a continuous curve of operation from DC to fSCL
(max).
2.
This parameter is periodically sampled and not 100% tested.
3.
In HS-mode and VDD < 2.7V, the tSU:DAT (min.) spec is 15 ns.
4.
In HS-mode and VDD < 2.7V, the tHIGH (min.) spec is 100 ns.
Capacitance (TA = 25 C, f=1.0 MHz, VDD = 3.3V)
Symbol
Parameter
Min
Max
Units
Notes
CI/O
Input/Output Capacitance (SDA)
-
8
pF
1
CIN
Input Capacitance
-
6
pF
1
Notes
1.
This parameter is periodically sampled and not 100% tested.
Power Cycle Timing (TA = -40 C to +85 C, VDD = 2.0V to 3.6V)
Symbol
Parameter
Min
Max
Units
Notes
tVR
VDD Rise Time
50
-
s/V
1,2
tVF
VDD Fall Time
100
-
s/V
1,2
tPU
Power Up (VDD min) to First Access (Start condition)
250
-
s
3
tPD
Last Access (Stop condition) to Power Down (VDD min)
0
-
s
tREC
Recovery Time from Sleep Mode
-
400
s
Notes
1.
This parameter is characterized and not 100% tested.
2.
Slope measured at any point on VDD waveform.
3.
Applies to VDD > 2.7V. When powering up to VDD < 2.7V, the tPU limit is 500 s.


Similar Part No. - FM24V01_13

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
FM24V01-G CYPRESS-FM24V01-G Datasheet
378Kb / 14P
   128Kb Serial 3V F-RAM Memory
FM24V01-GTR CYPRESS-FM24V01-GTR Datasheet
378Kb / 14P
   128Kb Serial 3V F-RAM Memory
FM24V01A CYPRESS-FM24V01A Datasheet
1Mb / 19P
   128-Kbit (16K 횞 8) Serial (I2C) F-RAM
FM24V01A-G CYPRESS-FM24V01A-G Datasheet
1Mb / 19P
   128-Kbit (16K 횞 8) Serial (I2C) F-RAM
FM24V01A-GTR CYPRESS-FM24V01A-GTR Datasheet
1Mb / 19P
   128-Kbit (16K 횞 8) Serial (I2C) F-RAM
More results

Similar Description - FM24V01_13

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
FM24V01 CYPRESS-FM24V01 Datasheet
378Kb / 14P
   128Kb Serial 3V F-RAM Memory
FM25V01 CYPRESS-FM25V01 Datasheet
471Kb / 18P
   128Kb Serial 3V F-RAM Memory
FM25V01 CYPRESS-FM25V01 Datasheet
508Kb / 15P
   128Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM24V01 RAMTRON-FM24V01 Datasheet
317Kb / 14P
   128Kb Serial 3V F-RAM Memory
FM25V01 RAMTRON-FM25V01 Datasheet
407Kb / 15P
   128Kb Serial 3V F-RAM Memory
FM25V02 RAMTRON-FM25V02 Datasheet
343Kb / 17P
   256Kb Serial 3V F-RAM Memory
FM25V10 RAMTRON-FM25V10 Datasheet
333Kb / 16P
   1Mb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24CL64B CYPRESS-FM24CL64B Datasheet
354Kb / 13P
   64Kb Serial 3V F-RAM Memory
FM24V02 CYPRESS-FM24V02 Datasheet
401Kb / 16P
   256Kb Serial 3V F-RAM Memory
FM25L16B CYPRESS-FM25L16B Datasheet
473Kb / 14P
   16Kb Serial 3V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com