Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM25H20-DG Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # FM25H20-DG
Description  2Mb Serial 3V F-RAM Memory
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM25H20-DG Datasheet(HTML) 4 Page - Cypress Semiconductor

  FM25H20-DG Datasheet HTML 1Page - Cypress Semiconductor FM25H20-DG Datasheet HTML 2Page - Cypress Semiconductor FM25H20-DG Datasheet HTML 3Page - Cypress Semiconductor FM25H20-DG Datasheet HTML 4Page - Cypress Semiconductor FM25H20-DG Datasheet HTML 5Page - Cypress Semiconductor FM25H20-DG Datasheet HTML 6Page - Cypress Semiconductor FM25H20-DG Datasheet HTML 7Page - Cypress Semiconductor FM25H20-DG Datasheet HTML 8Page - Cypress Semiconductor FM25H20-DG Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
FM25H20 - 2Mb SPI FRAM
Document Number: 001-85935 Rev. *A
Page 4 of 16
SPI
Microcontroller
FM25H20
Q
D
C
S
HOLD
FM25H20
Q
D
C
S
HOLD
SCK
MOSI
MISO
SS1
SS2
HOLD1
HOLD2
MOSI : Master Out Slave In
MISO : Master In Slave Out
SS : Slave Select
Figure 2. 512KB System Configuration with SPI port
Microcontroller
FM25H20
Q
D
C
S
HOLD
P1.0
P1.1
P1.2
Vdd
Figure 3. System Configuration without SPI port
SPI Mode 0: CPOL=0, CPHA=0
S
C
D
7
6
5
4
3
2
1
0
MSB
LSB
SPI Mode 3: CPOL=1, CPHA=1
S
C
D
7
6
5
4
3
2
1
0
MSB
LSB
Figure 4. SPI Modes 0 & 3


Similar Part No. - FM25H20-DG

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM25H20-DG RAMTRON-FM25H20-DG Datasheet
342Kb / 15P
   2Mb Serial 3V F-RAM Memory
FM25H20-DGTR RAMTRON-FM25H20-DGTR Datasheet
342Kb / 15P
   2Mb Serial 3V F-RAM Memory
More results

Similar Description - FM25H20-DG

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
FM25V20 CYPRESS-FM25V20 Datasheet
531Kb / 17P
   2Mb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM25V20 RAMTRON-FM25V20 Datasheet
531Kb / 17P
   2Mb Serial 3V F-RAM Memory
FM25H20 RAMTRON-FM25H20 Datasheet
342Kb / 15P
   2Mb Serial 3V F-RAM Memory
FM25V02 RAMTRON-FM25V02 Datasheet
343Kb / 17P
   256Kb Serial 3V F-RAM Memory
FM25V10 RAMTRON-FM25V10 Datasheet
333Kb / 16P
   1Mb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24CL64B CYPRESS-FM24CL64B Datasheet
354Kb / 13P
   64Kb Serial 3V F-RAM Memory
FM24V01 CYPRESS-FM24V01 Datasheet
378Kb / 14P
   128Kb Serial 3V F-RAM Memory
FM24V02 CYPRESS-FM24V02 Datasheet
401Kb / 16P
   256Kb Serial 3V F-RAM Memory
FM25L16B CYPRESS-FM25L16B Datasheet
473Kb / 14P
   16Kb Serial 3V F-RAM Memory
FM24CL16B CYPRESS-FM24CL16B_13 Datasheet
364Kb / 14P
   16Kb Serial 3V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com