Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM25L04B-GA Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # FM25L04B-GA
Description  4Kb Serial 3V F-RAM Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM25L04B-GA Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button FM25L04B-GA Datasheet HTML 6Page - Cypress Semiconductor FM25L04B-GA Datasheet HTML 7Page - Cypress Semiconductor FM25L04B-GA Datasheet HTML 8Page - Cypress Semiconductor FM25L04B-GA Datasheet HTML 9Page - Cypress Semiconductor FM25L04B-GA Datasheet HTML 10Page - Cypress Semiconductor FM25L04B-GA Datasheet HTML 11Page - Cypress Semiconductor FM25L04B-GA Datasheet HTML 12Page - Cypress Semiconductor FM25L04B-GA Datasheet HTML 13Page - Cypress Semiconductor FM25L04B-GA Datasheet HTML 14Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
FM25L04B - Automotive Temp.
Document Number: 001-86152 Rev. *A
Page 10 of 14
AC Parameters (TA = -40 C to +125 C, VDD = 3.0V to 3.6V unless otherwise specified)
Symbol
Parameter
Min
Max
Units
Notes
fCK
SCK Clock Frequency
0
10
MHz
tCH
Clock High Time
40
ns
1
tCL
Clock Low Time
40
ns
1
tCSU
Chip Select Setup
10
ns
tCSH
Chip Select Hold
10
ns
tOD
Output Disable Time
30
ns
2
tODV
Output Data Valid Time
35
ns
tOH
Output Hold Time
0
ns
tD
Deselect Time
100
ns
tR
Data In Rise Time
50
ns
2,3
tF
Data In Fall Time
50
ns
2,3
tSU
Data Setup Time
5
ns
tH
Data Hold Time
5
ns
tHS
/HOLD Setup Time
10
ns
tHH
/HOLD Hold Time
10
ns
tHZ
/HOLD Low to Hi-Z
30
ns
2
tLZ
/HOLD High to Data Active
30
ns
2
Notes
1.
tCH + tCL = 1/fCK.
2.
This parameter is characterized but not 100% tested.
3.
Rise and fall times measured between 10% and 90% of waveform.
Capacitance (TA = 25 C, f=1.0 MHz, VDD = 3.3V)
Symbol
Parameter
Min
Max
Units
Notes
CO
Output Capacitance (SO)
-
8
pF
1
CI
Input Capacitance
-
6
pF
1
Notes
1.
This parameter is characterized but not 100% tested.
2.
Slope measured at any point on VDD waveform.
AC Test Conditions
Input Pulse Levels
10% and 90% of VDD
Input and output timing levels
0.5 VDD
Input rise and fall times
5 ns
Output Load Capacitance
30 pF
Power Cycle Timing
VDD min
tPU
VDD
CS
tVR
tPD
tVF
Power Cycle Timing (TA = -40 C to +125 C, VDD = 3.0V to 3.6V unless otherwise specified)
Symbol
Parameter
Min
Max
Units
Notes
tPU
VDD(min) to First Access Start
1
-
ms
tPD
Last Access Complete to VDD(min)
0
-
s
tVR
VDD Rise Time
30
-
s/V
1
tVF
VDD Fall Time
20
-
s/V
1
Notes
1.
Slope measured at any point on VDD waveform.


Similar Part No. - FM25L04B-GA

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM25L04B-G RAMTRON-FM25L04B-G Datasheet
208Kb / 14P
   4Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25L04B-G CYPRESS-FM25L04B-G Datasheet
469Kb / 14P
   4Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM25L04B-GTR RAMTRON-FM25L04B-GTR Datasheet
208Kb / 14P
   4Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25L04B-GTR CYPRESS-FM25L04B-GTR Datasheet
469Kb / 14P
   4Kb Serial 3V F-RAM Memory
More results

Similar Description - FM25L04B-GA

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
FM24CL04B CYPRESS-FM24CL04B_13 Datasheet
325Kb / 13P
   4Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM24CL04B RAMTRON-FM24CL04B Datasheet
287Kb / 12P
   4Kb Serial 3V F-RAM Memory
FM25L04B RAMTRON-FM25L04B Datasheet
208Kb / 14P
   4Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24CL04B CYPRESS-FM24CL04B Datasheet
334Kb / 12P
   4Kb Serial 3V F-RAM Memory
FM25L04B CYPRESS-FM25L04B Datasheet
469Kb / 14P
   4Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM25040B RAMTRON-FM25040B Datasheet
313Kb / 13P
   4Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM25040B CYPRESS-FM25040B Datasheet
449Kb / 13P
   4Kb Serial 5V F-RAM Memory
FM24C04B CYPRESS-FM24C04B_13 Datasheet
324Kb / 13P
   4Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM25040C RAMTRON-FM25040C Datasheet
266Kb / 13P
   4Kb Serial 5V F-RAM Memory
FM24C04C RAMTRON-FM24C04C Datasheet
261Kb / 12P
   4Kb Serial 5V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com