Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V0402MHS22NR Datasheet(PDF) 5 Page - Littelfuse

Part # V0402MHS22NR
Description  Surface Mount Multilayer Varistors (MLVs) > MHS Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V0402MHS22NR Datasheet(HTML) 5 Page - Littelfuse

  V0402MHS22NR Datasheet HTML 1Page - Littelfuse V0402MHS22NR Datasheet HTML 2Page - Littelfuse V0402MHS22NR Datasheet HTML 3Page - Littelfuse V0402MHS22NR Datasheet HTML 4Page - Littelfuse V0402MHS22NR Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Varistor Products
©2011 Littelfuse, Inc.
Revision: November 29, 2011
MHS Varistor Series
Surface Mount Multilayer Varistors (MLVs) > MHS Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/MHS.html for current information.
Part Numbering System
V 0402
PACKING OPTIONS (See quantities in Packaging section)
DEVICE FAMILY
Littelfuse TVSS Device
R
DEVICE SIZE
0402 = .04 inch x .02 inch
(1.0 mm x 0.5 mm)
0603 = .063 inch x .031 inch
(1.6 mm x 0.8 mm)
MHS 03 N
CAPACITANCE DESIGNATION
03 = 3pF
12 = 12pF
22 = 22pF
END TERMINATION OPTION
N = Nickel Barrier (Ni/Sn)
SERIES DESIGNATOR
MHS = Multilayer Hi-Speed
T = (0603 device only)13in (330mm) Diameter Reel, Plastic Carrier Tape
H = (0603 device only) 7in (178mm) Diameter Reel, Plastic Carrier Tape
R = (available for 0402 and 0603 devices) 7in (178mm) Diameter Reel, Paper Carrier Tape
Packaging*
Quantity
Device Size
13 Inch Reel
("T" Option)
7 Inch Reel
("H" Option)
7 Inch Reel
("R" Option)
0603
10,000
4,000
0402
not available
not available
10,000
K0
T1
D0
P0
D1
P1
A0
P2
B0
F
E
W
T
Tape and Reel Specifications
Symbol
Description
Dimensions in Millimeters
0402 Size
0603 Size
A
0
Width of Cavity
B
0
Length of Cavity
K
0
Depth of Cavity
W
Width of Tape
F
E
P
1
P
2
P
0
D
0
Drive Hole Diameter
D
1
T
1
Top Tape Thickness
0.1 Max
0.1 Max
T
Nominal Carrier Tape Thickness
1.1
1.1
Notes:


Similar Part No. - V0402MHS22NR

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V0402MHS22NR LITTELFUSE-V0402MHS22NR Datasheet
430Kb / 6P
   MHS Varistor Series
More results

Similar Description - V0402MHS22NR

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V0402MHS03N LITTELFUSE-V0402MHS03N Datasheet
836Kb / 5P
   Surface Mount Multilayer Varistors (MLVs) > MHS Series
V0603MHS03NH LITTELFUSE-V0603MHS03NH Datasheet
836Kb / 5P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MHS Series
V0603MHS22NH LITTELFUSE-V0603MHS22NH Datasheet
259Kb / 5P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MHS Series
V5.5MLA0402NR LITTELFUSE-V5.5MLA0402NR Datasheet
875Kb / 8P
   Surface Mount Multilayer Varistors (MLVs)
V30MLA0603H LITTELFUSE-V30MLA0603H Datasheet
875Kb / 8P
   Surface Mount Multilayer Varistors (MLVs)
V56MLA1206H LITTELFUSE-V56MLA1206H Datasheet
875Kb / 8P
   Surface Mount Multilayer Varistors (MLVs)
V5.5MLA020133NR LITTELFUSE-V5.5MLA020133NR Datasheet
380Kb / 3P
   Surface Mount Multilayer Varistors (MLVs)
V3.5MLA0603N LITTELFUSE-V3.5MLA0603N_10 Datasheet
678Kb / 8P
   Surface Mount Multilayer Varistors (MLVs)
V5.5MLA0603LNR LITTELFUSE-V5.5MLA0603LNR Datasheet
729Kb / 8P
   Surface Mount Multilayer Varistors (MLVs)
V0402MHS03N LITTELFUSE-V0402MHS03N_10 Datasheet
416Kb / 5P
   Surface Mount Multilayer Varistors (MLVs)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com