Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM28V020-TG Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # FM28V020-TG
Description  256Kbit Bytewide F-RAM Memory
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM28V020-TG Datasheet(HTML) 5 Page - Cypress Semiconductor

  FM28V020-TG Datasheet HTML 1Page - Cypress Semiconductor FM28V020-TG Datasheet HTML 2Page - Cypress Semiconductor FM28V020-TG Datasheet HTML 3Page - Cypress Semiconductor FM28V020-TG Datasheet HTML 4Page - Cypress Semiconductor FM28V020-TG Datasheet HTML 5Page - Cypress Semiconductor FM28V020-TG Datasheet HTML 6Page - Cypress Semiconductor FM28V020-TG Datasheet HTML 7Page - Cypress Semiconductor FM28V020-TG Datasheet HTML 8Page - Cypress Semiconductor FM28V020-TG Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
FM28V020 - 32Kx8 F-RAM
Document Number: 001-86204 Rev. *A
Page 5 of 16
access. Precharge is user-initiated by driving at least
one of the chip enable signals to an inactive state. The
chip enable must remain inactive for at least the
minimum precharge time tPC.
Precharge is also activated by changing the upper
addess A(14:3). The current row is first closed prior
to accessing the new row. The device automatically
detects an upper order address change which starts a
precharge operation, the new address is latched, and
the new read data is valid within the tAA address
access time. Refer to the Read Cycle Timing 1
diagram on page 9. Likewise a similar sequence
occurs for write cycles. Refer to the Write Cycle
Timing 3 diagram on page 11.
The rate at which
random addresses can be issued is tRC and tWC,
respectively.
Endurance
The FM28V020 is capable of being accessed at least
10
14 times – reads or writes. An F-RAM memory
operates
with
a
read
and
restore
mechanism.
Therefore, an endurance cycle is applied on a row
basis. The F-RAM architecture is based on an array
of rows and columns. Rows are defined by A14-A3
and column addresses by A2-A0. The array is
organized as 4K rows of 8-bytes each. The entire row
is internally accessed once whether a single byte or
all eight bytes are read or written. Each byte in the
row is counted only once in an endurance calculation
if the addressing is contiguous in nature.
The user may choose to store CPU instructions and
run them from a certain address space. The table
below shows endurance calculations for 256-byte
repeating loop, which includes a starting address and
initial access, 7 page mode accesses, and a CE
precharge. The number of bus clocks needed to
complete an 8-byte read transaction is 1+7+1 or 9
clocks.
The
entire
loop
causes
each byte to
experience only one endurance cycle. F-RAM read
and write endurance is virtually unlimited.
Table 1. Time to Reach 100 Trillion Cycles for Repeating 256-byte Loop
Bus Freq
(MHz)
Bus Cycle
Time (ns)
256-byte
Transaction
Time ( s)
Endurance
Cycles/sec.
Endurance
Cycles/year
Years to
Reach 10
14
Cycles
10
100
28.8
34,720
1.09 x 10
12
91.7
5
200
57.6
17,360
5.47 x 10
11
182.8


Similar Part No. - FM28V020-TG

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM28V020-TG RAMTRON-FM28V020-TG Datasheet
165Kb / 14P
   256Kbit Bytewide F-RAM Memory
FM28V020-TG RAMTRON-FM28V020-TG Datasheet
251Kb / 14P
   256Kbit Bytewide F-RAM Memory
FM28V020-TGTR RAMTRON-FM28V020-TGTR Datasheet
165Kb / 14P
   256Kbit Bytewide F-RAM Memory
FM28V020-TGTR RAMTRON-FM28V020-TGTR Datasheet
251Kb / 14P
   256Kbit Bytewide F-RAM Memory
More results

Similar Description - FM28V020-TG

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM28V020 RAMTRON-FM28V020 Datasheet
165Kb / 14P
   256Kbit Bytewide F-RAM Memory
FM28V020 RAMTRON-FM28V020_11 Datasheet
251Kb / 14P
   256Kbit Bytewide F-RAM Memory
FM28V100 RAMTRON-FM28V100 Datasheet
147Kb / 13P
   1Mbit Bytewide F-RAM Memory
logo
Cypress Semiconductor
FM28V100 CYPRESS-FM28V100 Datasheet
423Kb / 13P
   1Mbit Bytewide F-RAM Memory
FM28V100 CYPRESS-FM28V100_13 Datasheet
402Kb / 14P
   1Mbit Bytewide F-RAM Memory
logo
Ramtron International C...
FM28V100 RAMTRON-FM28V100_10 Datasheet
321Kb / 13P
   1Mbit Bytewide F-RAM Memory
logo
Cypress Semiconductor
FM1808B CYPRESS-FM1808B Datasheet
336Kb / 12P
   256Kb Bytewide 5V F-RAM Memory
logo
Ramtron International C...
FM1608B RAMTRON-FM1608B Datasheet
94Kb / 11P
   64Kb Bytewide 5V F-RAM Memory
logo
Cypress Semiconductor
FM1608B CYPRESS-FM1608B Datasheet
342Kb / 14P
   64Kb Bytewide 5V F-RAM Memory
logo
Ramtron International C...
FM1808B RAMTRON-FM1808B Datasheet
94Kb / 11P
   256Kb Bytewide 5V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com