Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD20NF06LT4 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STD20NF06LT4
Description  N-channel 60V - 0.032廓 - 24A - DPAK - IPAK STripFET??II Power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD20NF06LT4 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STD20NF06LT4 Datasheet HTML 6Page - STMicroelectronics STD20NF06LT4 Datasheet HTML 7Page - STMicroelectronics STD20NF06LT4 Datasheet HTML 8Page - STMicroelectronics STD20NF06LT4 Datasheet HTML 9Page - STMicroelectronics STD20NF06LT4 Datasheet HTML 10Page - STMicroelectronics STD20NF06LT4 Datasheet HTML 11Page - STMicroelectronics STD20NF06LT4 Datasheet HTML 12Page - STMicroelectronics STD20NF06LT4 Datasheet HTML 13Page - STMicroelectronics STD20NF06LT4 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
STD20NF06L - STD20NF06L-1
Package mechanical data
11/14
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
2.2
2.4
0.086
0.094
A1
0.9
1.1
0.035
0.043
A2
0.03
0.23
0.001
0.009
B
0.64
0.9
0.025
0.035
b4
5.2
5.4
0.204
0.212
C
0.45
0.6
0.017
0.023
C2
0.48
0.6
0.019
0.023
D
6
6.2
0.236
0.244
D1
5.1
0.200
E
6.4
6.6
0.252
0.260
E1
4.7
0.185
e
2.28
0.090
e1
4.4
4.6
0.173
0.181
H
9.35
10.1
0.368
0.397
L
1
0.039
(L1)
2.8
0.110
L2
0.8
0.031
L4
0.6
1
0.023
0.039
R
0.2
0.008
V2
DPAK MECHANICAL DATA
0068772-F


Similar Part No. - STD20NF06LT4

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STD20NF06LT4 VBSEMI-STD20NF06LT4 Datasheet
899Kb / 6P
   N-Channel 60-V (D-S) MOSFET
More results

Similar Description - STD20NF06LT4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD16NF06L STMICROELECTRONICS-STD16NF06L_07 Datasheet
362Kb / 14P
   N-channel 60V - 0.060廓 - 24A - DPAK/IPAK STripFET??II Power MOSFET
STD16NF06L STMICROELECTRONICS-STD16NF06L Datasheet
442Kb / 11P
   N-channel 60V - 0.060 - 24A - DPAK/IPAK STripFET II Power MOSFET
STD20NF06L STMICROELECTRONICS-STD20NF06L Datasheet
416Kb / 14P
   N-channel 60V - 0.032OHM - 24A - DPAK - IPAK STripFET II Power MOSFET
STD12NF06-1 STMICROELECTRONICS-STD12NF06-1 Datasheet
333Kb / 14P
   N-channel 60V - 0.08廓 - 12A - DPAK - IPAK STripFET??II Power MOSFET
STD20NF06 STMICROELECTRONICS-STD20NF06 Datasheet
342Kb / 13P
   N-CHANNEL 60V - 0.032OHM - 24A DPAK STripFET TM II POWER MOSFET
STD12NF06L STMICROELECTRONICS-STD12NF06L_07 Datasheet
323Kb / 14P
   N-channel 60V - 0.08??- 12A - DPAK - IPAK STripFET??II Power MOSFET
STD30PF03L STMICROELECTRONICS-STD30PF03L Datasheet
320Kb / 8P
   P-CHANNEL 30V - 0.025ohm - 24A DPAK/IPAK STripFET??II POWER MOSFET
STD12NF06 STMICROELECTRONICS-STD12NF06 Datasheet
443Kb / 10P
   N-CHANNEL 60V - 0.08 ohm - 12A IPAK/DPAK STripFET??II POWER MOSFET
STD12NF06L STMICROELECTRONICS-STD12NF06L Datasheet
444Kb / 10P
   N-CHANNEL 60V - 0.08 ohm - 12A IPAK/DPAK STripFET??II POWER MOSFET
STD60NF55L STMICROELECTRONICS-STD60NF55L_06 Datasheet
430Kb / 14P
   N-channel 55V - 0.012廓 - 60A - DPAK/IPAK STripFET??II Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com