Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZMM5258B Datasheet(PDF) 3 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

Part # ZMM5258B
Description  ZENER DIODES Voltage: 2.4-56V P e a k Pulse Power: 500mW Glass passivated junction
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Electronics (Jiangsu) Co.,Ltd.]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Electronics (Jiangsu) Co.,Ltd.

ZMM5258B Datasheet(HTML) 3 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

  ZMM5258B Datasheet HTML 1Page - Microdiode Electronics (Jiangsu) Co.,Ltd. ZMM5258B Datasheet HTML 2Page - Microdiode Electronics (Jiangsu) Co.,Ltd. ZMM5258B Datasheet HTML 3Page - Microdiode Electronics (Jiangsu) Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
500
400
300
200
100
0
0
50
100
150
200
250
RATINGS AND CHARACTERISTIC CURVES DL/ZMM52 SERIES
50
40
30
20
10
0
5
10
15
20
25
30
mA
Breakdown characteristics
Test Current
Iz=20mA
V
Vz,ZENER VOLTAGE,volts
Admissible power dissipation versus ambient temperature
Valid provided that leads are kept at ambient temperature at a distance of 10mm from case
AMBIENT TEMPERATURE, C
MDD ELECTRONIC


Similar Part No. - ZMM5258B

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
ZMM5258B JGD-ZMM5258B Datasheet
198Kb / 2P
   SURFACE MOUNT ZENER DIODES/MINI MELF
logo
Shenzhen Ping Sheng Ele...
ZMM5258B PFS-ZMM5258B Datasheet
139Kb / 3P
   500mW SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
ZMM5258B DIODES-ZMM5258B Datasheet
82Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
ZMM5258B DIODES-ZMM5258B Datasheet
80Kb / 3P
   500mW SURFACE MOUNT ZENER DIODE
DS30024 Rev. C-2
logo
EIC discrete Semiconduc...
ZMM5258B EIC-ZMM5258B Datasheet
126Kb / 2P
   ZENER DIODES
More results

Similar Description - ZMM5258B

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
SODZ200A-SH LRC-SODZ200A-SH_15 Datasheet
364Kb / 12P
   GLASS PASSIVATED JUNCTION Zener voltage regulator diodes
SZA LRC-SZA_15 Datasheet
185Kb / 10P
   GLASS PASSIVATED JUNCTION Zener voltage regulator diodes
SZAF LRC-SZAF_15 Datasheet
216Kb / 10P
   GLASS PASSIVATED JUNCTION Zener voltage regulator diodes
logo
Pan Jit International I...
2EZ11 PANJIT-2EZ11_04 Datasheet
305Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1N5913B PANJIT-1N5913B Datasheet
457Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB2EZ6.8 PANJIT-1SMB2EZ6.8_09 Datasheet
356Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8_09 Datasheet
347Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1N5334B PANJIT-1N5334B Datasheet
453Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
logo
Shenzhen Taychipst Elec...
1SMB2EZ6.8 TAYCHIPST-1SMB2EZ6.8 Datasheet
12Mb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
logo
Pan Jit International I...
3EZ6.8 PANJIT-3EZ6.8 Datasheet
693Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com