Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZS-26-F Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # ZS-26-F
Description  Pressure Sensor Series PSE530
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ZS-26-F Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ZS-26-F Datasheet HTML 1Page - List of Unclassifed Manufacturers ZS-26-F Datasheet HTML 2Page - List of Unclassifed Manufacturers ZS-26-F Datasheet HTML 3Page - List of Unclassifed Manufacturers ZS-26-F Datasheet HTML 4Page - List of Unclassifed Manufacturers ZS-26-F Datasheet HTML 5Page - List of Unclassifed Manufacturers ZS-26-F Datasheet HTML 6Page - List of Unclassifed Manufacturers ZS-26-F Datasheet HTML 7Page - List of Unclassifed Manufacturers ZS-26-F Datasheet HTML 8Page - List of Unclassifed Manufacturers ZS-26-F Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
1. Do not drop, bump, or apply excessive impacts (980
m/s2) while handling. Although the body of the
sensor may not be damaged, the inside of the
sensor
could
be
damaged
and
lead
to
a
malfunction.
2. The tensile strength of the cord is 23 N. Applying a
greater pulling force on it can cause a malfunction.
When handling, hold the body of the sensor—do
not dangle it from the cord.
3. Do not exceed the screw-in torque of 3.5 N
⋅m when
installing piping. Exceeding this value may cause
malfunctioning of the sensor.
4. Do not use pressure sensors with corrosive and/or
inflammable gases or liquids.
5. Connecting the sensor cable (Option)
Hold the female connector of the sensor cable with your
fingers and carefully insert it into the connector.
Warning
Handling
{ Pressure Sensor
1. Do not drop, bump, or apply excessive impacts
(1000 m/s2) while handling. Although the body of
the controller case may not be damaged, the inside
of the controller could be damaged and cause a
malfunction.
2. The tensile strength of the power supply/output
connection cable is 50 N; that of the pressure
sensor lead wire with connector is 25 N. Applying a
greater pulling force than the applicable specified
tensile strength to either of these components can
lead to a malfunction. When handling, hold the
body of the controller—do not dangle it from the
cord.
Warning
Handling
1. Incorrect wiring can damage the switch and cause
a
malfunction
or
erroneous
switch
output.
Connections should be done while the power is
turned off.
2. Do not attempt to insert or pull the pressure sensor
or its connector when the power is on. Switch
output may malfunction.
3. Wire separately from power lines and high voltage
lines, avoiding wiring in the same conduit with
these lines. Malfunctions may occur due to noise
from these other lines.
4. If a commercial switching regulator is used, make
sure that the F.G. terminal is grounded.
Connection
Warning
1. Our multi-channel pressure sensor controllers are
CE marked; however, they are not equipped with
surge protection against lightning. Lightning surge
countermeasures should be applied directly to
system components as necessary.
2. Our multi-channel pressure sensor controllers do
not have an explosion proof rating. Never use
pressure sensors in the presence of inflammable or
explosive gases.
3. Enclosure “IP65” applies only to the front face of
the panel when mounting. Do not use in an
environment where oil splashing or spraying are
anticipated.
Operating Environment
Warning
1. The pressure sensors are CE marked; however, they
are not equipped with surge protection against
lightning. Lightning surge countermeasures should
be applied directly to system components as
necessary.
2. The pressure sensors do not have an explosion
proof rating. Never use pressure sensors in the
presence of inflammable or explosive gases.
Operating Environment
Warning
{ Controller
Sensor
Male connector
Female connector
Unlock
Lock
Sensor
Connector cover
A connector cover is provided as part of the cable assembly
(see the figure below). It is designed to keep the female
connector from slipping out of the sensor. To lock the connector
cover in place, first make sure it is facing in the right direction
as you slip it over the female connector, then lock it to the
sensor body by turning it clockwise. To remove the cover, first
unlock it by turning it counterclockwise, then pull back on it. To
remove the female connector, grab it with your fingers and pull
back on it. Do not pull on the cable.
Series
PSE
Specific Product Precautions 1
Be sure to read before handling.
16-3-19
ZSE
„
ISE
„
PSE
Z
I SE3
PS
Z
I SE
1
2
ZSP
ISA2
IS
„
ZSM
PF2
„
IF
„
Data


Similar Part No. - ZS-26-F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZS-27-C ETC1-ZS-27-C Datasheet
1Mb / 21P
   High Precision, 2-color Display Digital Pressure Switch
More results

Similar Description - ZS-26-F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSE530-M5 ETC2-PSE530-M5 Datasheet
59Kb / 1P
   Pressure Sensor Series PSE530
logo
All Sensors Corporation
DS-0333 ASC-DS-0333 Datasheet
1Mb / 5P
   XHM SERIES PRESSURE SENSOR
DS-0329 ASC-DS-0329 Datasheet
1Mb / 11P
   FPS SERIES PRESSURE SENSOR
logo
Festo Corporation.
8001208 FESTO-8001208 Datasheet
100Kb / 2P
   Pressure sensor
8001224 FESTO-8001224 Datasheet
101Kb / 2P
   Pressure sensor
8001229 FESTO-8001229 Datasheet
101Kb / 2P
   Pressure sensor
8001238 FESTO-8001238 Datasheet
107Kb / 2P
   Pressure sensor
8035535 FESTO-8035535 Datasheet
107Kb / 2P
   Pressure sensor
8035538 FESTO-8035538 Datasheet
107Kb / 2P
   Pressure sensor
8035554 FESTO-8035554 Datasheet
98Kb / 2P
   Pressure sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com