Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZS-27-C Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # ZS-27-C
Description  High Precision, 2-color Display Digital Pressure Switch
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ZS-27-C Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button ZS-27-C Datasheet HTML 5Page - List of Unclassifed Manufacturers ZS-27-C Datasheet HTML 6Page - List of Unclassifed Manufacturers ZS-27-C Datasheet HTML 7Page - List of Unclassifed Manufacturers ZS-27-C Datasheet HTML 8Page - List of Unclassifed Manufacturers ZS-27-C Datasheet HTML 9Page - List of Unclassifed Manufacturers ZS-27-C Datasheet HTML 10Page - List of Unclassifed Manufacturers ZS-27-C Datasheet HTML 11Page - List of Unclassifed Manufacturers ZS-27-C Datasheet HTML 12Page - List of Unclassifed Manufacturers ZS-27-C Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Error
description
over-
current
error
Residual
pressure
error
Applied
pressure
error
System
error
LCD
display
Condition
Solution
Take the following corrective solutions when errors occur.
Load current of switch
output is more than 80 mA.
Pressure is applied during the
zero out operation as follows:
When the switch for positive
pressure is used: ±0.071 MPa
or more.
When the switch positive
pressure is used:
±7.1 kPa or more.
After displaying for 3 seconds,
it will return to the measuring
mode. Due to the individual
product difference, the setting
range varies ±10% F.S.
Supply pressure exceeds
the maximum regulating
pressure.
Supply pressure is below
the minimum regulating
pressure.
Shut off the power
supply. After eliminating
the output factor that
caused the excess
current, turn the power
supply back on.
Bring the pressure
back to atmospheric
pressure and try
using the zero out
function.
Reduce/Increase
supply pressure to
within the regulating
pressure range.
Shut off the power
supply. Turn the
power supply back
on.
If the power should
not come back on,
please contact SMC
for an inspection.
SET
MPa
PRESSURE
OUT
Description
Error Correction
Example of Internal Circuit and Wiring
Indication light (Green)
LCD display
DOWN button
Displays the switch operation status.
UP button
SET button
-25
NPN open collector output
Maximum 30 V, 80 mA
Residual voltage:
1 V or less
-26
Analog output type
1 to 5 V (±2.5% F.S.)
Output impedance:
1 kΩ
-28
Analog output type
4 to 20 mA (±2.5% F.S.)
Maximum load impedance:
Power supply voltage 12 V: 300 Ω
Power supply voltage 24 V: 600 Ω
Minimum load impedance: 50 Ω
-65
PNP open collector
Maximum 80 mA
+
+
+
+
Load
Brown DC(+)
Black OUT
Blue DC(–)
Load
Brown DC(+)
Black OUT
(Analog output)
Blue DC(–)
Load
Brown DC(+)
Black OUT
(Analog output)
Blue DC(–)
Brown DC(+)
Black OUT
Blue DC(–)
Load
12
to
24 VDC
Displays the current pressure
condition,
setting
mode
conditions, selected display unit,
and error codes. A display color
type can be selected from either a
single color display with red or
green, or 2-color display in which
green
and
red
are
switched
according to the output.
Use this button to change the
mode or increase the ON/OFF set
value. It also allows you to switch
to the peak value display mode.
Use this button to switch the
mode and set the set value.
Use this button to change the
mode or decrease the ON/OFF
set value. It also allows you to
switch to the bottom value display
mode.
Internal data error
Internal data error
Internal data error
Internal data error
12
to
24 VDC
12
to
24 VDC
12
to
24 VDC
16-2-9
ZSE
„
ISE
„
PSE
Z
I SE3
PS
Z
I SE
1
2
ZSP
ISA2
IS
„
ZSM
PF2
„
IF
„
Data
Series
ZSE30/ISE30
High Precision,
2-color Display Digital Pressure Switch


Similar Part No. - ZS-27-C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZS-26-F ETC1-ZS-26-F Datasheet
681Kb / 12P
   Pressure Sensor Series PSE530
More results

Similar Description - ZS-27-C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ISE30-T1-25 ETC2-ISE30-T1-25 Datasheet
1Mb / 21P
   High Precision,2-color Display Digital Pressure Switch
ISE40-T1-22 ETC2-ISE40-T1-22 Datasheet
1Mb / 17P
   High Precision, Digital Pressure Switch
logo
Panasonic Semiconductor
DP-M2 PANASONIC-DP-M2 Datasheet
333Kb / 6P
   Micro-differential Pressure High-precision Digital Pressure Sensor
logo
Copal Electronics
PS30 COPAL-PS30 Datasheet
255Kb / 8P
   DISPLAY TYPE PRESSURE SWITCH
logo
List of Unclassifed Man...
DP-101A-N ETC2-DP-101A-N Datasheet
2Mb / 16P
   Dual Display Digital Pressure Sensor
logo
Copal Electronics
PA-204 COPAL-PA-204 Datasheet
708Kb / 2P
   HIGH PRECISION PRESSURE TRANSDUCER
logo
List of Unclassifed Man...
DP-100 ETC2-DP-100 Datasheet
2Mb / 16P
   Dual Display Digital Pressure Sensor For Gas
logo
Fairchild Semiconductor
FJAF6812TU FAIRCHILD-FJAF6812TU Datasheet
86Kb / 5P
   High Voltage Color Display Horizontal
logo
Sensortechnics GmbH
ASDX015A24R-A SENSORTECHNICS-ASDX015A24R-A Datasheet
93Kb / 5P
   Signal conditioned high precision pressure transducers
logo
Festo Corporation.
538031 FESTO-538031 Datasheet
92Kb / 1P
   Precision pressure regulator
3/18/22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com