Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-790A-300E Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-790A-300E
Description  Compact, Auto-Insertable DIP-8 Package
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-790A-300E Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPL-790A-300E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-790A-300E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-790A-300E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-790A-300E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-790A-300E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPL-790A-300E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACPL-790A-300E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ACPL-790A-300E Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ACPL-790A-300E Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
Figure 10. Nonlinearity vs. supply VDD2.
Figure 9. Nonlinearity vs. supply VDD1.
Figure 12. Output voltage vs. input voltage.
Figure 11. Nonlinearity vs. temperature.
Figure 14. Input impedance vs. temperature.
Figure 13. Input current vs. input voltage.
0.010
0.015
0.020
0.025
0.030
0.035
0.040
0.045
0.050
4.54.755
5.25
5.5
VDD1 - SUPPLY VOLTAGE - V
0.010
0.015
0.020
0.025
0.030
0.035
0.040
0.045
0.050
33.54
4.55
5.5
VDD2 - SUPPLY VOLTAGE - V
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
-40
-200
20
40
60
80
100
120
TA - TEMPERATURE - °C
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-0.4-0.3-0.2-0.1
00.1
0.2
0.3
0.4
VIN+ - INPUT VOLTAGE - V
-30
-25
-20
-15
-10
-5
0
5
10
15
20
-0.6-0.4-0.2
00.2
0.4
0.6
VIN+ - INPUT VOLTAGE - V
21
22
23
24
25
-40
-200
20
40
60
80
100
120
TA - TEMPERATURE - °C
NL200, VDD2 = 5 V
NL200, VDD2 = 3.3 V
NL100, VDD2 = 5 V
NL100, VDD2 = 3.3 V
NL100
NL200
VDD1 = 5 V
NL100
NL200
VOUT+
VOUT–
VIN+ = 0 to 300 mV


Similar Part No. - ACPL-790A-300E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-790A-500E AVAGO-ACPL-790A-500E Datasheet
198Kb / 15P
   Precision Isolation Amplifiers
More results

Similar Description - ACPL-790A-300E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACFL-6211U AVAGO-ACFL-6211U Datasheet
822Kb / 13P
   Compact, auto-insertable stretched SO12 packages
logo
Solid State Optronic
SM8024 SSOUSA-SM8024 Datasheet
240Kb / 7P
   Compact 8 pin DIP/SMD package
logo
Tyco Electronics
2-1437586-0 MACOM-2-1437586-0 Datasheet
171Kb / 4P
   DIP Switches, Extended Actuator, Auto Insertable, Through Hole and Surface Mount
logo
Total Power Internation...
MDWI03 TOTAL-POWER-MDWI03 Datasheet
454Kb / 4P
   Ultra compact DIP Package
logo
Solid State Optronic
SDD400 SSOUSA-SDD400_15 Datasheet
673Kb / 6P
   Compact 4pin DIP package
logo
Total Power Internation...
MGWI06 TOTAL-POWER-MGWI06 Datasheet
459Kb / 4P
   Ultra compact DIP Package
logo
Tyco Electronics
2-1437586-9 MACOM-2-1437586-9 Datasheet
171Kb / 4P
   DIP Switches, Extended Actuator, Auto Insertable, Through Hole and Surface Mount
2-1437587-4 MACOM-2-1437587-4 Datasheet
171Kb / 4P
   DIP Switches, Extended Actuator, Auto Insertable, Through Hole and Surface Mount
2-1437586-5 MACOM-2-1437586-5 Datasheet
171Kb / 4P
   DIP Switches, Extended Actuator, Auto Insertable, Through Hole and Surface Mount
2-1437586-8 MACOM-2-1437586-8 Datasheet
171Kb / 4P
   DIP Switches, Extended Actuator, Auto Insertable, Through Hole and Surface Mount
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com