Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-M72T-000E Datasheet(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-M72T-000E
Description  High Speed, Low Power Digital Optocouplers with R2Coupler??Isolation and AEC-Q100 Grade 1 Qualifi cation
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-M72T-000E Datasheet(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPL-M72T-000E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-M72T-000E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-M72T-000E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-M72T-000E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-M72T-000E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-M72T-000E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPL-M72T-000E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACPL-M72T-000E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ACPL-M72T-000E Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
Figure 15. Low Power Mode High CMR, CMH Test Circuit
Figure 16. Low Power Mode High CMR, CML Test Circuit
GND2
0.1 μF
Bypass Cap
OUTPUT Vo
MONITORING
NODE
SHIELD
+
1
3
6
4
5
R1=350
Vdd=5 V
R2=350
High Voltage Pulse
VCM = 1000V
CL=15pF
ACPL-M72T
GND2
0.1 μF
Bypass Cap
OUTPUT Vo
MONITORING
NODE
SHIELD
+
1
3
6
4
5
R1=350
Vdd=5 V
R2=350
High Voltage Pulse
VCM = 1000V
CL=15pF
ACPL-M72T
Vin =
4.5 - 5.5V
ACPL-M72T Low Power Mode:
Figure 14. Low Power Mode Switching Test Circuit and Typical Waveform
GND2
0.1 μF
Bypass Cap
OUTPUT Vo
MONITORING
NODE
SHIELD
1
3
6
4
5
Rin=700
Vdd=5 V
CL=15pF
ACPL-M72T
GND1
INPUT
MONITORING
NODE
PULSE GEN.
0
VO
tPHL
tPLH
80% Vdd
Vdd
VOL
Vin
2
Vin
2
0.8 V
Vin


Similar Part No. - ACPL-M72T-000E

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-M72T-000E BOARDCOM-ACPL-M72T-000E Datasheet
371Kb / 12P
   High Speed, Low Power Digital Optocouplers with R2Coupler Isolation and AEC-Q100 Grade 1 Qualifi cation
More results

Similar Description - ACPL-M72T-000E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M71T AVAGO-ACPL-M71T Datasheet
119Kb / 12P
   High Speed, Low Power Digital Optocouplers with R2Coupler Isolation and AEC-Q100 Grade 1 Qualifi cation
logo
Broadcom Corporation.
ACPL-M72T-000E BOARDCOM-ACPL-M72T-000E Datasheet
371Kb / 12P
   High Speed, Low Power Digital Optocouplers with R2Coupler Isolation and AEC-Q100 Grade 1 Qualifi cation
ACPL-M71T-000E BOARDCOM-ACPL-M71T-000E Datasheet
371Kb / 12P
   High Speed, Low Power Digital Optocouplers with R2Coupler??Isolation and AEC-Q100 Grade 1 Qualification
ACPL-K74T-000E BOARDCOM-ACPL-K74T-000E Datasheet
870Kb / 16P
   Automotive High-Speed Low-Power Digital Optocouplers with R2Coupler짰 Isolation and AEC-Q100 Grade 1 Qualification
ACPL-K72T-000E BOARDCOM-ACPL-K72T-000E Datasheet
870Kb / 16P
   Automotive High-Speed Low-Power Digital Optocouplers with R2Coupler짰 Isolation and AEC-Q100 Grade 1 Qualification
ACPL-K75T-000E BOARDCOM-ACPL-K75T-000E Datasheet
870Kb / 16P
   Automotive High-Speed Low-Power Digital Optocouplers with R2Coupler짰 Isolation and AEC-Q100
ACPL-M61T-000E BOARDCOM-ACPL-M61T-000E Datasheet
219Kb / 10P
   10MBd Wide Operating Temperature Automotive Digital Optocoupler with R2Coupler??Isolation and AEC-Q100 Qualification
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M61T AVAGO-ACPL-M61T Datasheet
219Kb / 10P
   10MBd Wide Operating Temperature Automotive Digital Optocoupler with R2Coupler??Isolation and AEC-Q100 Qualification
ACFL-5211T AVAGO-ACFL-5211T Datasheet
312Kb / 12P
   Qualified to AEC Q100 Grade 1 Guidelines
ACFL-5212T AVAGO-ACFL-5212T Datasheet
343Kb / 12P
   Qualified to AEC Q100 Grade 1 Guidelines
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com