Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR1168STRPBF Datasheet(PDF) 5 Page - International Rectifier

Part # IR1168STRPBF
Description  DUAL SMART RECTIFIER DRIVER IC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR1168STRPBF Datasheet(HTML) 5 Page - International Rectifier

  IR1168STRPBF Datasheet HTML 1Page - International Rectifier IR1168STRPBF Datasheet HTML 2Page - International Rectifier IR1168STRPBF Datasheet HTML 3Page - International Rectifier IR1168STRPBF Datasheet HTML 4Page - International Rectifier IR1168STRPBF Datasheet HTML 5Page - International Rectifier IR1168STRPBF Datasheet HTML 6Page - International Rectifier IR1168STRPBF Datasheet HTML 7Page - International Rectifier IR1168STRPBF Datasheet HTML 8Page - International Rectifier IR1168STRPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
IR1168S
www.irf.com
© 2009 International Rectifier
5
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All voltage
parameters are absolute voltages referenced to COM, all currents are defined positive into any lead. The thermal
resistance and power dissipation ratings are measured under board mounted and still air conditions.
Parameters
Symbol
Min.
Max.
Units
Remarks
Supply Voltage
VCC
-0.3
20
V
Cont. Drain Sense Voltage
VD
-3
200
V
Pulse Drain Sense Voltage
VD
-5
200
V
Source Sense Voltage
VS
-3
20
V
Gate Voltage
VGATE
-0.3
20
V
VCC=20V, Gate off
Operating Junction Temperature
TJ
-40
150
°C
Storage Temperature
TS
-55
150
°C
Thermal Resistance
RθJA
128
°C/W
SOIC-8
Package Power Dissipation
PD
970
mW
SOIC-8, TAMB=25°C
Switching Frequency
fsw
500
kHz


Similar Part No. - IR1168STRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR1168S IRF-IR1168S Datasheet
261Kb / 19P
   DUAL SMART RECTIFIER DRIVER IC
IR1168S IRF-IR1168S Datasheet
364Kb / 22P
   DUAL SMART RECTIFIER DRIVER IC
IR1168S IRF-IR1168S_15 Datasheet
364Kb / 22P
   DUAL SMART RECTIFIER DRIVER IC
More results

Similar Description - IR1168STRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR1168S IRF-IR1168S_15 Datasheet
364Kb / 22P
   DUAL SMART RECTIFIER DRIVER IC
IR11682S IRF-IR11682S Datasheet
313Kb / 22P
   DUAL SMART RECTIFIER DRIVER IC
IR1168S IRF-IR1168S Datasheet
261Kb / 19P
   DUAL SMART RECTIFIER DRIVER IC
logo
STMicroelectronics
STPRDC01 STMICROELECTRONICS-STPRDC01 Datasheet
90Kb / 3P
   Synchronous rectifier smart driver
March 2018 Rev 1
STRG02 STMICROELECTRONICS-STRG02 Datasheet
185Kb / 3P
   Synchronous rectifier smart driver
March 2016 Rev 1
logo
ON Semiconductor
NCN6804 ONSEMI-NCN6804 Datasheet
341Kb / 25P
   Dual Smart Card Interface IC
December, 2008 ??Rev. 1
logo
International Rectifier
IR11672AS IRF-IR11672AS_11 Datasheet
397Kb / 25P
   ADVANCED SMART RECTIFIER TM CONTROL IC
IR11672AS IRF-IR11672AS Datasheet
1Mb / 25P
   ADVANCED SMART RECTIFIER TM CONTROL IC
IR11662S IRF-IR11662S Datasheet
379Kb / 25P
   ADVANCED SMART RECTIFIER TM CONTROL IC
logo
Feeling Technology Corp...
FD128MX FEELING-FD128MX Datasheet
234Kb / 11P
   Single Phase Smart DC Motor Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com