Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDTA114EU.115 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PDTA114EU.115
Description  PNP Resistor-Equipped Transistor (RET) family in small Surface-Mounted Device (SMD) plastic packages.
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PDTA114EU.115 Datasheet(HTML) 3 Page - NXP Semiconductors

  PDTA114EU.115 Datasheet HTML 1Page - NXP Semiconductors PDTA114EU.115 Datasheet HTML 2Page - NXP Semiconductors PDTA114EU.115 Datasheet HTML 3Page - NXP Semiconductors PDTA114EU.115 Datasheet HTML 4Page - NXP Semiconductors PDTA114EU.115 Datasheet HTML 5Page - NXP Semiconductors PDTA114EU.115 Datasheet HTML 6Page - NXP Semiconductors PDTA114EU.115 Datasheet HTML 7Page - NXP Semiconductors PDTA114EU.115 Datasheet HTML 8Page - NXP Semiconductors PDTA114EU.115 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
PDTA114E_SER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 10 — 21 December 2011
3 of 17
NXP Semiconductors
PDTA114E series
PNP resistor-equipped transistors; R1 = 10 k
, R2 = 10 k
5.
Limiting values
[1]
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard
footprint.
[2]
Reflow soldering is the only recommended soldering method.
[3]
Device mounted on an FR4 PCB with 70
m copper strip line, standard footprint.
Table 6.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCBO
collector-base voltage
open emitter
-
50
V
VCEO
collector-emitter voltage
open base
-
50
V
VEBO
emitter-base voltage
open collector
-
10
V
VI
input voltage
positive
-
+40
V
negative
-
10
V
IO
output current
-
100
mA
ICM
peak collector current
single pulse; tp  1ms
-
100
mA
Ptot
total power dissipation
Tamb  25 C
PDTA114EE (SOT416)
[1][2] -150
mW
PDTA114EM (SOT883)
[2][3] -250
mW
PDTA114ET (SOT23)
[1] -250
mW
PDTA114EU (SOT323)
[1] -200
mW
Tj
junction temperature
-
150
C
Tamb
ambient temperature
65
+150
C
Tstg
storage temperature
65
+150
C


Similar Part No. - PDTA114EU.115

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTA114EU PHILIPS-PDTA114EU Datasheet
58Kb / 8P
   PNP resistor-equipped transistor
1999 Apr 13
PDTA114EU PHILIPS-PDTA114EU Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
PDTA114EU NXP-PDTA114EU Datasheet
181Kb / 14P
   PNP resistor-equipped transistors; R1 = 10 k廓, R2 = 10 k廓
2004 Aug 02
logo
Nexperia B.V. All right...
PDTA114EU NEXPERIA-PDTA114EU Datasheet
1Mb / 17P
   NPN resistor-equipped transistors; R1 = 10 k, R2 = 10 k
Rev. 12 - 21 December 2011
PDTA114EU-Q NEXPERIA-PDTA114EU-Q Datasheet
224Kb / 10P
   50 V, 100 mA PNP resistor-equipped transistor; R1 = 10 kΩ, R2 = 10 kΩ
7 February 2023
More results

Similar Description - PDTA114EU.115

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PUMB2115 NXP-PUMB2115 Datasheet
628Kb / 14P
   PNP/PNP double Resistor-Equipped Transistors (RET) in Surface-Mounted Device (SMD) plastic packages.
Rev. 3-17 November 2011
PUMH13115 NXP-PUMH13115 Datasheet
623Kb / 14P
   NPN/NPN double Resistor-Equipped Transistors (RET) in Surface-Mounted Device (SMD) plastic packages.
Rev. 4-6 December 2011
BCX52-10-115 NXP-BCX52-10-115 Datasheet
1Mb / 22P
   PNP medium power transistor series in Surface-Mounted Device (SMD) plastic packages.
Rev. 9-18 October 2011
BAS70H.115 NXP-BAS70H.115 Datasheet
224Kb / 20P
   General-purpose Schottky diodes in small Surface-Mounted Device (SMD) plastic packages.
Rev. 09-13 January 2010
BAS316.115 NXP-BAS316.115 Datasheet
150Kb / 20P
   High-speed switching diodes, encapsulated in small Surface-Mounted Device (SMD) plastic packages
Rev. 05-25 August 2008
2PB709ART.215 NXP-2PB709ART.215 Datasheet
100Kb / 10P
   PNP general-purpose transistor in a small SOT23 (TO-236AB) Surface-Mounted Device (SMD) plastic package.
Rev. 01-19 March 2007
PDTA114EK PHILIPS-PDTA114EK Datasheet
66Kb / 8P
   PNP resistor-equipped transistor
1998 May 19
PDTA114TE PHILIPS-PDTA114TE Datasheet
52Kb / 8P
   PNP resistor-equipped transistor
1998 Jul 23
PDTA114TT PHILIPS-PDTA114TT Datasheet
46Kb / 8P
   PNP resistor-equipped transistor
1999 Apr 13
PDTA124XE PHILIPS-PDTA124XE Datasheet
50Kb / 8P
   PNP resistor-equipped transistor
1999 May 21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com