Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8034HN-C1,151 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA8034HN-C1,151
Description  The TDA8034HN is a cost-effective analog interface for asynchronous and synchronous
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8034HN-C1,151 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA8034HN-C1,151 Datasheet HTML 3Page - NXP Semiconductors TDA8034HN-C1,151 Datasheet HTML 4Page - NXP Semiconductors TDA8034HN-C1,151 Datasheet HTML 5Page - NXP Semiconductors TDA8034HN-C1,151 Datasheet HTML 6Page - NXP Semiconductors TDA8034HN-C1,151 Datasheet HTML 7Page - NXP Semiconductors TDA8034HN-C1,151 Datasheet HTML 8Page - NXP Semiconductors TDA8034HN-C1,151 Datasheet HTML 9Page - NXP Semiconductors TDA8034HN-C1,151 Datasheet HTML 10Page - NXP Semiconductors TDA8034HN-C1,151 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
TDA8034HN
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3.1. — 5 September 2011
7 of 30
NXP Semiconductors
TDA8034HN
Smart card interface
8.3 Clock circuits
The clock signal from pin CLK to the card is either supplied by an external clock signal
connected to pin XTAL1 or generated using a crystal connected between pins XTAL1 and
XTAL2. The TDA8034HN automatically detects if an external clock is connected to
XTAL1, eliminating the need for a separate pin to select the clock source.
Automatic clock source detection is performed on each activation command (falling edge
of the signal on pin CMDVCCN). The presence of an external clock on pin XTAL1 is
checked during a time window defined by the internal oscillator. If a clock is detected, the
internal crystal oscillator is stopped. If a clock is not detected, the internal crystal oscillator
is started. When an external clock is used, it is mandatory that the clock is applied to pin
XTAL1 before the falling edge of the signal on pin CMDVCCN.
The clock frequency is selected using pins CLKDIV1 and CLKDIV1 to be either fxtal,
1
2 fxtal or
1
4 fxtal or
1
8 fxtal as shown in Table 4.
Remark: The levels on both pins must not be allowed to change simultaneously but
should be separated by a minimum of 10 ns.
The frequency change is synchronous and as such during transition, no pulse is shorter
than 45 % of the smallest period. In addition, only the first and last clock pulse around the
change has the correct width. When dynamically changing the frequency, the modification
is only effective after 10 clock periods on pin XTAL1.
The duty cycle of fxtal on pin CLK should be between 45 % and 55 %. If an external clock
is connected to pin XTAL1, its duty cycle must be between 48 % and 52 %.
When the frequency of the clock signal on pin CLK is either fxtal, 12 fxtal, 14 fxtal or
1
8 fxtal, the frequency dividers guarantee a duty cycle between 45 % and 55 %.
enclkin and clkxtal are internal signal names.
Fig 5.
Basic layout for using an external clock
Table 4.
Clock configuration
Pin CLKDIV1 level
Pin CLKDIV2 level
Pin CLK frequency
LOW
LOW
1
8 fxtal
LOW
HIGH
1
4 fxtal
HIGH
HIGH
1
2 fxtal
HIGH
LOW
fxtal
001aak992
DIGITAL
MULTIPLEXER
CRYSTAL
XTAL1
XTAL2
clkxtal
enclkin


Similar Part No. - TDA8034HN-C1,151

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8034AT NXP-TDA8034AT Datasheet
791Kb / 29P
   Smart card interface
Rev. 2.0-12 November 2010
TDA8034T NXP-TDA8034T Datasheet
791Kb / 29P
   Smart card interface
Rev. 2.0-12 November 2010
More results

Similar Description - TDA8034HN-C1,151

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9728 RICHTEK-RT9728 Datasheet
118Kb / 11P
   The RT9728 is a cost effective
RT9742 RICHTEK-RT9742 Datasheet
272Kb / 19P
   The RT9742 is a cost-effective
logo
TEMEX
ROX3627T3 TEMEX-ROX3627T3 Datasheet
425Kb / 2P
   The ROX3627T3 OCXO is a cost effective stable oscillator for telecom applications
logo
Level One
VOI-8001 LVL1-VOI-8001 Datasheet
134Kb / 2P
   The LevelOne VOI-8001 is a cost-effective VoIP telephone gateway
logo
TEMEX
ROX3827T3 TEMEX-ROX3827T3 Datasheet
472Kb / 2P
   The ROX3827T3 OCXO is the cost effective highly stable oscillator for telecom applications
logo
Toshiba Semiconductor
TMP68661 TOSHIBA-TMP68661 Datasheet
1Mb / 35P
   The TMP68661 enhanced programmable communications interface is a universal sychoronous/asynchronous data..
logo
International Rectifier
IRDC3621EVAL IRF-IRDC3621EVAL Datasheet
1Mb / 13P
   The IR3621 IC combines a Dual synchronous Buck controller,providing a cost-effective, high performance and flexible solution.
logo
SHANGHAI BELLING CO., L...
BL8528 BELLING-BL8528 Datasheet
633Kb / 8P
   The BL8528 is a synchronous
logo
ECS, Inc.
CSM-8A ECS-CSM-8A Datasheet
599Kb / 2P
   The CSM-8A Series is a very cost effective, low profile SMD quartz crystal.
logo
Ferroxcube Internationa...
4S2F FERROXCUBE-4S2F Datasheet
1Mb / 6P
   The cost effective EMI suppression alternative
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com