Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRAM136-1061A Datasheet(PDF) 4 Page - International Rectifier

Part # IRAM136-1061A
Description  Integrated Power Hybrid IC for Appliance Motor Drive Applications
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRAM136-1061A Datasheet(HTML) 4 Page - International Rectifier

  IRAM136-1061A Datasheet HTML 1Page - International Rectifier IRAM136-1061A Datasheet HTML 2Page - International Rectifier IRAM136-1061A Datasheet HTML 3Page - International Rectifier IRAM136-1061A Datasheet HTML 4Page - International Rectifier IRAM136-1061A Datasheet HTML 5Page - International Rectifier IRAM136-1061A Datasheet HTML 6Page - International Rectifier IRAM136-1061A Datasheet HTML 7Page - International Rectifier IRAM136-1061A Datasheet HTML 8Page - International Rectifier IRAM136-1061A Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
IRAM136-1061A
Inverter Section Switching Characteristics
Symbol
Parameter
Min
Typ
Max
Units Conditions
EON
Turn-On Switching Loss
---
240
400
EOFF
Turn-Off Switching Loss
---
65
90
ETOT
Total Switching Loss
---
305
490
EREC
Diode Reverse Recovery energy
---
15
25
tRR
Diode Reverse Recovery time
---
115
---
ns
EON
Turn-on Switching Loss
---
330
---
EOFF
Turn-off Switching Loss
---
105
---
ETOT
Total Switching Loss
---
435
---
EREC
Diode Reverse Recovery energy
---
40
---
tRR
Diode Reverse Recovery time
---
150
---
ns
QG
Turn-On IGBT Gate Charge
---
19
29
nC
IC=8A, V
+=400V, V
GE=15V
RBSOA
Reverse Bias Safe Operating Area
TJ=150°C, IC=5A, VP=600V
V
+= 450V,
VCC=+15V to 0V
See CT3
SCSOA
Short Circuit Safe Operating Area
5
---
---
μs
TJ=25°C, V
+= 400V,
VGE=+15V to 0V
SCSOA
Short Circuit Safe Operating Area
3
---
---
μs
TJ=100°C, V
+= 400V,
VGE=+15V to 0V
SCSOA
Short Circuit Safe Operating Area
2
---
---
μs
TJ=150°C, V
+= 360V,
VGE=+17.5V to 0V
ICSC
Short Circuit Collector Current
11
---
---
A
TJ=150°C, VCE= 50V, VGE=11V
FULL SQUARE
VBIAS (VCC, VBS1,2,3)=15V, TJ=25ºC, unless otherwise specified.
μJ
IC=5A, V
+=400V
VCC=15V, L=1.2mH
Energy losses include "tail" and
diode reverse recovery
See CT1
μJ
IC=5A, V
+=400V
VCC=15V, L=1.2mH, TJ=150°C
Energy losses include "tail" and
diode reverse recovery
See CT1
Recommended Operating Conditions Driver Function
Symbol
Definition
Min
Typ
Max
Units
VB1,2,3
High side floating supply voltage
VS+12.5
VS+15
VS+17.5
V
VS1,2,3
High side floating supply offset voltage
Note 4
---
450
V
VCC
Low side and logic fixed supply voltage
13.5
15
16.5
V
VITRIP
ITRIP input voltage
VSS
---
VSS+5
V
VIN
Logic input voltage LIN, HIN, FLT/EN
VSS
---
VSS+5
V
HIN
High side PWM pulse width
1
---
---
μs
Deadtime
External dead time between HIN and LIN
1
---
---
μs
Note 3: For more details, see IR21364 data sheet
The Input/Output logic timing diagram is shown in Figure 1. For proper operation the device should be used within the
recommended conditions. All voltages are absolute referenced to COM. The VS offset is tested with all supplies biased at
15V differential (Note 3)
Note 4: Logic operational for Vs from COM-5V to COM+600V. Logic state held for Vs from COM-5V to COM-VBS.
(please refer to DT97-3 for more details)
4
www.irf.com


Similar Part No. - IRAM136-1061A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRAM136-1060A IRF-IRAM136-1060A Datasheet
259Kb / 17P
   10A, 600Vwith Open Emitter Pins
IRAM136-1060B IRF-IRAM136-1060B Datasheet
301Kb / 18P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
IRAM136-1060BS IRF-IRAM136-1060BS Datasheet
298Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
More results

Similar Description - IRAM136-1061A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRAMX16UP60A IRF-IRAMX16UP60A_08 Datasheet
379Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
IRAMX16UP60B IRF-IRAMX16UP60B_15 Datasheet
458Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
IRAM136-1060B IRF-IRAM136-1060B Datasheet
301Kb / 18P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
IRAMS12UP60A IRF-IRAMS12UP60A Datasheet
301Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
IRAM109-015SD IRF-IRAM109-015SD Datasheet
316Kb / 15P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
IRAM136-0760A IRF-IRAM136-0760A Datasheet
258Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
IRAMX16UP60A-2 IRF-IRAMX16UP60A-2 Datasheet
379Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications.
IRAMS10UP60B IRF-IRAMS10UP60B_05 Datasheet
485Kb / 17P
   INTEGRATED POWER HYBRID IC FOR APPLIANCE MOTOR DRIVE APPLICATIONS
IRAMX16UP60B-2 IRF-IRAMX16UP60B-2 Datasheet
458Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications.
IRAMS12UP60A-2 IRF-IRAMS12UP60A-2 Datasheet
301Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com