Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS3470W8-33P Datasheet(PDF) 7 Page - Amphenol Corporation

Part # MS3470W8-33P
Description  MIL-DTL-26482, Series 2, Matrix
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

MS3470W8-33P Datasheet(HTML) 7 Page - Amphenol Corporation

Back Button MS3470W8-33P Datasheet HTML 3Page - Amphenol Corporation MS3470W8-33P Datasheet HTML 4Page - Amphenol Corporation MS3470W8-33P Datasheet HTML 5Page - Amphenol Corporation MS3470W8-33P Datasheet HTML 6Page - Amphenol Corporation MS3470W8-33P Datasheet HTML 7Page - Amphenol Corporation MS3470W8-33P Datasheet HTML 8Page - Amphenol Corporation MS3470W8-33P Datasheet HTML 9Page - Amphenol Corporation MS3470W8-33P Datasheet HTML 10Page - Amphenol Corporation MS3470W8-33P Datasheet HTML 11Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Contact Amphenol Aerospace for more information at 800-678-0141 • www.amphenol-aerospace.com
Amphenol
Aerospace
115
MIL-DTL-26482, Series 2, Matrix®
How to Order
Step 1. Military Connector Type
1.
2.
3.
4.
5.
6.
7.
MIL-DTL-26482,
Series 2
Connector
Type
Connector
Style
Service
Class
Shell Size/Insert
Arrangement
Contact
Type
Alternate
Rotation of Insert
Modification
Number
MILITARY
MS
3470
W
12-10
P
W
NA
COMMERCIAL
MB1
0
W
12-10
P
W
(xxx)
MS
Designates Military Standard
Step 2. Select a Connector Style
Designates
3470
Wall Mount Receptacle with Narrow Flange
3472
Wall Mount Receptacle with Wide Flange
3471
Cable Connecting Receptacle
3474
Jam Nut Receptacle
3476
Straight Plug
3475
Straight Plug with RFI Grounding Fingers
Step 3. Select a Service Class
Designates
L
Aluminum shell, electroless nickel finish, fluid
resistant insert
A
Aluminum shell, black anodized finish, non-
conductive fluid resistant insert
W
Aluminum shell, olive drab cadmium plated, fluid
resistant insert
Note: For stainless steel shell, passivated, order by Amphenol®/
Matrix® commercial Class G.
Class L inactivates classes E and R (Ref. MIL-DTL-26482)
Step 4. Select a Shell Size & Insert
Arrangement from chart on page 111.
Shell Size & Insert Arrangements are on pages 111
First number represents Shell Size, second number is
the Insert Arrangement.
Step 5. Select a Contact Type
Designates
P
Pin Contacts
S
Socket Contacts
A
Less Pins
B
Less Sockets
Step 6. Select an Alternate Rotation of Insert
“W”, “X”, “Y”, “Z” designate that insert is rotated in its shell
from normal position. No letter required for normal (no
rotation) position. See page 111 for description of alternate
positions.
For ordering information on accessories, such as protection
caps and backshell hardware, contact Amphenol
Aerospace, Sidney, NY.
Use A & B only when other than a full complement of power
contacts is to be installed.
Step 1. Commercial Connector Type
MB1
Designates Amphenol®/Matrix® Bayonet
Coupling Connector
Step 2. Select a Connector Style
Designates
0
Wall Mount Receptacle with Narrow Flange
1
Wall Mount Receptacle with Wide Flange
3
Cable Connecting Receptacle
4
Jam Nut Receptacle
6
Straight Plug
8
Straight Plug with RFI Grounding Fingers
Step 3. Select a Service Class
Designates
A
Aluminum shell, black anodized finish, non-
conductive, fluid resistant insert
R
Aluminum shell, electroless nickel finish, fluid
resistant insert
G
Stainless steel shell, passivated, fluid resistant
insert
W
Aluminum shell, cadmium plated, olive drab
finish, fluid resistant insert
Step 4. Select a Shell Size & Insert
Arrangement from chart on page 111.
Shell Size & Insert Arrangements are on pages 111.
First number represents Shell Size, second number is
the Insert Arrangement.
Step 5. Select a Contact Type
Designates
P
Pin Contacts
S
Socket Contacts
Step 6. Select an Alternate Rotation of Insert
“W”, “X”, “Y”, “Z” designate that insert is rotated in its shell
from normal position. No letter required for normal (no
rotation) position. See page 111 for description of alternate
positions.
Step 7. Modification Number
Consult Amphenol Aerospace, Sidney, NY for information.
For strain reliefs use the following codes:
(189) E-nut M85049/31 configuration
(190) Straight strain relief M85049/52 configuration
(191) 90° strain relief M85049/51 configuration


Similar Part No. - MS3470W8-33P

ManufacturerPart #DatasheetDescription
logo
ITT Industries
MS3470W8-32AW ITT-MS3470W8-32AW Datasheet
529Kb / 10P
   Series 2 Connectors PV
MS3470W8-32BW ITT-MS3470W8-32BW Datasheet
529Kb / 10P
   Series 2 Connectors PV
MS3470W8-32PW ITT-MS3470W8-32PW Datasheet
529Kb / 10P
   Series 2 Connectors PV
MS3470W8-32SW ITT-MS3470W8-32SW Datasheet
529Kb / 10P
   Series 2 Connectors PV
More results

Similar Description - MS3470W8-33P

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
MS3475L18-32P AMPHENOL-MS3475L18-32P Datasheet
336Kb / 13P
   MIL-DTL-26482, Series 2, Matrix
MS3475W12-8P AMPHENOL-MS3475W12-8P Datasheet
336Kb / 13P
   Amphenol MIL-DTL-26482, Series 2, Matrix
logo
ITT Industries
045522-0001 ITT-045522-0001 Datasheet
36Kb / 1P
   MIL-DTL 26482 Series I & Mil Battery
logo
Amphenol Corporation
JANMS318010CWL AMPHENOL-JANMS318010CWL Datasheet
1Mb / 32P
   Amphenol Miniature Cylindrical MIL-DTL-26482, Series 2 Connectors
logo
Glenair, Inc.
230-014 GLENAIR-230-014 Datasheet
259Kb / 2P
   MIL-DTL-26482 Series I Type Hermetic
logo
ITT Industries
046594-0002 ITT-046594-0002 Datasheet
36Kb / 1P
   Product Line: MIL-DTL 26482 Series I & Mil Battery
logo
Amphenol Corporation
M39029 AMPHENOL-M39029 Datasheet
266Kb / 17P
   Amphenol /Matrix MIL-C-26482, Series 2 Connectors
logo
Glenair, Inc.
240-264A GLENAIR-240-264A Datasheet
81Kb / 2P
   MIL-DTL-26482 Series II Type Filter Connector
240-264J GLENAIR-240-264J Datasheet
88Kb / 2P
   MIL-DTL-26482 Series II Type Filter Connector
240-264W GLENAIR-240-264W Datasheet
86Kb / 2P
   MIL-DTL-26482 Series II Type Filter Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com