Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-W341-500E Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-W341-500E
Description  3.0 Amp Output Current IGBT Gate Drive Optocoupler with Rail-to-Rail Output Voltage in Stretched SO6
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-W341-500E Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-W341-500E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-W341-500E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-W341-500E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-W341-500E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-W341-500E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-W341-500E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-W341-500E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-W341-500E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-W341-500E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3
Package Outline Drawings
ACPL-P341 Stretched SO-6 Package (7 mm clearance)
ACPL-W341 Stretched SO-6 Package (8 mm clearance)
45°
NOM.
0.381 ±0.127
(0.015 ±0.005)
1.27 (0.050) BSG
4.580
+ 0.254
– 0
3.180 ±0.127
(0.125 ±0.005)
1.590 ±0.127
(0.063 ±0.005)
0.254 ±0.050
(0.010 ±0.002)
9.7 ±0.250
(0.382 ±0.010)
Floating Lead Protusions max. 0.25 (0.01)
Dimensions in Millimeters (Inches)
Lead Coplanarity = 0.1 mm (0.004 Inches)
0.180
+ 0.010
– 0.000
()
1 ±0.250
(0.040 ±0.010)
0.20 ±0.10
(0.008 ±0.004)
7.62 (0.300)
6.81 (0.268)
0.45 (0.018)
10.7
(0.421)
1.27 (0.05)
0.76 (0.03)
2.16
(0.085)
Land Pattern Recommendation
45°
2
1
34
5
6
0.381 ±0.127
(0.015 ±0.005)
0.20 ±0.10
(0.008 ±0.004)
Floating Lead Protusions max. 0.25 (0.01)
Dimensions in Millimeters (Inches)
Lead Coplanarity = 0.1 mm (0.004 Inches)
4.580
+ 0.254
– 0
0.180
+ 0.010
– 0.000
()
6.807
+ 0.127
– 0
0.268
+ 0.005
– 0.000
()
1.27 (0.050) BSG
35° NOM.
0.750 ±0.250
(0.0295 ±0.010)
11.500 ±0.25
(0.453 ±0.010)
0.254 ±0.050
(0.010 ±0.002)
1.590 ±0.127
(0.063 ±0.005)
3.180 ±0.127
(0.125 ±0.005)
0.45 (0.018)
7.62 (0.300)
12.65
(0.5)
1.27 (0.05)
0.76 (0.03)
1.905
(0.075)
Land Pattern Recommendation


Similar Part No. - ACPL-W341-500E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-W341-500E AVAGO-ACPL-W341-500E Datasheet
276Kb / 19P
   3.0 Amp Output Current IGBT Gate Drive Optocoupler
More results

Similar Description - ACPL-W341-500E

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-P341 BOARDCOM-ACPL-P341 Datasheet
781Kb / 19P
   3.0 Amp Output Current IGBT Gate Drive Optocoupler with Rail-to-Rail Output Voltage in Stretched SO6
ACPL-P343 BOARDCOM-ACPL-P343 Datasheet
1Mb / 22P
   4.0 Amp Output Current IGBT Gate Drive Optocoupler with Rail-to-Rail Output Voltage in Stretched SO6
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-P340 AVAGO-ACPL-P340 Datasheet
275Kb / 19P
   1.0 Amp Output Current IGBT Gate Drive Optocoupler with Rail-to-Rail Output Voltage in Stretched SO6
ACPL-P345 AVAGO-ACPL-P345 Datasheet
331Kb / 15P
   1.0 Amp Output Current Power & SiC MOSFET Gate Drive Optocoupler with Rail-to-Rail Output Voltage in Stretched SO6
ACPL-P341 AVAGO-ACPL-P341 Datasheet
276Kb / 19P
   3.0 Amp Output Current IGBT Gate Drive Optocoupler with Rail-to-Rail
ACPL-H342 AVAGO-ACPL-H342 Datasheet
781Kb / 19P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler with Active Miller Clamp, Rail-to-Rail Output Voltage and UVLO in Stretched SO8
logo
Broadcom Corporation.
ACPL-H342 BOARDCOM-ACPL-H342 Datasheet
1Mb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler with Active Miller Clamp, Rail-to-Rail Output Voltage and UVLO in Stretched SO8
ACPL-P349 BOARDCOM-ACPL-P349 Datasheet
1Mb / 18P
   2.5-Amp Output Current SiC/GaN MOSFET and IGBT Gate Drive Optocoupler in Stretched SO6
ACPL-P347 BOARDCOM-ACPL-P347 Datasheet
900Kb / 16P
   1.0-Amp Output Current SiC/GaN MOSFET and IGBT Gate Drive Optocoupler in Stretched SO6
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-P347 AVAGO-ACPL-P347 Datasheet
312Kb / 14P
   1.0 Amp Output Current SiC/GaN MOSFET and IGBT Gate Drive Optocoupler in Stretched SO6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com