Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASSR-3211-501E Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

Part # ASSR-3211-501E
Description  General Purpose, Form A, Solid State Relay (Photo MOSFET) (250V/0.2A/10??
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ASSR-3211-501E Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ASSR-3211-501E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ASSR-3211-501E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ASSR-3211-501E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ASSR-3211-501E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ASSR-3211-501E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ASSR-3211-501E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ASSR-3211-501E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ASSR-3211-501E Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ASSR-3211-501E Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
Package Characteristics
Unless otherwise specified, TA = 25°C.
Parameter
Sym.
Min.
Typ.
Max.
Units
Conditions
Fig.
Note
Input-Output Momentary
Withstand Voltage
VISO
3750
Vrms
RH
50%,
t = 1 min
4, 5
Input-Output Resistance
RI-O
1012
VI-O = 500 Vdc
Input-Output Capacitance
ASSR-3210
CI-O
0.4
pF
f = 1 MHz;
VI-O = 0 Vdc
4
ASSR-3211
CI-O
0.5
pF
ASSR-3220
CI-O
0.8
pF
Electrical Specifications (DC)
Over recommended operating TA = -40°C to 85°C, IF = 5mA to 10mA, unless otherwise specified.
Parameter
Sym.
Min.
Typ.
Max.
Units
Conditions
Fig.
Note
Output Withstand
Voltage
|VO(OFF)|
250
280
V
VF =0.8V, IO=250
A,
TA=25
C
230
V
VF =0.8V, IO=250
A
3
Output Leakage
Current
IO(OFF)
0.3
100
nA
VF =0.8V, VO=250V,
TA=25
C
1
A
VF =0.8V, VO=250V
4
Output Offset
Voltage
|V(OS)|1
V
IF =5mA, IO=0mA
Input Reverse
Breakdown Voltage
VR
5V
IR =10
A
Input Forward
Voltage
VF
1.1
1.3
1.65
V
IF =5mA
5, 6
Output
On-resistance
R(ON)
810
IF =5mA, IO=200mA,
Pulse
30ms, TA=25C
7, 8
6
ASSR-3211
Connection B
R(ON)
2.0
2.5
IF =5mA, IO=400mA,
Pulse
30ms, TA=25C
6


Similar Part No. - ASSR-3211-501E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASSR-3211 AVAGO-ASSR-3211 Datasheet
161Kb / 14P
   General Purpose, Form A, Solid State Relay (Photo MOSFET)
logo
Broadcom Corporation.
ASSR-3211 BOARDCOM-ASSR-3211 Datasheet
934Kb / 17P
   General-Purpose, Form A, Solid State Relay (Photo MOSFET) (250V/0.2A/10廓)
More results

Similar Description - ASSR-3211-501E

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ASSR-3210 BOARDCOM-ASSR-3210 Datasheet
934Kb / 17P
   General-Purpose, Form A, Solid State Relay (Photo MOSFET) (250V/0.2A/10廓)
logo
AVAGO TECHNOLOGIES LIMI...
ASSR-4110 AVAGO-ASSR-4110 Datasheet
558Kb / 16P
   General Purpose, Form A, Solid State Relay (Photo MOSFET)
ASSR-1410-003E AVAGO-ASSR-1410-003E Datasheet
465Kb / 15P
   General Purpose, Form A, Solid State Relay (Photo MOSFET)
ASSR-3211 AVAGO-ASSR-3211 Datasheet
161Kb / 14P
   General Purpose, Form A, Solid State Relay (Photo MOSFET)
logo
Broadcom Corporation.
ASSR-1218 BOARDCOM-ASSR-1218 Datasheet
356Kb / 12P
   Form A, Solid State Relay (Photo MOSFET)
ASSR-4118 BOARDCOM-ASSR-4118 Datasheet
160Kb / 11P
   Form A, Solid State Relay (Photo MOSFET)
logo
AVAGO TECHNOLOGIES LIMI...
ASSR-1218-503E AVAGO-ASSR-1218-503E Datasheet
229Kb / 12P
   Form A, Solid State Relay (Photo MOSFET)
ASSR-1410 AVAGO-ASSR-1410 Datasheet
196Kb / 15P
   General Purpose, Form A, Solid State Relay (Photo MOSFET) (60V/0.6A/1??
logo
Broadcom Corporation.
ASSR-1410 BOARDCOM-ASSR-1410 Datasheet
693Kb / 16P
   General-Purpose, Form A, Solid State Relay (Photo MOSFET) (60V/0.6A/1廓)
ASSR-4110 BOARDCOM-ASSR-4110 Datasheet
984Kb / 18P
   General-Purpose, Form A, Solid State Relay (Photo MOSFET) (400V/0.12A/25廓)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com