Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCNR200-500E Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCNR200-500E
Description  High-Linearity Analog Optocouplers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCNR200-500E Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HCNR200-500E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCNR200-500E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCNR200-500E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCNR200-500E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCNR200-500E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCNR200-500E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCNR200-500E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCNR200-500E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCNR200-500E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3
Package Outline Drawings
Figure 1a. 8 PIN DIP
0.40 (0.016)
0.56 (0.022)
1
2
3
4
8
7
6
5
1.70 (0.067)
1.80 (0.071)
2.54 (0.100) TYP.
0.51 (0.021) MIN.
5.10 (0.201) MAX.
3.10 (0.122)
3.90 (0.154)
DIMENSIONS IN MILLIMETERS AND (INCHES).
MARKING :
XXX = 050 ONLY if option #050,#350,#550 (or -050,-350,-550)
ordered (otherwise blank)
yy
- Year
ww
- Work Week
Marked with black dot - Designates Lead Free option E
*
- Designates pin 1
NOTE: FLOATING LEAD PROTRUSION IS 0.25 mm (10 mils) MAX.
NC
PD1
K1
11.30 (0.445)
MAX.
PIN
ONE
1.50
(0.059)
MAX.
A
HCNR200
XXX
yyww
MARKING
8
7
6
5
1
2
3
4
9.00
(0.354)
TYP.
0.20 (0.008)
0.30 (0.012)
15°
11.00
(0.433)
MAX.
10.16
(0.400)
TYP.
K2
PD2
NC
LED
*


Similar Part No. - HCNR200-500E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCNR200-500E AVAGO-HCNR200-500E Datasheet
238Kb / 19P
   High-Linearity Analog Optocouplers
More results

Similar Description - HCNR200-500E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCNR201-000E AVAGO-HCNR201-000E Datasheet
238Kb / 19P
   High-Linearity Analog Optocouplers
HCNR200-300 AVAGO-HCNR200-300 Datasheet
238Kb / 19P
   High-Linearity Analog Optocouplers
HCNR201 AVAGO-HCNR201 Datasheet
238Kb / 19P
   High-Linearity Analog Optocouplers
HCNR201-500E AVAGO-HCNR201-500E Datasheet
238Kb / 19P
   High-Linearity Analog Optocouplers
HCNR201-300E AVAGO-HCNR201-300E Datasheet
237Kb / 19P
   High-Linearity Analog Optocouplers
HCNR201-300 AVAGO-HCNR201-300 Datasheet
396Kb / 19P
   High-Linearity Analog Optocouplers
logo
Agilent(Hewlett-Packard...
HCNR200 HP-HCNR200 Datasheet
241Kb / 16P
   High-Linearity Analog Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCNR200 AVAGO-HCNR200 Datasheet
238Kb / 19P
   High-Linearity Analog Optocouplers Allows fl exible circuit design
logo
Agilent(Hewlett-Packard...
HCPL-4562 HP-HCPL-4562 Datasheet
266Kb / 17P
   High Bandwidth, Analog/Video Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4562-300E AVAGO-HCPL-4562-300E Datasheet
358Kb / 17P
   High Bandwidth, Analog/Video Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com