Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7465PBF Datasheet(PDF) 3 Page - International Rectifier

Part # IRF7465PBF
Description  High frequency DC-DC converters, Lead-Free
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7465PBF Datasheet(HTML) 3 Page - International Rectifier

  IRF7465PBF Datasheet HTML 1Page - International Rectifier IRF7465PBF Datasheet HTML 2Page - International Rectifier IRF7465PBF Datasheet HTML 3Page - International Rectifier IRF7465PBF Datasheet HTML 4Page - International Rectifier IRF7465PBF Datasheet HTML 5Page - International Rectifier IRF7465PBF Datasheet HTML 6Page - International Rectifier IRF7465PBF Datasheet HTML 7Page - International Rectifier IRF7465PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
IRF7465PbF
www.irf.com
3
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance
Vs. Temperature
0.1
1
10
100
6.0
7.0
8.0
9.0
10.0
V
= 25V
20µs PULSE WIDTH
DS
V
, Gate-to-Source Voltage (V)
GS
T = 150 C
J
°
T = 25 C
J
°
-60 -40 -20
0
20
40
60
80 100 120 140 160
0.0
0.5
1.0
1.5
2.0
2.5
T , Junction Temperature ( C)
J
°
V
=
I =
GS
D
10V
1.9A
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
6.0V
20µs PULSE WIDTH
Tj = 25°C
VGS
TOP
15V
12V
10V
8.0V
7.5V
7.0V
6.5V
BOTTOM 6.0V
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
6.0V
20µs PULSE WIDTH
Tj = 150°C
VGS
TOP
15V
12V
10V
8.0V
7.5V
7.0V
6.5V
BOTTOM 6.0V


Similar Part No. - IRF7465PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7465PBF IRF-IRF7465PBF Datasheet
133Kb / 8P
   High frequency DC-DC converters
IRF7465PBF IRF-IRF7465PBF_15 Datasheet
133Kb / 8P
   High frequency DC-DC converters
More results

Similar Description - IRF7465PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7380PBF IRF-IRF7380PBF_08 Datasheet
229Kb / 8P
   High frequency DC-DC converters Lead-Free
IRFU3518-701PBF IRF-IRFU3518-701PBF Datasheet
234Kb / 11P
   High frequency DC-DC converters
logo
Kersemi Electronic Co.,...
IRFR3518 KERSEMI-IRFR3518 Datasheet
4Mb / 10P
   High frequency DC-DC converters
logo
International Rectifier
IRFS33N15DTRLP IRF-IRFS33N15DTRLP Datasheet
150Kb / 12P
   High frequency DC-DC converters
IRFR13N20DPBF IRF-IRFR13N20DPBF_15 Datasheet
689Kb / 11P
   HIGH FREQUENCY DC-DC CONVERTERS
IRF7452PBF IRF-IRF7452PBF_15 Datasheet
284Kb / 8P
   HIGH FREQUENCY DC-DC CONVERTERS
IRF7490PBF IRF-IRF7490PBF_15 Datasheet
155Kb / 9P
   High frequency DC-DC converters
IRF8010SPBF IRF-IRF8010SPBF_15 Datasheet
229Kb / 11P
   High frequency DC-DC converters
IRFP4710PBF IRF-IRFP4710PBF_15 Datasheet
183Kb / 9P
   High frequency DC-DC converters
IRFR15N20DPBF IRF-IRFR15N20DPBF_15 Datasheet
231Kb / 11P
   High frequency DC-DC converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com