Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-7800A Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-7800A
Description  Isolation Amplifer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-7800A Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-7800A Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-7800A Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-7800A Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-7800A Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-7800A Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-7800A Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-7800A Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-7800A Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HCPL-7800A Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
0
Figure 3. Input Offset vs. Supply.
Figure 4. Gain vs. Temperature.
Figure 1. Input Offset Voltage Test Circuit.
Figure 2. Input Offset Voltage vs. Temperature.
Figure 5. Gain and Nonlinearity Test Circuit.
0.1 µF
VDD2
VOUT
8
7
6
1
3
HCPL-7800
5
2
4
0.1 µF
10 K
10 K
VDD1
+15 V
0.1 µF
0.1 µF
-15 V
+
-
AD624CD
GAIN = 100
0.47
µF
0.47
µF
0.1 µF
VDD2
8
7
6
1
3
HCPL-7800
5
2
4
0.01 µF
10 K
10 K
+15 V
0.1 µF
0.1 µF
-15 V
+
-
AD624CD
GAIN = 4
0.47
µF
0.47
µF
VDD1
13.2
404
VIN
VOUT
+15 V
0.1 µF
0.1 µF
-15 V
+
-
AD624CD
GAIN = 10
10 K
0.47
µF
0.1 µF
TA - TEMPERATURE - ˚C
0.6
0.5
0.3
-25
0.8
35
95
0.2
0.7
-55
125
0.4
5
65
VDD - SUPPLY VOLTAGE - V
0.37
0.36
0.39
4.75
5.0
0.33
vs. VDD1
4.5
5.5
5.25
vs. VDD2
0.34
0.38
0.35
TA - TEMPERATURE - ¡C
8.025
8.02
8.015
-35
8.035
25
85
8.01
8.03
-55
125
5
45
105
-15
65


Similar Part No. - HCPL-7800A

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-7800A HP-HCPL-7800A Datasheet
375Kb / 17P
   High CMR Isolation Amplifiers
HCPL-7800A HP-HCPL-7800A Datasheet
415Kb / 17P
   High CMR Isolation Amplifiers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7800A AVAGO-HCPL-7800A Datasheet
325Kb / 18P
   15 kV/關s Common-Mode Rejection at VCM = 1000 V
HCPL-7800A AVAGO-HCPL-7800A Datasheet
325Kb / 18P
   15 kV/關s Common-Mode Rejection at VCM = 1000 V
HCPL-7800A AVAGO-HCPL-7800A Datasheet
325Kb / 18P
   15 kV/關s Common-Mode Rejection at VCM = 1000 V
More results

Similar Description - HCPL-7800A

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7800-300E AVAGO-HCPL-7800-300E Datasheet
325Kb / 18P
   Isolation Amplifer
logo
List of Unclassifed Man...
IA296 ETC1-IA296 Datasheet
29Kb / 1P
   ULTRA LOW NOISE TRUE INSTRUMENTATION MEDICAL ISOLATION AMPLIFER
logo
BOWEI Integrated Circui...
HE394B BOWEI-HE394B Datasheet
114Kb / 1P
   Broadband Amplifer
HE395B BOWEI-HE395B Datasheet
106Kb / 1P
   Broadband Amplifer
HE387B BOWEI-HE387B Datasheet
117Kb / 1P
   Broadband Amplifer
HE383C BOWEI-HE383C Datasheet
118Kb / 1P
   Broadband Amplifer
logo
List of Unclassifed Man...
233A ETC1-233A Datasheet
36Kb / 1P
   CHOPPER STABILIZED AMPLIFER
logo
Panasonic Semiconductor
MN6502 PANASONIC-MN6502 Datasheet
95Kb / 4P
   CMOS Operational Amplifer
logo
Fairchild Semiconductor
BC183C FAIRCHILD-BC183C Datasheet
128Kb / 3P
   NPN General Purpose Amplifer
logo
Qorvo, Inc
TQP5525 QORVO-TQP5525 Datasheet
606Kb / 11P
   Wi-Fi Power Amplifer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com