Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFHM8363TR2PBF Datasheet(PDF) 5 Page - International Rectifier

Part # IRFHM8363TR2PBF
Description  Power Stage for high frequency buck converters
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFHM8363TR2PBF Datasheet(HTML) 5 Page - International Rectifier

  IRFHM8363TR2PBF Datasheet HTML 1Page - International Rectifier IRFHM8363TR2PBF Datasheet HTML 2Page - International Rectifier IRFHM8363TR2PBF Datasheet HTML 3Page - International Rectifier IRFHM8363TR2PBF Datasheet HTML 4Page - International Rectifier IRFHM8363TR2PBF Datasheet HTML 5Page - International Rectifier IRFHM8363TR2PBF Datasheet HTML 6Page - International Rectifier IRFHM8363TR2PBF Datasheet HTML 7Page - International Rectifier IRFHM8363TR2PBF Datasheet HTML 8Page - International Rectifier IRFHM8363TR2PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
IRFHM8363PbF
www.irf.com © 2013 International Rectifier
May 13, 2013
5
Fig 13. Maximum Avalanche Energy vs. Drain Current
Fig 12. On-Resistance vs. Gate Voltage
Fig 14b. Unclamped Inductive Waveforms
Fig 14a. Unclamped Inductive Test Circuit
tp
V(BR)DSS
IAS
RG
IAS
0.01
tp
D.U.T
L
VDS
+
- VDD
DRIVER
A
15V
20V
Fig 15a. Switching Time Test Circuit
Fig 15b. Switching Time Waveforms
V
GS
V
DS
90%
10%
t
d(on)
t
d(off)
t
r
t
f
VDS
Pulse Width ≤ 1 µs
Duty Factor ≤ 0.1
RD
VGS
RG
D.U.T.
10V
+
-V
DD
VGS
0
5
10
15
20
VGS, Gate -to -Source Voltage (V)
10
15
20
25
30
35
ID = 10A
TJ = 25°C
TJ = 125°C
25
50
75
100
125
150
Starting TJ , Junction Temperature (°C)
0
20
40
60
80
100
120
ID
TOP
2.3A
4.7A
BOTTOM 10A


Similar Part No. - IRFHM8363TR2PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFHM8363 IRF-IRFHM8363 Datasheet
268Kb / 2P
   Small PowIR MOSFETs
IRFHM8363PBF IRF-IRFHM8363PBF Datasheet
325Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFHM8363PBF IRF-IRFHM8363PBF_15 Datasheet
325Kb / 9P
   Compatible with Existing Surface Mount Techniques
More results

Similar Description - IRFHM8363TR2PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7463PBF IRF-IRF7463PBF_15 Datasheet
182Kb / 8P
   High Frequency Buck Converters for Computer Processor Power
IRFR3708PBF IRF-IRFR3708PBF_15 Datasheet
226Kb / 10P
   High Frequency Buck Converters for Computer Processor Power
IRF7468PBF IRF-IRF7468PBF_15 Datasheet
131Kb / 8P
   High Frequency Buck Converters for Computer Processor Power
IRF7469PBF IRF-IRF7469PBF_15 Datasheet
131Kb / 8P
   High Frequency Buck Converters for Computer Processor Power
IRF7458PBF IRF-IRF7458PBF_15 Datasheet
135Kb / 8P
   High Frequency Buck Converters for Computer Processor Power
IRF3708STRR IRF-IRF3708STRR Datasheet
147Kb / 11P
   High Frequency Buck Converters for Computer Processor Power
logo
Kersemi Electronic Co.,...
IRFR3709ZTRR KERSEMI-IRFR3709ZTRR Datasheet
4Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
logo
International Rectifier
IRFR3709ZCTRPBF IRF-IRFR3709ZCTRPBF Datasheet
302Kb / 12P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRF3704ZPBF IRF-IRF3704ZPBF Datasheet
366Kb / 13P
   High Frequency Synchronous Buck Converters for Computer Processor Power
logo
Kersemi Electronic Co.,...
IRFR3707ZCPBF KERSEMI-IRFR3707ZCPBF Datasheet
4Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com