Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQAF6N90 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FQAF6N90
Description  900V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQAF6N90 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FQAF6N90 Datasheet HTML 1Page - Fairchild Semiconductor FQAF6N90 Datasheet HTML 2Page - Fairchild Semiconductor FQAF6N90 Datasheet HTML 3Page - Fairchild Semiconductor FQAF6N90 Datasheet HTML 4Page - Fairchild Semiconductor FQAF6N90 Datasheet HTML 5Page - Fairchild Semiconductor FQAF6N90 Datasheet HTML 6Page - Fairchild Semiconductor FQAF6N90 Datasheet HTML 7Page - Fairchild Semiconductor FQAF6N90 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
  
 
 
 
 
 
   
    

    !" # $%#&##'( # 
)**#+,-./.Ω, 0 
,1-2//-2µ .3.0 
"  !"  //µ 4%(%(  5
6 %   7   # 


 





C*
 C?* 
*,)*4,6&)µ'
())


*
∆C*
5∆
C?* 
 
4,6&)µ'+ 6&7

) (>

*57
4
D:* 
*,())**,)*


-)
µ'
*,26)*,-6&7


-))
µ'
4
:C/?
*,;)**,)*


-))
'
4
:C/?+!
*,;)**,)*


-))
'
 
*
: * 
*,*4,6&)µ'
; )

& )
*
+
  
+ 
*,-)*4,6 ;'

- &
- (

   
*,&)*4,6 ;'

%


 

4  
*,6&**,)*
,- )E#


-%%)
-88)


  

-%)
-8&


+!  

-2
6;

   

 
*,%&)*4,& 8'
+,6&Ω


;&
8)


+

8)
-2)


 

(&
6))


 

&&
-6)

F
 :
*,26)*4,& 8'
*,-)*


%)
&6

F
: 

8 &


F
:

6)


     
4
B 


% &
'
4
B9  


-8
'
*
 * 
*,)*4,% &'


- %
*

+!+ !
*,)*4,& 8'
45,-))'5µ

%))


F
+!+ !

% ;

µ


Similar Part No. - FQAF6N90

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQAF6N70 FAIRCHILD-FQAF6N70 Datasheet
745Kb / 8P
   700V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQAF6N70 ISC-FQAF6N70 Datasheet
328Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FQAF6N80 FAIRCHILD-FQAF6N80 Datasheet
661Kb / 8P
   800V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQAF6N80 ISC-FQAF6N80 Datasheet
329Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FQAF6N90

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQP2N90 FAIRCHILD-FQP2N90 Datasheet
744Kb / 8P
   900V N-Channel MOSFET
FQPF5N90 FAIRCHILD-FQPF5N90 Datasheet
665Kb / 8P
   900V N-Channel MOSFET
FQA7N90 FAIRCHILD-FQA7N90 Datasheet
674Kb / 8P
   900V N-Channel MOSFET
FQB5N90 FAIRCHILD-FQB5N90 Datasheet
682Kb / 9P
   900V N-Channel MOSFET
FQB6N90 FAIRCHILD-FQB6N90 Datasheet
596Kb / 9P
   900V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFS6N90 SEMIHOW-HFS6N90 Datasheet
996Kb / 7P
   900V N-Channel MOSFET
logo
Fairchild Semiconductor
FQB6N90TMAM002 FAIRCHILD-FQB6N90TMAM002 Datasheet
604Kb / 9P
   900V N-Channel MOSFET
FQD2N90 FAIRCHILD-FQD2N90_09 Datasheet
847Kb / 9P
   900V N-Channel MOSFET
FQA9N90C FAIRCHILD-FQA9N90C Datasheet
680Kb / 8P
   900V N-Channel MOSFET
FQA11N90 FAIRCHILD-FQA11N90_07 Datasheet
828Kb / 9P
   900V N-Channel MOSFET
logo
Shenzhen Meipusen Semic...
SLP9N90CZ MAPLESMI-SLP9N90CZ Datasheet
1Mb / 7P
   900V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com