Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-EG08-T0000 Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-EG08-T0000
Description  T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-EG08-T0000 Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-EG08-T0000 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-EG08-T0000 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-EG08-T0000 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-EG08-T0000 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-EG08-T0000 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-EG08-T0000 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-EG08-T0000 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HLMP-EG08-T0000 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HLMP-EG08-T0000 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
Electrical/Optical Characteristics at TA = 25°C
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Forward Voltage
IF = 20 m­A
Am­ber (λd = 590 nm­)
2.02
Orange (λd = 605 nm­)
VF
1.98
2.4
V
Red-Orange (λd = 615 nm­)
1.94
Red (λd = 626 nm­)
1.90
Reverse Voltage
VR
5
20
V
IF = 100 µA
Peak Wavelength:
Peak of Wavelength of
Am­ber (λd = 590 nm­)
592
Spectral Distribution
Orange (λd = 605 nm­)
λPEAK
609
nm­
at IF = 20 m­A
Red-Orange (λd = 615 nm­)
621
Red (λd = 626 nm­)
635
Spectral Halfwidth
∆λ1/2
17
nm­
Wavelength Width at
Spectral Distribution
1/2 Power Point at
IF = 20 m­A
Speed of Response
ts
20
ns
Exponential Tim­e
Constant, e-t/ts
Capacitance
C
40
pF
VF = 0, f = 1 MHz
Therm­al Resistance
J-PIN
240
°C/W
LED Junction-to-Cathode
Lead
Lum­inous Efficacy[1]
Em­itted Lum­inous
Am­ber (λd = 590 nm­)
480
Power/Em­itted Radiant
Orange (λd = 605 nm­)
hv
370
lm­/W
Power
Red-Orange (λd = 615 nm­)
260
Red (λd = 626 nm­)
150
Lum­inous Flux
jv
500
m­lm­
IF = 20 m­A
Lum­inous Efficiency [2]
he
Em­itted Lum­inous
Am­ber
12
lm­/W
Flux/Electrical Power
Orange
13
Red-Orange
13
Red
13
Note:
1. The radiant intensity, Ie, in watts per steradian, m­ay be found from­ the equation Ie = Iv/hv, where Iv is the lum­inous intensity in candelas and hv
is the lum­inous efficacy in lum­ens/watt.
2. he = jV / IF x VF, where jV is the em­itted lum­inous flux, IF is electrical forward current and VF is the forward voltage.
Absolute Maximum Ratings at TA = 25°C
DC Forward Current[1,2,3] ..................................................................................... 50 m­A
Peak Pulsed Forward Current[2,3] .......................................................................100 m­A
Average Forward Current[3] .................................................................................. 30 m­A
Reverse Voltage (IR = 100 µA)........................................................................................ 5 V
LED Junction Tem­perature....................................................................................... 130°C
Operating Tem­perature .........................................................................-40°C to +100°C
Storage Tem­perature ..............................................................................-40°C to +100°C
Notes:
1. Derate linearly as shown in Figure 4.
2. For long term­ perform­ance with m­inim­al light output degradation, drive currents between 10
m­A and 30 m­A are recom­m­ended. For m­ore inform­ation on recom­m­ended drive conditions,
please refer to Application Brief I-024.
3. Operating at currents below 1 m­A is not recom­m­ended. Please contact your local representa-
tive for further inform­ation.


Similar Part No. - HLMP-EG08-T0000

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EG08-T0000 AVAGO-HLMP-EG08-T0000 Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
More results

Similar Description - HLMP-EG08-T0000

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EJ30-RU0DD AVAGO-HLMP-EJ30-RU0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EG10-WZ000 AVAGO-HLMP-EG10-WZ000 Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
Agilent(Hewlett-Packard...
HLMPDL24 HP-HLMPDL24 Datasheet
179Kb / 12P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EL55 AVAGO-HLMP-EL55 Datasheet
240Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
Broadcom Corporation.
HLMP-ELXX BOARDCOM-HLMP-ELXX_V01 Datasheet
736Kb / 18P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
March 12, 2018
HLMP-EL55 BOARDCOM-HLMP-EL55 Datasheet
583Kb / 13P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
July 16, 2020
logo
Agilent(Hewlett-Packard...
HLMP-DLXX HP-HLMP-DLXX Datasheet
129Kb / 8P
   T-1 - 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-DL50 AVAGO-HLMP-DL50 Datasheet
56Kb / 4P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps for Variable Message Signs
logo
Agilent(Hewlett-Packard...
HLMP-EL55 HP-HLMP-EL55 Datasheet
688Kb / 6P
   T-1 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMA-CX00 HP-HLMA-CX00 Datasheet
122Kb / 7P
   T-13/4 (5 mm), T-1 (3 mm), High Performance AlInGaP LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com