Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCM5464SA1KRBG Datasheet(PDF) 2 Page - Broadcom Corporation.

Part # BCM5464SA1KRBG
Description  QUAD-PORT GIGABIT COPPER TRANSCEIVER WITH COPPER/FIBER MEDIA INTERFACE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

BCM5464SA1KRBG Datasheet(HTML) 2 Page - Broadcom Corporation.

  BCM5464SA1KRBG Datasheet HTML 1Page - Broadcom Corporation. BCM5464SA1KRBG Datasheet HTML 2Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
O V ERVI EW
®
Phone: 949-450-8700
Fax: 949-450-8710
E-mail: info@broadcom.com
Web: www.broadcom.com
BROADCOM CORPORATION
16215 Alton Parkway, P.O. Box 57013
Irvine, California 92619-7013
© 2003 by BROADCOM CORPORATION. All rights reserved.
5464S-PB07-R
12/10/03
Broadcom®, the pulse logo, and Connecting everything® are trademarks of Broadcom Corporation and/
or its subsidiaries in the United States and certain other countries. All other trademarks mentioned are the
property of their respective owners.
The BCM5464S consists of four complete 10/100/1000BASE-T Gigabit
Ethernet transceivers integrated on a single monolithic CMOS chip, and
is a member of Broadcom’s QuadSquadTM family of quad Gigabit
Ethernet PHYs. The BCM5464S is optimized for low-power and small
footprint size to enable high port density applications. The BCM5464S
enables a new class of cost effective Gigabit Ethernet equipment by
lowering system cost and reducing power dissipation by nearly 25%,
driving the delivery of Gigabit bandwidth to the desktop.
The BCM5464S digital signal processor based architecture and
advanced power management techniques combine to achieve robust and
low-power operation over the existing Category 5 twisted-pair wiring.
The BCM5464S architecture not only meets the requirements of IEEE’s
802.3, 802.3u, and 802.3ab, but maintains the industry’s highest level of
margin over IEEE requirements for echo, NEXT, and FEXT. Low-
power is key to implementing high-density Gigabit switches, and the
BCM5464S has the lowest power in the industry at less than 750 mW per
port. In addition, the BCM5464S has extremely low EMI emissions,
which reduces the design constraints required to meet EMI radiation
specifications.
The BCM5464S supports GMII, RGMII, SGMII, and SerDes MAC
interfaces. A unique feature of the BCM5464S is its ability to support
both copper and fiber networks, with an integrated SerDes PHY interface
that can connect directly to a fiber-optic module. Switching between
copper and fiber media can be accomplished either automatically or
through software control. The BCM5464S monitors copper link and
fiber signal detect status, and automatically swaps either copper traffic or
fiber traffic to the MAC/switch based on priorities set at initialization.
This device is another member of Broadcom’s 0.13-µm Gigabit copper
PHY family, joining the BCM5404, BCM5414, BCM5421, BCM5421S,
BCM5424, and BCM5434. The 0.13-µm process is the optimal process
that offers the best performance, lowest cost, and lowest power for
Gigabit copper solutions. Devices based on the 0.13-µm process offer an
excellent long term cost curve, enabling better cost reduction over time
compared to older technologies without having to redesign or requalify
a new part.
Each port of the BCM5464S is fully independent and has individual
interface, control and status registers, and incorporates a number of
advanced features. A link quality indicator LED gives installers an
instant visual indication if there are any problems with the wiring plant
supporting operation at the preferred speed. This includes physical
wiring defects that the BCM5464S cannot automatically correct for,
channel conditions such as excessive cable length and return loss,
crosstalk, echo, and noise. Broadcom’s cable analyzer software can be
used with the device to provide remote management of the cable and a
first level of diagnostics and fault isolation.
The BCM5464S also has ESD tolerance well above typical industry
standards. This prevents ESD damage not only during manufacturing but
during CESD events in the field. The CESD is an ESD event that occurs
when an electrically charged network cable is plugged into a network
port, which is an issue becoming more prevalent with recent cable
installations. The BCM5464 can tolerate over 4 kV of CESD.
{1:4}*
{1:2}*
*{1:4} Refers to the four separate Gigabit transceivers in the BCM5464S
{1:4}*
{1:4}*
{1:4}*
{1:4}*
{1:4}*
{1:4}*
{1:4}*
{1:4}*
{1:4}*
{1:4}*
{1:4}*
SGIN±
SCLK±
SGOUT±
{1:4}*
SGIN
SGOUT
TRD
XTALI
XTALO
RDAC
16
TX DAC
Gain
Automatic
Control
PGA
ADC
Auto-
Negotiation
Clock
Generator
Bias
Generator
FFE
Echo
Cannceller
XTALK
Cannceller
X3
DFE/
Trellis
Decoder
Timing &
Phase
Decoder
MII
Registers
MII
MGMT
Control
Symbol
Encoder
MUX
MUX
SERDES/
SGMII
Symbol
Decoder/
Aligner
2
2
2
2
2
2
2
2
16
16
TXD
TX_EN
TX_ER
GTX_CLK
TX_CLK
COL
CRS
RX_CLK
RX_DV
RX_ER
RXD[7:0]
MDC
MDIO
NTR
MODES


Similar Part No. - BCM5464SA1KRBG

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM5464SA1IRBG BOARDCOM-BCM5464SA1IRBG Datasheet
113Kb / 2P
   QUAD-PORT GIGABIT COPPER TRANSCEIVER WITH COPPER/FIBER MEDIA INTERFACE
More results

Similar Description - BCM5464SA1KRBG

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM5464SR BOARDCOM-BCM5464SR Datasheet
153Kb / 2P
   QUAD-PORT GIGABIT COPPER TRANSCEIVER WITH COPPER/FIBER MEDIA INTERFACE
BCM5464SA1IRBG BOARDCOM-BCM5464SA1IRBG Datasheet
113Kb / 2P
   QUAD-PORT GIGABIT COPPER TRANSCEIVER WITH COPPER/FIBER MEDIA INTERFACE
BCM5466SR BOARDCOM-BCM5466SR Datasheet
96Kb / 2P
   QUAD-PORT GIGABIT ETHERNET COPPER TRANSCEIVER WITH COPPER/FIBER MEDIA INTERFACE
BCM5466SRA0KFBG BOARDCOM-BCM5466SRA0KFBG Datasheet
151Kb / 2P
   QUAD-PORT GIGABIT ETHERNET COPPER TRANSCEIVER WITH COPPER/ FIBER MEDIA INTERFACE
BCM5424 BOARDCOM-BCM5424 Datasheet
130Kb / 1P
   QUAD-PORT GIGABIT COPPER TRANSCEIVER
BCM5464S BOARDCOM-BCM5464S Datasheet
106Kb / 1P
   QUAD-PORT GIGABIT COPPER TRANSCEIVER
BCM5414 BOARDCOM-BCM5414 Datasheet
131Kb / 1P
   QUAD-PORT GIGABIT COPPER TRANSCEIVER
logo
Glenair, Inc.
050-101 GLENAIR-050-101 Datasheet
260Kb / 4P
   GigaBit Ethernet Copper to Fiber Media Converter
logo
Broadcom Corporation.
BCM5434 BOARDCOM-BCM5434 Datasheet
130Kb / 1P
   4-PORT GIGABIT COPPER TRANSCEIVER
BCM5464RA1KFBG BOARDCOM-BCM5464RA1KFBG Datasheet
139Kb / 2P
   QUAD-PORT 10/100/1000BASE-T GIGABIT COPPER TRANSCEIVER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com