Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF10120 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MRF10120
Description  MICROWAVE POWER TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF10120 Datasheet(HTML) 2 Page - Motorola, Inc

  MRF10120 Datasheet HTML 1Page - Motorola, Inc MRF10120 Datasheet HTML 2Page - Motorola, Inc MRF10120 Datasheet HTML 3Page - Motorola, Inc MRF10120 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MRF10120
2
MOTOROLA RF DEVICE DATA
ELECTRICAL CHARACTERISTICS — continued (TC = 25°C unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
ON CHARACTERISTICS
DC Current Gain (IC = 5.0 Adc, VCE = 5.0 Vdc)
hFE
20
FUNCTIONAL TESTS (7.0
µs Pulses @ 54% duty cycle for 3.4 ms; then off for 4.5 ms; overall duty cycle = 23%)
Common–Base Amplifier Power Gain
(VCC = 36 Vdc, Pout = 120 W Peak, f = 1215 MHz)
GPB
8.0
9.2
dB
Collector Efficiency
(VCC = 36 Vdc, Pout = 120 W Peak, f = 1215 MHz)
η
50
55
%
Load Mismatch
(VCC = 36 Vdc, Pout = 120 W Peak, f = 1215 MHz,
VSWR = 3:1 All Phase Angles)
ψ
No Degradation in Output Power
Figure 1. Test Circuit
Z1 – Z9 — Microstrip, See Details
Board Material — Teflon®/Glass Laminate,
Dielectric Thickness = 0.030
″,
εr = 2.55, 2 Oz. Copper
C1 — 270 pF 100 Mil Chip Capacitor
C2 — 220 pF 100 Mil Chip Capacitor
C3 — 0.1
µF
C4 — 47
µF 50 V Electrolytic
L1 — 3 Turns #18 AWG, 1/8
″ ID, 0.18 Long
RF
INPUT
RF
OUTPUT
C1
36 Vdc
+
D.U.T.
Z1
+
L1
Z2
Z3
Z4
Z6
Z7
Z8
Z9
Z5
C2
C3
C4
ALL DIMENSIONS IN INCHES
1.00
0.4
0.2
0.15
1.1
0.15
0.3
0.6
0.081
0.91
0.6
0.66
0.55
0.22
1.06
0.52
0.8
0.081
0.05
0.44
0.74
0.3
0.13


Similar Part No. - MRF10120

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MRF10120 MACOM-MRF10120 Datasheet
128Kb / 4P
   MICROWAVE POWER TRANSISTOR NPN SILICON
logo
M/A-COM Technology Solu...
MRF10120 MA-COM-MRF10120 Datasheet
171Kb / 5P
   Microwave Long Pulse Power Silicon NPN Transistor 120W (peak), 960-1215MHz
MRF10120 MA-COM-MRF10120 Datasheet
171Kb / 5P
   Microwave Long Pulse Power Silicon NPN Transistor
MRF10120 MA-COM-MRF10120_15 Datasheet
171Kb / 5P
   Microwave Long Pulse Power Silicon NPN Transistor
More results

Similar Description - MRF10120

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PLB16004U PHILIPS-PLB16004U Datasheet
66Kb / 12P
   Microwave power transistor
1997 Feb 18
BLS2731-20 NXP-BLS2731-20 Datasheet
68Kb / 8P
   Microwave power transistor
1998 Nov 25
BLS3135-50 PHILIPS-BLS3135-50 Datasheet
65Kb / 8P
   Microwave power transistor
1999 Aug 16
logo
Motorola, Inc
MRF10005 MOTOROLA-MRF10005 Datasheet
100Kb / 4P
   MICROWAVE POWER TRANSISTOR
MRF10031 MOTOROLA-MRF10031 Datasheet
101Kb / 4P
   MICROWAVE POWER TRANSISTOR
MRF10150 MOTOROLA-MRF10150 Datasheet
90Kb / 4P
   MICROWAVE POWER TRANSISTOR
logo
NXP Semiconductors
RX1214B170W PHILIPS-RX1214B170W Datasheet
74Kb / 12P
   Microwave power transistor
1997 Feb 18
BLS3135-20 PHILIPS-BLS3135-20 Datasheet
69Kb / 12P
   Microwave power transistor
2000 Feb 01
BLS3135-10 NXP-BLS3135-10 Datasheet
78Kb / 12P
   Microwave power transistor
2000 Feb 01
BLS2731-50 NXP-BLS2731-50 Datasheet
65Kb / 8P
   Microwave power transistor
1998 Jan 30
logo
Motorola, Inc
MRF10070 MOTOROLA-MRF10070 Datasheet
97Kb / 4P
   MICROWAVE POWER TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com