Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DEV-BF548 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # DEV-BF548
Description  Bluetechnix Mechatronische Systeme GmbH
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DEV-BF548 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button DEV-BF548 Datasheet HTML 5Page - List of Unclassifed Manufacturers DEV-BF548 Datasheet HTML 6Page - List of Unclassifed Manufacturers DEV-BF548 Datasheet HTML 7Page - List of Unclassifed Manufacturers DEV-BF548 Datasheet HTML 8Page - List of Unclassifed Manufacturers DEV-BF548 Datasheet HTML 9Page - List of Unclassifed Manufacturers DEV-BF548 Datasheet HTML 10Page - List of Unclassifed Manufacturers DEV-BF548 Datasheet HTML 11Page - List of Unclassifed Manufacturers DEV-BF548 Datasheet HTML 12Page - List of Unclassifed Manufacturers DEV-BF548 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
Blackfin DEV-BF548-Lite. DEV-BF548DA-lite Hardware User Manual
8
1
Introduction
NOTE: The DEV-BF548DA-Lite has an on-board Debug Agent, which is not available on the DEV-BF548-
Lite Board. All other features are identical! In this document, when describing both boards, the name
DEV-BF548-Lite is used.
The DEV-BF548-Lite Development Board with integrated Debug Agent is designed as a development
and application board for the high performance ADSP-BF548 based CM-BF548 Core Module. Special
feature of the board is the 10/100Mbit industrial Ethernet controller. The integrated Debug Agent is a
USB based debug interface which enables programming and debugging of the Blackfin Core Modules.
It is fully compatible with the Visual DSP++ development environment. The development board
provides all interfaces on dedicated connectors or expansion connectors. Extender boards can be
plugged on top of the Development Board in order to enable additional interfaces.
1.1
Overview
The DEV-BF548-Lite Board includes the following components:
60 Pin Expansion Connector 2
USB to
UART
CM-BF548
64MB DDR SD RAM
8MB Flash
SD-Card
60 Pin Expansion Connector 1
CAN
DEBUG
AGENT
USB-OTG
10/100Mbit
(Ethernet
Controller)
DC/DC
Power Supply
(5V and 3V3)
Figure 1-1: Overview of the DEV-BF548-Lite Board
DC/DC Converters
o
5V@2A
o
3V3@1.5A (draws its power from the 5V output of the DC/DC)
1 Core Module Slot
o
Supports the CM-BF548 Core Module
USB-to-UART Port
o
Supports up to 915kbps UART-USB conversion.
o
Emulates a standard COM port on the computer.
o
Drivers for Windows and Linux available


Similar Part No. - DEV-BF548

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-07914 SPARKFUN-DEV-07914 Datasheet
467Kb / 9P
   ProtoShield Quickstart Guide
DEV-08467 SPARKFUN-DEV-08467 Datasheet
99Kb / 1P
   LilyPad Tri-Color LED
10/12/2015
DEV-08776 SPARKFUN-DEV-08776 Datasheet
98Kb / 1P
   LilyPad Button Board
10/13/2015
DEV-08777 SPARKFUN-DEV-08777 Datasheet
95Kb / 1P
   LilyPad Temperature Sensor
10/13/2015
DEV-09101 SPARKFUN-DEV-09101 Datasheet
107Kb / 1P
   LilyPad Protoboard Large
11/24/2015
More results

Similar Description - DEV-BF548

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TCM-BF537 ETC1-TCM-BF537 Datasheet
913Kb / 37P
   Bluetechnix Mechatronische Systeme GmbH
CM-BF537 ETC1-CM-BF537 Datasheet
1,000Kb / 33P
   Bluetechnix Mechatronische Systeme GmbH
CM-BF548 ETC1-CM-BF548 Datasheet
621Kb / 26P
   Bluetechnix Mechatronische Systeme GmbH
EVAL-BF5XX ETC1-EVAL-BF5XX Datasheet
1Mb / 35P
   Bluetechnix Mechatronische Systeme GmbH
EDEV-BF5XX ETC1-EDEV-BF5XX Datasheet
1,002Kb / 37P
   Bluetechnix Mechatronische Systeme GmbH
ARGOS-A10X ETC1-ARGOS-A10X Datasheet
1Mb / 27P
   This guide applies to all smart cameras based on the Argos짰 smart camera platform from Bluetechnix GmbH.
logo
Hammond Manufacturing L...
TCS HAMMOND-TCS Datasheet
74Kb / 2P
   Systeme disolement thermique
logo
Schneider Electric
ABFTE20SP100 SCHNEIDER-ABFTE20SP100 Datasheet
9Mb / 58P
   Systeme de precablage Telefast
Avril 2019 - V3.4
logo
Amphenol Corporation
C091-31G006-100-2 AMPHENOL-C091-31G006-100-2 Datasheet
3Mb / 52P
   Amphenol-Tuchel Electronics GmbH
logo
ALPS ELECTRIC CO.,LTD.
SKHHLRA010 ALPS-SKHHLRA010 Datasheet
711Kb / 8P
   ALPS ELECTRIC EUROPA GMBH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com