Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVAL-BF5XX Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # EVAL-BF5XX
Description  Bluetechnix Mechatronische Systeme GmbH
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

EVAL-BF5XX Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button EVAL-BF5XX Datasheet HTML 4Page - List of Unclassifed Manufacturers EVAL-BF5XX Datasheet HTML 5Page - List of Unclassifed Manufacturers EVAL-BF5XX Datasheet HTML 6Page - List of Unclassifed Manufacturers EVAL-BF5XX Datasheet HTML 7Page - List of Unclassifed Manufacturers EVAL-BF5XX Datasheet HTML 8Page - List of Unclassifed Manufacturers EVAL-BF5XX Datasheet HTML 9Page - List of Unclassifed Manufacturers EVAL-BF5XX Datasheet HTML 10Page - List of Unclassifed Manufacturers EVAL-BF5XX Datasheet HTML 11Page - List of Unclassifed Manufacturers EVAL-BF5XX Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
DEV-BF5xxDA-lite V5.x Hardware User Manual
7
1 Introduction
NOTE: The DEV-BF5xxDA-Lite has an on-board Debug Agent, which is not available on the EVAL-BF5xx Board. All
other features are identical! In this document, when describing both boards, the name DEV-BF5xx-Lite is used.
The DEV-BF5xx-Lite Board is a lightweight development platform for all current and future Bluetechnix Core
Modules (CM-BF527, CM-BF533, CM-BF561, CM-BF537U, CM-BF537E, TCM-BF537, TCM-BF518). On the DEV-
BF5xxDA-Lite board a bottom mounted tiny high performance Debug Agent fully compatible with Visual DSP++
allows programming and debugging any of the Blackfin Processors. The small baseboard has all hardware necessary
to test the performance of the Core Modules including a high-speed serial port directly connectable to a computer
USB port, a CAN Interface and an SD-Card mass storage device socket.
1.1 Overview
The DEV-BF5xx-Lite Board includes the following components:
60 Pin Expansion Connector 1
USB to
UART
Coremodules:
CM-BF533
CM-BF537E
CM-BF537U
CM-BF561
TCM-BF537
CM-BF527
TCM-BF518
SD-Card
60 Pin Expansion Connector 2
CAN
DEBUG
AGENT
USB-OTG
(for CM-BF537U,
CM-BF527)
RJ-45
(for CM-BF537E,
CM-BF527)
DC/DC
Power Supply
(5V and 3V3)
Figure 1-1: Overview of the Dev-BF5xx-Lite Board
DC/DC Converters
o
5V@2A + 3V3@1.5A (draws its power from the 5V output of the DC/DC)
1 Core Module Slot
o
Supports all current Bluetechnix Blackfin based Core Modules


Similar Part No. - EVAL-BF5XX

ManufacturerPart #DatasheetDescription
logo
Marki Microwave
EVAL-BAL-0003 MARKIMICROWAVE-EVAL-BAL-0003 Datasheet
730Kb / 9P
   SURFACE-MOUNT BROADBAND BALUN
EVAL-BAL-0006 MARKIMICROWAVE-EVAL-BAL-0006 Datasheet
780Kb / 9P
   SURFACE-MOUNT BROADBAND BALUN
EVAL-BAL-0009 MARKIMICROWAVE-EVAL-BAL-0009 Datasheet
784Kb / 9P
   SURFACE-MOUNT BROADBAND BALUN
EVAL-BAL-0012 MARKIMICROWAVE-EVAL-BAL-0012 Datasheet
544Kb / 8P
   SURFACE-MOUNT BROADBAND BALUN
EVAL-BAL-0020 MARKIMICROWAVE-EVAL-BAL-0020 Datasheet
543Kb / 7P
   SURFACE-MOUNT BROADBAND BALUN
More results

Similar Description - EVAL-BF5XX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TCM-BF537 ETC1-TCM-BF537 Datasheet
913Kb / 37P
   Bluetechnix Mechatronische Systeme GmbH
DEV-BF548 ETC1-DEV-BF548 Datasheet
1Mb / 36P
   Bluetechnix Mechatronische Systeme GmbH
CM-BF537 ETC1-CM-BF537 Datasheet
1,000Kb / 33P
   Bluetechnix Mechatronische Systeme GmbH
CM-BF548 ETC1-CM-BF548 Datasheet
621Kb / 26P
   Bluetechnix Mechatronische Systeme GmbH
EDEV-BF5XX ETC1-EDEV-BF5XX Datasheet
1,002Kb / 37P
   Bluetechnix Mechatronische Systeme GmbH
ARGOS-A10X ETC1-ARGOS-A10X Datasheet
1Mb / 27P
   This guide applies to all smart cameras based on the Argos짰 smart camera platform from Bluetechnix GmbH.
logo
Hammond Manufacturing L...
TCS HAMMOND-TCS Datasheet
74Kb / 2P
   Systeme disolement thermique
logo
Schneider Electric
ABFTE20SP100 SCHNEIDER-ABFTE20SP100 Datasheet
9Mb / 58P
   Systeme de precablage Telefast
Avril 2019 - V3.4
logo
Amphenol Corporation
C091-31G006-100-2 AMPHENOL-C091-31G006-100-2 Datasheet
3Mb / 52P
   Amphenol-Tuchel Electronics GmbH
logo
ALPS ELECTRIC CO.,LTD.
SKHHLRA010 ALPS-SKHHLRA010 Datasheet
711Kb / 8P
   ALPS ELECTRIC EUROPA GMBH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com