Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOV-20D781K Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # MOV-20D781K
Description  High voltage rating
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MOV-20D781K Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  MOV-20D781K Datasheet HTML 1Page - Bourns Electronic Solutions MOV-20D781K Datasheet HTML 2Page - Bourns Electronic Solutions MOV-20D781K Datasheet HTML 3Page - Bourns Electronic Solutions MOV-20D781K Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
3312-2mmSMDTrimmingPotentiometer
20D431K
5
T
H
23.0
(1.023) MAX.
1.0 ± 0.1
(.039 ± .004)
10.0 ± 0.8
(.394 ± .031)
20.0
(.787)
MIN.
Product Dimensions
MOV-20DxxxKSeries-MetalOxideVaristor
DIMENSIONS:
MM
(INCHES)
This is an RoHS compliant molded radial package with 100 % Sn plating on the terminations.
Part Number
Dim. H
(Max.)
Dim. T
(Max.)
MOV-20D180K
26.0
(1.024)
4.2
(.165)
MOV-20D220K
26.0
(1.024)
4.3
(.169)
MOV-20D270K
26.0
(1.024)
4.6
(.181)
MOV-20D330K
26.0
(1.024)
4.2
(.165)
MOV-20D390K
26.0
(1.024)
4.4
(.173)
MOV-20D470K
26.0
(1.024)
4.6
(.181)
MOV-20D560K
26.0
(1.024)
4.7
(.185)
MOV-20D680K
26.0
(1.024)
4.8
(.189)
MOV-20D820K
26.0
(1.024)
4.2
(.165)
MOV-20D101K
26.0
(1.024)
4.4
(.173)
MOV-20D121K
26.0
(1.024)
4.6
(.181)
MOV-20D151K
26.0
(1.024)
4.8
(.189)
MOV-20D181K
26.0
(1.024)
4.0
(.157)
MOV-20D201K
26.0
(1.024)
4.2
(.165)
MOV-20D221K
26.0
(1.024)
4.3
(.169)
MOV-20D241K
26.0
(1.024)
4.4
(.173)
MOV-20D271K
26.0
(1.024)
4.6
(.181)
MOV-20D301K
26.0
(1.024)
4.8
(.189)
Part Number
Dim. H
(Max.)
Dim. T
(Max.)
MOV-20D331K
26.0
(1.024)
5.0
(.197)
MOV-20D361K
26.0
(1.024)
5.2
(.205)
MOV-20D391K
26.0
(1.024)
5.4
(.213)
MOV-20D431K
26.0
(1.024)
5.6
(.220)
MOV-20D471K
26.0
(1.024)
5.9
(.232)
MOV-20D511K
26.0
(1.024)
6.0
(.236)
MOV-20D561K
28.0
(1.102)
6.5
(.256)
MOV-20D621K
28.0
(1.102)
6.9
(.272)
MOV-20D681K
28.0
(1.102)
7.0
(.276)
MOV-20D751K
28.0
(1.102)
7.2
(.283)
MOV-20D781K
28.0
(1.102)
7.4
(.291)
MOV-20D821K
28.0
(1.102)
7.8
(.307)
MOV-20D911K*
28.0
(1.102)
8.2
(.323)
MOV-20D102K*
28.0
(1.102)
8.7
(.343)
MOV-20D112K*
28.0
(1.102)
9.2
(.362)
MOV-20D152K*
28.0
(1.102)
10.2
(.402)
MOV-20D182K*
28.0
(1.102)
12.2
(.480)
* Not available in Tape & Reel packaging.
How to Order
MOV - 20D nn (n) K (TR)
Model Designator
MOV = Metal Oxide
Varistor
Disc Diameter
20D = 20 mm
Nominal Varistor Voltage
See Electrical Characteristics
Table
Multiplier of Voltage Digits
0 = No multiplier
1 = nn * 101
2 = nn * 102
Varistor Voltage Tolerance
K = 10 %
Packaging
Blank = Bulk
TR = Tape & Reel*
Examples: MOV-20D270K = 27 V, Bulk Pack
MOV-20D331KTR = 330 V, Tape & Reel
* Models MOV-20D911K, 102K, 112K, 152K and
182K are not available in Tape & Reel
packaging.
Internal Construction


Similar Part No. - MOV-20D781K

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MOV-20D781K BOURNS-MOV-20D781K Datasheet
689Kb / 4P
   Metal Oxide Varistor
More results

Similar Description - MOV-20D781K

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
SCE048SA3QP1B MSPI-SCE048SA3QP1B Datasheet
55Kb / 1P
   Voltage Rating Voltage Rating
SCE016XD3MG3B MSPI-SCE016XD3MG3B Datasheet
59Kb / 1P
   Voltage Rating: Voltage Rating:
logo
Illinois Capacitor, Inc...
PHB ILLINOISCAPACITOR-PHB Datasheet
273Kb / 6P
   High Current - High voltage ??Good Pulse Current rating
logo
Bel Fuse Inc.
0684L40A BEL-0684L40A Datasheet
1Mb / 4P
   350V AC Voltage Rating
logo
Mallory Sonalert Produc...
MSE14LCM1S MSPI-MSE14LCM1S Datasheet
48Kb / 1P
   Voltage Rating SC616JW Siren
logo
Texas Instruments
CD4541B TI-CD4541B Datasheet
93Kb / 9P
[Old version datasheet]   CMOS PROGRAMMABLE TIMER HIGH VOLTAGE TYPES(20V RATING)
CD4541B_101 TI-CD4541B_101 Datasheet
671Kb / 17P
[Old version datasheet]   CMOS Programmable Timer High Voltage Types (20V Rating)
logo
Advanced Power Electron...
AP6680GM A-POWER-AP6680GM Datasheet
85Kb / 6P
   Low On-Resistance, High Vgs Max Rating Voltage
logo
Harris Corporation
CD4541B HARRIS-CD4541B Datasheet
78Kb / 8P
   CMOS Programmable Timer High Voltage Types (20V Rating)
logo
Texas Instruments
CD4541B TI-CD4541B_10 Datasheet
574Kb / 15P
[Old version datasheet]   CMOS Programmable Timer High Voltage Types(20V Rating)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com