Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8893CEWVT Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX8893CEWVT
Description  μPMICs for Multimedia Application Processors in a 3.0mm x 2.5mm WLP
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8893CEWVT Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX8893CEWVT Datasheet HTML 2Page - Maxim Integrated Products MAX8893CEWVT Datasheet HTML 3Page - Maxim Integrated Products MAX8893CEWVT Datasheet HTML 4Page - Maxim Integrated Products MAX8893CEWVT Datasheet HTML 5Page - Maxim Integrated Products MAX8893CEWVT Datasheet HTML 6Page - Maxim Integrated Products MAX8893CEWVT Datasheet HTML 7Page - Maxim Integrated Products MAX8893CEWVT Datasheet HTML 8Page - Maxim Integrated Products MAX8893CEWVT Datasheet HTML 9Page - Maxim Integrated Products MAX8893CEWVT Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 51 page
background image
6
Maxim Integrated
µPMICs for Multimedia Application Processors
in a 3.0mm x 2.5mm WLP
MAX8893A/MAX8893B/MAX8893C
ELECTRICAL CHARACTERISTICS (continued)
(Typical Operating Circuit, VIN = 3.7V, CBATT = CIN1 = CIN2 = 2.2FF, CREFBP = 0.1FF, TA = -40NC to +85NC, unless otherwise noted.
Typical values are at TA = +25NC.) (Notes 3, 4)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
LDO3
Input Voltage Range
2.7
5.5
V
Programmable Output Voltage
ILOAD = 25mA, programmable output voltage 1.6V to
3.3V in 100mV steps
1.552
1.600
1.648
V
1.70
1.80
1.90
2.00
2.10
2.20
2.30
2.40
2.50
2.60
2.70
2.80
2.90
2.910
3.000
3.090
3.10
3.20
3.201
3.300
3.399
Output Voltage Accuracy
VIN = 5.5V with ILOAD = 1mA, and
VIN = 3.7V with ILOAD = 300mA
3.201
3.300
3.399
V
Output Current
300
mA
Current Limit
VLDO3 = 0V
550
mA
Dropout Voltage
ILOAD = 200mA, TA = +25NC
200
mV
Load Regulation
1mA < ILOAD < 300mA
VENLDO3 = VBATT
25
mV
Power-Supply Rejection
DVLDO3/DVBATT
10Hz to 10kHz, CLDO3 = 1FF, ILOAD = 30mA
60
dB
Output Noise Voltage
100Hz to 100kHz, CLDO3 = 1FF, ILOAD = 30mA
80
F
VRMS
Output Capacitor for Stable
Operation (Note 6)
0mA < ILOAD < 300mA
1.4
2.2
F
F
0mA < ILOAD < 150mA
0.7
1.0
Ground Current
ILOAD = 500FA
21
F
A
Startup Time from Shutdown
CLDO3 = 2.2FF, ILOAD = 300mA
40
F
s
Shutdown Output Resistance
LDO3_ADEN = 1, VENLDO3 = 0V
300
I


Similar Part No. - MAX8893CEWVT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8893CEWV++ MAXIM-MAX8893CEWV+ Datasheet
4Mb / 50P
   μPMICs for Multimedia Application Processors in a 3.0mm x 2.5mm WLP
Rev 0; 10/09
MAX8893CEWV++ MAXIM-MAX8893CEWV+ Datasheet
5Mb / 51P
   μPMICs for Multimedia Application Processors in a 3.0mm x 2.5mm WLP
Rev 1; 2/10
More results

Similar Description - MAX8893CEWVT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8893A MAXIM-MAX8893A Datasheet
4Mb / 50P
   μPMICs for Multimedia Application Processors in a 3.0mm x 2.5mm WLP
Rev 0; 10/09
MAX8893A MAXIM-MAX8893A_10 Datasheet
5Mb / 51P
   μPMICs for Multimedia Application Processors in a 3.0mm x 2.5mm WLP
Rev 1; 2/10
logo
LUMEX INC.
CCL-CRS10SR-G LUMEX-CCL-CRS10SR-G Datasheet
186Kb / 2P
   3.0mm X 2.5mm Ceramic Surface Mount
CCL-CRS10UPG LUMEX-CCL-CRS10UPG Datasheet
175Kb / 2P
   3.0mm X 2.5mm Ceramic Surface Mount
CCL-CRS10USB-A LUMEX-CCL-CRS10USB-A Datasheet
174Kb / 2P
   3.0mm X 2.5mm Ceramic Surface Mount
CCL-CRS10Y LUMEX-CCL-CRS10Y Datasheet
180Kb / 2P
   3.0mm X 2.5mm Ceramic Surface Mount
CCL-CRS10Y-G LUMEX-CCL-CRS10Y-G Datasheet
181Kb / 2P
   3.0mm X 2.5mm Ceramic Surface Mount
SML-LX2530SRELC-TR LUMEX-SML-LX2530SRELC-TR Datasheet
67Kb / 1P
   3.0mm X 2.5mm SURFACE MOUNT LED
CCL-CRS10SA LUMEX-CCL-CRS10SA Datasheet
177Kb / 2P
   3.0mm X 2.5mm Ceramic Surface Mount
CCL-CRS10SG LUMEX-CCL-CRS10SG Datasheet
182Kb / 2P
   3.0mm X 2.5mm Ceramic Surface Mount
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com