Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX17085GTL Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX17085GTL
Description  Integrated Charger, Dual Main Step-Down Controllers, and Dual LDO Regulators
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17085GTL Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX17085GTL Datasheet HTML 6Page - Maxim Integrated Products MAX17085GTL Datasheet HTML 7Page - Maxim Integrated Products MAX17085GTL Datasheet HTML 8Page - Maxim Integrated Products MAX17085GTL Datasheet HTML 9Page - Maxim Integrated Products MAX17085GTL Datasheet HTML 10Page - Maxim Integrated Products MAX17085GTL Datasheet HTML 11Page - Maxim Integrated Products MAX17085GTL Datasheet HTML 12Page - Maxim Integrated Products MAX17085GTL Datasheet HTML 13Page - Maxim Integrated Products MAX17085GTL Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
Integrated Charger, Dual Main Step-Down
Controllers, and Dual LDO Regulators
10 _____________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(Circuit of Figure 1, no load on LDO5, LDO3, OUT5, OUT3, and REF, VCC = 5V, ON3 = ON5 = VCC, VDCIN = VLXC = VCSSP = VCSSN
= 19V, VBSTC - VLXC = 5V, VBATT = VCSIP = VCSIN = 12.6V, VVCTL = VISET = 1.8V, CELLS = open, TA = -40°C to +85°C, unless
otherwise noted.) (Note 4)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DLC Gate-Driver On-Resistance
RDLC
High state, IDLC = 10mA
6
I
Low state, IDLC = -10mA
6
CHARGER SMPS
DHC Off-Time K Factor
VDCIN = 19V, VBATT = 10V
30
40
ns/V
Cycle-by-Cycle Current-Limit
Sense Voltage
VCSIP - VCSIN
120
130
mV
CHARGE-VOLTAGE REGULATION
Battery-Regulation Voltage
Accuracy
VBATT
CELLS = open, VCTL = REF, 2 cells
-0.5
+0.5
%
CELLS = GND, VCTL = REF, 3 cells
-0.5
+0.5
CELLS = LDO3, VCTL = REF, 4 cells
-0.5
+0.5
VCTL Range
0
2.4
V
CELLS 3-Cell Threshold
0.8
V
CELLS 2-Cell Level
CELLS = open
1.9
2.3
V
CELLS 4-Cell Threshold
2.8
V
CHARGE-CURRENT REGULATION
ISET Range
Charging current, analog setting
0.0
REF
V
Full-Charge-Current Accuracy
(CSIP to CSIN)
VCSI
VBATT = 4V to 16.8V
VISET = VREF, or
PWM = 100%
97
103
mV
VISET = 0.6 x VREF,
or PWM = 60%
57.6
62.4
Trickle Charge-Current Accuracy
VCSI
VBATT = 4V to 16.8V, VISET = VREF/36 or
PWM = 2.7%
1.2
4.3
mV
Charge-Current Gain Error
-1.5
+1.5
%
Charge-Current Offset Error
Based on VISET = VREF and
VISET = 0.6 x VREF
-1.4
+1.4
mV
CSIP/CSIN/BATT Input
Voltage Range
0
24
V
ISET Power-Down Mode
Threshold
VISET-SDN
ISET falling
20
32
mV
ISET rising
32
46
ISET PWM Threshold
ISET rising
2.4
V
ISET falling
0.8
ISET Frequency
fISET
0.128
500
kHz


Similar Part No. - MAX17085GTL

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17085B MAXIM-MAX17085B Datasheet
3Mb / 37P
   Integrated Charger, Dual Main Step-Down Controllers, and Dual LDO Regulators
Rev 0; 1/10
MAX17085B MAXIM-MAX17085B Datasheet
3Mb / 38P
   Integrated Charger, Dual Main Step-Down Controllers, and Dual LDO Regulators
Rev 2; 3/12
MAX17085BETL++ MAXIM-MAX17085BETL+ Datasheet
3Mb / 37P
   Integrated Charger, Dual Main Step-Down Controllers, and Dual LDO Regulators
Rev 0; 1/10
MAX17085BETL++ MAXIM-MAX17085BETL+ Datasheet
3Mb / 38P
   Integrated Charger, Dual Main Step-Down Controllers, and Dual LDO Regulators
Rev 2; 3/12
MAX17085B MAXIM-MAX17085B_12 Datasheet
3Mb / 38P
   Integrated Charger, Dual Main Step-Down Controllers, and Dual LDO Regulators
Rev 2; 3/12
More results

Similar Description - MAX17085GTL

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17085B MAXIM-MAX17085B Datasheet
3Mb / 37P
   Integrated Charger, Dual Main Step-Down Controllers, and Dual LDO Regulators
Rev 0; 1/10
MAX17085B MAXIM-MAX17085B_12 Datasheet
3Mb / 38P
   Integrated Charger, Dual Main Step-Down Controllers, and Dual LDO Regulators
Rev 2; 3/12
MAX15022 MAXIM-MAX15022 Datasheet
336Kb / 27P
   Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator with Dual LDO Controllers
Rev 0; 5/08
MAX15022 MAXIM-MAX15022_11 Datasheet
317Kb / 28P
   Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator with Dual LDO Controllers
ev 1; 7/11
MAX8855 MAXIM-MAX8855_11 Datasheet
251Kb / 20P
   Dual, 5A, 2MHz Step-Down Regulators Integrated Boost Diodes
Rev 3; 7/11
logo
Anpec Electronics Corop...
APW7060 ANPEC-APW7060 Datasheet
179Kb / 16P
   Dual Controllers - Step Down Synchronous PWM and Linear Controller
logo
BCD Semiconductor Manuf...
AP2401 BCDSEMI-AP2401_09 Datasheet
829Kb / 22P
   DUAL LDO REGULATORS
AP2401 BCDSEMI-AP2401 Datasheet
747Kb / 22P
   DUAL LDO REGULATORS
logo
STMicroelectronics
PM6681A STMICROELECTRONICS-PM6681A Datasheet
474Kb / 12P
   Dual step-down controller with adjustable LDO
November 2006 Rev 1
logo
NXP Semiconductors
PM823 NXP-PM823 Datasheet
6Mb / 58P
   Dual Synchronous 1.5A/1.5A Step-down Buck Regulators with 525 mA LDO
Rev. 4 ??23 June 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com