Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8893BEWV+ Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX8893BEWV+
Description  μPMICs for Multimedia Application Processors in a 3.0mm x 2.5mm WLP
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8893BEWV+ Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX8893BEWV+ Datasheet HTML 3Page - Maxim Integrated Products MAX8893BEWV+ Datasheet HTML 4Page - Maxim Integrated Products MAX8893BEWV+ Datasheet HTML 5Page - Maxim Integrated Products MAX8893BEWV+ Datasheet HTML 6Page - Maxim Integrated Products MAX8893BEWV+ Datasheet HTML 7Page - Maxim Integrated Products MAX8893BEWV+ Datasheet HTML 8Page - Maxim Integrated Products MAX8893BEWV+ Datasheet HTML 9Page - Maxim Integrated Products MAX8893BEWV+ Datasheet HTML 10Page - Maxim Integrated Products MAX8893BEWV+ Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 51 page
background image
7
Maxim Integrated
µPMICs for Multimedia Application Processors
in a 3.0mm x 2.5mm WLP
MAX8893A/MAX8893B/MAX8893C
ELECTRICAL CHARACTERISTICS (continued)
(Typical Operating Circuit, VIN = 3.7V, CBATT = CIN1 = CIN2 = 2.2FF, CREFBP = 0.1FF, TA = -40NC to +85NC, unless otherwise noted.
Typical values are at TA = +25NC.) (Notes 3, 4)
LDO4
Input Voltage Range
2.7
5.5
V
Programmable Output Voltage
ILOAD = 25mA, programmable output voltage 0.8V to
3.3V in 100mV steps
0.776
0.800
0.824
V
0.90
1.00
1.10
1.20
1.30
1.358
1.400
1.442
1.50
1.60
1.70
1.80
1.90
2.00
2.10
2.20
2.30
2.40
2.50
2.60
2.70
2.80
2.90
3.00
3.10
3.20
3.201
3.300
3.399
Output Voltage Accuracy
VIN = 5.5V with ILOAD=1mA, and VIN = 3.4V with ILOAD =
150mA (MAX8893A)
2.910
3.000
3.090
V
VIN = 5.5V with ILOAD = 1mA, and VIN = 3.7V with ILOAD
= 150mA (MAX8893B/MAX8893C)
3.201
3.300
3.399
Output Current
150
mA
Current Limit
VLDO4 = 0V
360
mA
Dropout Voltage
ILOAD = 100mA
100
mV
Load Regulation
1mA < ILOAD < 150mA, VENLDO4 = VBATT
25
mV
Power-Supply Rejection
DVLDO4/DVIN2
10Hz to 10kHz, CLDO4 = 1FF, ILOAD = 30mA
75
dB
Output Noise Voltage
100Hz to 100kHz, CLDO4 = 1FF, ILOAD = 30mA
45
F
VRMS
Output Capacitor for Stable
Operation
0mA < ILOAD < 150mA (Note 6)
0.7
1.0
F
F


Similar Part No. - MAX8893BEWV+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8893BEWV++ MAXIM-MAX8893BEWV+ Datasheet
4Mb / 50P
   μPMICs for Multimedia Application Processors in a 3.0mm x 2.5mm WLP
Rev 0; 10/09
MAX8893BEWV++ MAXIM-MAX8893BEWV+ Datasheet
5Mb / 51P
   μPMICs for Multimedia Application Processors in a 3.0mm x 2.5mm WLP
Rev 1; 2/10
More results

Similar Description - MAX8893BEWV+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8893A MAXIM-MAX8893A Datasheet
4Mb / 50P
   μPMICs for Multimedia Application Processors in a 3.0mm x 2.5mm WLP
Rev 0; 10/09
MAX8893A MAXIM-MAX8893A_10 Datasheet
5Mb / 51P
   μPMICs for Multimedia Application Processors in a 3.0mm x 2.5mm WLP
Rev 1; 2/10
logo
LUMEX INC.
CCL-CRS10SR-G LUMEX-CCL-CRS10SR-G Datasheet
186Kb / 2P
   3.0mm X 2.5mm Ceramic Surface Mount
CCL-CRS10UPG LUMEX-CCL-CRS10UPG Datasheet
175Kb / 2P
   3.0mm X 2.5mm Ceramic Surface Mount
CCL-CRS10USB-A LUMEX-CCL-CRS10USB-A Datasheet
174Kb / 2P
   3.0mm X 2.5mm Ceramic Surface Mount
CCL-CRS10Y LUMEX-CCL-CRS10Y Datasheet
180Kb / 2P
   3.0mm X 2.5mm Ceramic Surface Mount
CCL-CRS10Y-G LUMEX-CCL-CRS10Y-G Datasheet
181Kb / 2P
   3.0mm X 2.5mm Ceramic Surface Mount
SML-LX2530SRELC-TR LUMEX-SML-LX2530SRELC-TR Datasheet
67Kb / 1P
   3.0mm X 2.5mm SURFACE MOUNT LED
CCL-CRS10SA LUMEX-CCL-CRS10SA Datasheet
177Kb / 2P
   3.0mm X 2.5mm Ceramic Surface Mount
CCL-CRS10SG LUMEX-CCL-CRS10SG Datasheet
182Kb / 2P
   3.0mm X 2.5mm Ceramic Surface Mount
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com