Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4232AKA Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4232AKA
Description  High Output-Drive, 10MHz, 10V/μs, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4232AKA Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4232AKA Datasheet HTML 1Page - Maxim Integrated Products MAX4232AKA Datasheet HTML 2Page - Maxim Integrated Products MAX4232AKA Datasheet HTML 3Page - Maxim Integrated Products MAX4232AKA Datasheet HTML 4Page - Maxim Integrated Products MAX4232AKA Datasheet HTML 5Page - Maxim Integrated Products MAX4232AKA Datasheet HTML 6Page - Maxim Integrated Products MAX4232AKA Datasheet HTML 7Page - Maxim Integrated Products MAX4232AKA Datasheet HTML 8Page - Maxim Integrated Products MAX4232AKA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
5
Maxim Integrated
MAX4230–MAX4234
High Output-Drive, 10MHz, 10V/µs,
Rail-to-Rail I/O Op Amps with Shutdown in SC70
GAIN AND PHASE vs. FREQUENCY
FREQUENCY (Hz)
0.01k
10k
100k
1M
10M
0.1k
1k
100M
70
-30
-20
-10
0
10
20
30
60
50
40
-180
120
-150
-120
-90
-60
-30
0
90
60
30
MAX4230 toc01
AV = 1000V/V
GAIN AND PHASE vs. FREQUENCY
(CL = 250pF)
FREQUENCY (Hz)
0.01k
10k
100k
1M
10M
0.1k
1k
100M
70
-30
-20
-10
0
10
20
30
60
50
40
-180
120
-150
-120
-90
-60
-30
0
90
60
30
MAX4230 toc02
AV = 1000V/V
CL = 250pF
0
0.4
0.2
0.8
0.6
1.2
1.0
1.4
1.8
1.6
2.0
-40
0
20
40
-20
60
80
100 120
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
POWER-SUPPLY REJECTION RATIO
vs. FREQUENCY
FREQUENCY (Hz)
0.01k
10k
100k
1M
0.1k
1k
10M
0
-100
-90
-80
-70
-60
-50
-40
-10
-20
-30
AV = 1V/V
1000
100
10
1
0.1
0.01
1k
100k
1M
10k
10M
OUTPUT IMPEDANCE vs. FREQUENCY
FREQUENCY (Hz)
AV = 1V/V
50
60
70
80
90
100
110
-40
0
-20
20
40
60
80
100 120
TEMPERATURE (
°C)
SUPPLY CURRENT vs. TEMPERATURE
(SHDN = LOW)
SHDN = VSS
__________________________________________Typical Operating Characteristics
(VDD = 2.7V, VSS = 0V, VCM = VDD/2, VOUT = VDD/2, RL = ∞, connected to VDD/2, VSHDN = VDD, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX4232AKA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4232AKA+T MAXIM-MAX4232AKA+T Datasheet
715Kb / 26P
   High-Output-Drive, 10MHz, 10V/μs,, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 8; 10/08
MAX4232AKA+T MAXIM-MAX4232AKA+T Datasheet
902Kb / 27P
   High-Output-Drive, 10MHz, 10V/關s, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 11; 9/09
More results

Similar Description - MAX4232AKA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4230 MAXIM-MAX4230_11 Datasheet
859Kb / 28P
   High-Output-Drive, 10MHz, 10V/μs, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 13; 1/11
MAX4230 MAXIM-MAX4230_08 Datasheet
715Kb / 26P
   High-Output-Drive, 10MHz, 10V/μs,, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 8; 10/08
MAX4230 MAXIM-MAX4230_12 Datasheet
911Kb / 28P
   High-Output-Drive, 10MHz, 10V/μs, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 15; 3/12
MAX4230_1110 MAXIM-MAX4230_1110 Datasheet
895Kb / 28P
   High-Output-Drive, 10MHz, 10V/us, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 14; 10/11
MAX4232AUA-T MAXIM-MAX4232AUA-T Datasheet
1Mb / 28P
   High Output-Drive, 10MHz, 10V/mus, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 16; 6/12
MAX4230 MAXIM-MAX4230 Datasheet
529Kb / 18P
   High-Output-Drive, 10MHz, 10V/Us, Rail-to-Rail I/O Op Amps with Shutdown in SC70
19-2164; Rev 4; 5/04
MAX4230 MAXIM-MAX4230_09 Datasheet
902Kb / 27P
   High-Output-Drive, 10MHz, 10V/關s, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 11; 9/09
MAX4230 MAXIM-MAX4230_V01 Datasheet
1Mb / 15P
   High-Output-Drive, 10MHz, 10V/關s, Rail-to-Rail I/O Op Amps with Shutdown in SC70
2021
logo
ams AG
AS1710 AMSCO-AS1710_1 Datasheet
747Kb / 17P
   High-Output-Drive, 10MHz, 10V/us, Rail-to-Rail I/O Op Amps with Shutdown
AS1710 AMSCO-AS1710_04 Datasheet
1Mb / 20P
   High-Output-Drive, 10MHz, 10V/關s, Rail-to-Rail I/O Op Amps with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com