Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4230AUK+T Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4230AUK+T
Description  High Output-Drive, 10MHz, 10V/μs, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4230AUK+T Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4230AUK+T Datasheet HTML 1Page - Maxim Integrated Products MAX4230AUK+T Datasheet HTML 2Page - Maxim Integrated Products MAX4230AUK+T Datasheet HTML 3Page - Maxim Integrated Products MAX4230AUK+T Datasheet HTML 4Page - Maxim Integrated Products MAX4230AUK+T Datasheet HTML 5Page - Maxim Integrated Products MAX4230AUK+T Datasheet HTML 6Page - Maxim Integrated Products MAX4230AUK+T Datasheet HTML 7Page - Maxim Integrated Products MAX4230AUK+T Datasheet HTML 8Page - Maxim Integrated Products MAX4230AUK+T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
MAX4230–MAX4234
High-Output-Drive, 10MHz, 10V/µs,
Rail-to-Rail I/O Op Amps with Shutdown in SC70
4
Maxim Integrated
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Gain-Bandwidth Product
GBWP
VCM = VDD/2
10
MHz
Full-Power Bandwidth
FPBW
VOUT = 2VP-P, VDD = 5V
0.8
MHz
Slew Rate
SR
10
V/µs
Phase Margin
PM
70
Degrees
Gain Margin
GM
15
dB
Total Harmonic Distortion Plus
Noise
THD+N
f = 10kHz, VOUT = 2VP-P, AVCL = 1V/V
0.0005
%
Input Capacitance
CIN
8pF
f = 1kHz
15
Voltage-Noise Density
en
f = 10kHz
12
nV/
√Hz
Channel-to-Channel Isolation
f = 1kHz, RL = 100k
125
dB
Capacitive-Load Stability
AVCL = 1V/V, no sustained oscillations
780
pF
Shutdown Time
tSHDN
(Note 3)
1
µs
Enable Time from Shutdown
tENABLE
(Note 3)
1
µs
Power-Up Time
tON
5µs
Note 2: All units 100% tested at +25°C. All temperature limits are guaranteed by design.
Note 3: SHDN logic parameters are for the MAX4231/MAX4233 only.
Note 4: Guaranteed by design.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VDD = 5.5V, VCM = VDD/2
2.8
Quiescent Supply Current
(per Amplifier)
IDD
VDD = 2.7V, VCM = VDD/2
2.5
mA
VDD = 5.5V
2.0
Shutdown Supply Current
(per Amplifier) (Note 3)
IDD(SHDN)
VSHDN < 0V, RL =
VDD = 2.7V
2.0
µA
VIL
Shutdown mode
0.8
SHDN Logic Threshold (Note 3)
VIH
Normal mode
VDD x 0.61
V
DC ELECTRICAL CHARACTERISTICS (continued)
(VDD = 2.7V, VSS = 0V, VCM = VDD/2, VOUT = (VDD/2), RL = ∞ connected to (VDD/2), VSHDN = VDD, TA = -40 to +125°C, unless other-
wise noted.) (Note 2)
AC ELECTRICAL CHARACTERISTICS
(VDD = 2.7V, VSS = 0V, VCM = VDD/2, VOUT = (VDD/2), RL = ∞ connected to (VDD/2), VSHDN = VDD, TA = +25°C, unless otherwise noted.)
(Note 2)


Similar Part No. - MAX4230AUK+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4230AUK+T MAXIM-MAX4230AUK+T Datasheet
715Kb / 26P
   High-Output-Drive, 10MHz, 10V/μs,, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 8; 10/08
MAX4230AUK+T MAXIM-MAX4230AUK+T Datasheet
902Kb / 27P
   High-Output-Drive, 10MHz, 10V/關s, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 11; 9/09
MAX4230AUK+T MAXIM-MAX4230AUK+T Datasheet
859Kb / 28P
   High-Output-Drive, 10MHz, 10V/μs, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 13; 1/11
MAX4230AUK+T MAXIM-MAX4230AUK+T Datasheet
911Kb / 28P
   High-Output-Drive, 10MHz, 10V/μs, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 15; 3/12
MAX4230AUK+T MAXIM-MAX4230AUK+T Datasheet
1Mb / 28P
   High Output-Drive, 10MHz, 10V/mus, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 16; 6/12
More results

Similar Description - MAX4230AUK+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4230 MAXIM-MAX4230_11 Datasheet
859Kb / 28P
   High-Output-Drive, 10MHz, 10V/μs, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 13; 1/11
MAX4230 MAXIM-MAX4230_08 Datasheet
715Kb / 26P
   High-Output-Drive, 10MHz, 10V/μs,, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 8; 10/08
MAX4230 MAXIM-MAX4230_12 Datasheet
911Kb / 28P
   High-Output-Drive, 10MHz, 10V/μs, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 15; 3/12
MAX4230_1110 MAXIM-MAX4230_1110 Datasheet
895Kb / 28P
   High-Output-Drive, 10MHz, 10V/us, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 14; 10/11
MAX4232AUA-T MAXIM-MAX4232AUA-T Datasheet
1Mb / 28P
   High Output-Drive, 10MHz, 10V/mus, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 16; 6/12
MAX4230 MAXIM-MAX4230 Datasheet
529Kb / 18P
   High-Output-Drive, 10MHz, 10V/Us, Rail-to-Rail I/O Op Amps with Shutdown in SC70
19-2164; Rev 4; 5/04
MAX4230 MAXIM-MAX4230_09 Datasheet
902Kb / 27P
   High-Output-Drive, 10MHz, 10V/關s, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 11; 9/09
MAX4230 MAXIM-MAX4230_V01 Datasheet
1Mb / 15P
   High-Output-Drive, 10MHz, 10V/關s, Rail-to-Rail I/O Op Amps with Shutdown in SC70
2021
logo
ams AG
AS1710 AMSCO-AS1710_1 Datasheet
747Kb / 17P
   High-Output-Drive, 10MHz, 10V/us, Rail-to-Rail I/O Op Amps with Shutdown
AS1710 AMSCO-AS1710_04 Datasheet
1Mb / 20P
   High-Output-Drive, 10MHz, 10V/關s, Rail-to-Rail I/O Op Amps with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com