Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP6N62K3 Datasheet(PDF) 3 Page - STATEK CORPORATION

Part # STP6N62K3
Description  N-channel 620 V, 0.95typ., 5.5 A SuperMESH3??Power MOSFET in TO-220FP, I짼PAKFP, I짼PAK, TO-220, IPAK packages
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STATEK [STATEK CORPORATION]
Direct Link  http://www.statek.com
Logo STATEK - STATEK CORPORATION

STP6N62K3 Datasheet(HTML) 3 Page - STATEK CORPORATION

  STP6N62K3 Datasheet HTML 1Page - STATEK CORPORATION STP6N62K3 Datasheet HTML 2Page - STATEK CORPORATION STP6N62K3 Datasheet HTML 3Page - STATEK CORPORATION STP6N62K3 Datasheet HTML 4Page - STATEK CORPORATION STP6N62K3 Datasheet HTML 5Page - STATEK CORPORATION STP6N62K3 Datasheet HTML 6Page - STATEK CORPORATION STP6N62K3 Datasheet HTML 7Page - STATEK CORPORATION STP6N62K3 Datasheet HTML 8Page - STATEK CORPORATION STP6N62K3 Datasheet HTML 9Page - STATEK CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
STF6N62K3, STFI6N62K3, STI6N62K3, STP6N62K3, STU6N62K3
Electrical ratings
Doc ID 14676 Rev 4
3/19
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TO-220FP
I²PAKFP
I²PAK
TO-220
IPAK
VDS
Drain-source voltage
620
V
VGS
Gate- source voltage
± 30
V
ID
Drain current (continuous) at TC = 25 °C
5.5 (1)
1.
Limited by maximum junction temperature.
5.5
A
ID
Drain current (continuous) at TC = 100 °C
3 (1)
3A
IDM
(2)
2.
Pulse width limited by safe operating area.
Drain current (pulsed)
22 (1)
22
A
PTOT
Total dissipation at TC = 25 °C
30
90
W
IAR
(3)
3.
Pulse width limited by Tj max.
Avalanche current, repetitive or not-repetitive
5.5
A
EAS
(4)
4.
Starting Tj = 25 °C, ID = IAR, VDD = 50 V.
Single pulse avalanche energy
140
mJ
ESD
Gate-source human body model
(R=1.5 k
Ω, C=100 pF)
2.5
kV
dv/dt (5)
5.
ISD ≤ 5.5 A, di/dt ≤ 400 A/µs, VDD = 80% V(BR)DSS, VDSpeak ≤V(BR)DSS.
Peak diode recovery voltage slope
12
V/ns
VISO
Insulation withstand voltage (RMS) from all
three leads to external heat sink
(t = 1 s; TC = 25 °C)
2500
V
Tstg
Storage temperature
-55 to 150
°C
Tj
Max. operating junction temperature
150
°C
Table 3.
Thermal data
Symbol
Parameter
TO-220FP
I²PAKFP
I²PAK
TO-220
IPAK
Unit
Rthj-case
Thermal resistance junction-case max.
4.17
1.39
°C/W
Rthj-amb
Thermal resistance junction-ambient max.
62.5
100
°C/W


Similar Part No. - STP6N62K3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP6N62K3 STMICROELECTRONICS-STP6N62K3 Datasheet
1Mb / 19P
   N-channel 620 V, 0.95 廓 typ., 5.5 A SuperMESH3 Power MOSFET in TO-220FP, IPAKFP, IPAK, TO-220, IPAK packages
More results

Similar Description - STP6N62K3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF6N62K3 STMICROELECTRONICS-STF6N62K3 Datasheet
1Mb / 19P
   N-channel 620 V, 0.95 廓 typ., 5.5 A SuperMESH3 Power MOSFET in TO-220FP, IPAKFP, IPAK, TO-220, IPAK packages
STD6N62K3 STMICROELECTRONICS-STD6N62K3 Datasheet
433Kb / 17P
   N-channel 620 V, 1.1 廓, 5.5 A, IPAK, DPAK, TO-220,TO-220FP SuperMESH3??Power MOSFET
STFILED627 STMICROELECTRONICS-STFILED627 Datasheet
1Mb / 15P
   N-channel 620 V, 0.95 廓 typ., 7.0 A Power MOSFET in I짼PAKFP and TO-220
August 2013 Rev 1
STF3LN62K3 STMICROELECTRONICS-STF3LN62K3 Datasheet
1Mb / 21P
   N-channel 620 V, 2.5 廓 , 2.5 A SuperMESH3??Power MOSFET DPAK, TO-220FP, TO-220, IPAK
February 2011 Rev 1
STD4N52K3 STMICROELECTRONICS-STD4N52K3 Datasheet
1Mb / 21P
   N-channel 525 V, 2.5 A, 2.1 廓 typ., SuperMESH3??Power MOSFET in DPAK, TO-220FP, TO-220 and IPAK packages
STB3N62K3 STMICROELECTRONICS-STB3N62K3 Datasheet
567Kb / 19P
   N-channel 620 V, 2.2 廓 , 2.7 A SuperMESH3??Power MOSFET D2PAK, DPAK, TO-220FP, TO-220, IPAK
logo
STATEK CORPORATION
STD3LN62K3 STATEK-STD3LN62K3 Datasheet
1Mb / 21P
   N-channel 620 V, 2.5 廓 , 2.5 A SuperMESH3??Power MOSFE DPAK, TO-220FP, TO-220, IPAK
logo
STMicroelectronics
STD13NM60N STMICROELECTRONICS-STD13NM60N Datasheet
989Kb / 21P
   N-channel 600 V, 0.28 廓 typ., 11 A MDmesh??II Power MOSFET in TO-220FP, I짼PAK, TO-220, IPAK, TO-247 packages
STF13NM60N STMICROELECTRONICS-STF13NM60N Datasheet
989Kb / 21P
   N-channel 600 V, 0.28 廓 typ., 11 A MDmesh??II Power MOSFET in TO-220FP, I짼PAK, TO-220, IPAK, TO-247 packages
logo
List of Unclassifed Man...
STW17N62K3 ETC2-STW17N62K3 Datasheet
976Kb / 17P
   N-channel 620 V, 0.28 廓, 15.5 A, TO-220FP, TO-220, TO-247 SuperMESH3??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com