Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STU3N45K3 Datasheet(PDF) 6 Page - STATEK CORPORATION

Part # STU3N45K3
Description  N-channel 450 V - 3.3typ., 1.8 A Zener-protected SuperMESH3??Power MOSFET in a IPAK package
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STATEK [STATEK CORPORATION]
Direct Link  http://www.statek.com
Logo STATEK - STATEK CORPORATION

STU3N45K3 Datasheet(HTML) 6 Page - STATEK CORPORATION

Back Button STU3N45K3 Datasheet HTML 2Page - STATEK CORPORATION STU3N45K3 Datasheet HTML 3Page - STATEK CORPORATION STU3N45K3 Datasheet HTML 4Page - STATEK CORPORATION STU3N45K3 Datasheet HTML 5Page - STATEK CORPORATION STU3N45K3 Datasheet HTML 6Page - STATEK CORPORATION STU3N45K3 Datasheet HTML 7Page - STATEK CORPORATION STU3N45K3 Datasheet HTML 8Page - STATEK CORPORATION STU3N45K3 Datasheet HTML 9Page - STATEK CORPORATION STU3N45K3 Datasheet HTML 10Page - STATEK CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Electrical characteristics
STU3N45K3
6/14
DocID17206 Rev 3
2.1
Electrical characteristics (curves)
Figure 2. Safe operating area
Figure 3. Thermal impedance
Figure 4. Output characteristics
Figure 5. Transfer characteristics
Figure 6. Gate charge vs gate-source voltage
Figure 7. Static drain-source on resistance
ID
1
0.1
0.1
1
100
VDS(V)
10
(A)
10µs
100µs
1ms
10ms
Tj=150°C
Tc=25°C
Single pulse
0.01
10
AM09206v1
ID
1.5
1.0
0.5
0
0
10
VDS(V)
20
(A)
5
15
25
2.0
5V
6V
7V
VGS=10V
3.0
2.5
3.5
AM09207v1
ID
1.5
1.0
0.5
0
0
4
VGS(V)
8
(A)
2
6
2.0
2.5
1
3
5
7
9
VDS=15V
AM09208v1
VGS
6
4
2
0
0
2
Qg(nC)
(V)
8
8
4
6
10
VDD=360V
ID=1.8A
10
12
300
250
200
0
350
VDS
150
100
50
AM09209v1
RDS(on)
3.2
3.0
2.8
2.6
0.2
0.6
ID(A)
(
Ω)
0.4
0.8
3.4
3.6
3.8
4.0
VGS=10V
4.2
1.2
1.0
1.4 1.6 1.8
AM09210v1


Similar Part No. - STU3N45K3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STU3N45K3 STMICROELECTRONICS-STU3N45K3 Datasheet
838Kb / 14P
   Gate charge minimized
June 2013 Rev 3
More results

Similar Description - STU3N45K3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STFI5N95K3 STMICROELECTRONICS-STFI5N95K3 Datasheet
747Kb / 13P
   N-channel 950 V, 3 廓 typ., 4 A Zener-protected SuperMESH3?? Power MOSFET in I2PAKFP package
May 2013 Rev 1
STN3N45K3 STMICROELECTRONICS-STN3N45K3 Datasheet
487Kb / 12P
   N-channel 450 V, 3.2 廓, 1.8 A, TO-92, SOT-223, IPAK SuperMESH3??Power MOSFET
STD1HN60K3 STMICROELECTRONICS-STD1HN60K3 Datasheet
1Mb / 19P
   N-channel 600 V, 6.7 廓 typ., 1.2 A SuperMESH3??Power MOSFET in DPAK and IPAK packages
April 2013 Rev 1
STF13N95K3 STMICROELECTRONICS-STF13N95K3 Datasheet
861Kb / 19P
   N-channel 950 V, 0.68 Ohm typ., 10 A Zener-protected SuperMESH3
STD5N95K3 STMICROELECTRONICS-STD5N95K3 Datasheet
1Mb / 23P
   N-channel 950 V, 3 ohm typ, 4 A Zener-protected SuperMESH3
STF6N62K3 STMICROELECTRONICS-STF6N62K3 Datasheet
1Mb / 19P
   N-channel 620 V, 0.95 廓 typ., 5.5 A SuperMESH3 Power MOSFET in TO-220FP, IPAKFP, IPAK, TO-220, IPAK packages
STF4N62K3 STMICROELECTRONICS-STF4N62K3 Datasheet
1Mb / 19P
   N-channel 620 V, 1.7 廓 typ., 3.8 A SuperMESH3 Power MOSFET
STD3PK50Z STMICROELECTRONICS-STD3PK50Z Datasheet
740Kb / 15P
   P-channel 500 V, 3 廓 typ., 2.8 A Zener-protected SuperMESH??Power MOSFET in a DPAK package
STFW2N105K5 STMICROELECTRONICS-STFW2N105K5 Datasheet
866Kb / 14P
   N-channel 1050 V, 6 廓 typ., 1.5 A Zener-protected SuperMESH??5 Power MOSFET in a TO-3PF package
May 2014 Rev 1
CD00269478 STMICROELECTRONICS-CD00269478 Datasheet
443Kb / 10P
   Dual N-channel 450 V, 3.2 廓, 0.5 A SuperMESH3 Power MOSFET in SO-8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com