Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2821AETM+TD Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX2821AETM+TD
Description  2.4GHz 802.11b Zero-IF Transceivers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2821AETM+TD Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX2821AETM+TD Datasheet HTML 1Page - Maxim Integrated Products MAX2821AETM+TD Datasheet HTML 2Page - Maxim Integrated Products MAX2821AETM+TD Datasheet HTML 3Page - Maxim Integrated Products MAX2821AETM+TD Datasheet HTML 4Page - Maxim Integrated Products MAX2821AETM+TD Datasheet HTML 5Page - Maxim Integrated Products MAX2821AETM+TD Datasheet HTML 6Page - Maxim Integrated Products MAX2821AETM+TD Datasheet HTML 7Page - Maxim Integrated Products MAX2821AETM+TD Datasheet HTML 8Page - Maxim Integrated Products MAX2821AETM+TD Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
2.4GHz 802.11b Zero-IF Transceivers
_______________________________________________________________________________________
3
DC ELECTRICAL CHARACTERISTICS (continued)
(MAX2820/MAX2821 EV kit: VCC = +2.7V to +3.6V, RF_GAIN = VIH, 0V
≤ VTX_GC ≤ +2.0V, 0V ≤ VRX_AGC ≤ +2.0V, RBIAS = 12kΩ, no
input signals at RF and baseband inputs, all RF inputs and outputs terminated into 50
Ω, receiver baseband outputs are open, trans-
mitter baseband inputs biased at +1.2V, registers set to default power-up settings, TA = -40
°C to +85°C, unless otherwise noted.
Typical values are at VCC = +2.7V, TA = +25
°C, unless otherwise noted.) (Note 1)
AC ELECTRICAL CHARACTERISTICS—RECEIVE MODE
(MAX2820/MAX2821 EV kit: VCC = +2.7V to +3.6V, fRF and fLO = 2400MHz to 2499MHz, fOSC = 22MHz or 44MHz, receive baseband
outputs = 500mVP-P, SHDNB = RX_ON = VIH, TX_ON = VIL, CSB = VIH, SCLK = DIN = VIL, RF_GAIN = VIH, 0V
≤ VRX_AGC ≤ +2.0V,
RBIAS = 12k
Ω, ICP = +2mA, BWPLL = 45kHz, differential RF input matched to 50Ω, registers set to default power-up settings, TA =
+25
°C, unless otherwise noted. Typical values are at VCC = +2.7V, fLO = 2437MHz, fOSC = 22MHz, unless otherwise noted.) (Note 1)
PARAMETERS
CONDITIONS
MIN
TYP
MAX
UNITS
TX BASEBAND I/O
TX BB Input Common-Mode
Range
1.0
1.2
1.4
V
TX BBI and BBQ Input Bias
Current
-10
µA
TX BB Input Impedance
Differential resistance
100
k
TX_GC Input Bias Current
0V
≤ VTX_GC ≤ +2.0V
10
µA
TX_GC Input Impedance
Resistance
250
k
REFERENCE OSCILLATOR INPUT
Reference Oscillator Input
Impedance
20
k
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RECEIVER CASCADE PERFORMANCE (RF INPUT TO BASEBAND OUTPUT)
RF Frequency Range
2400
2499
MHz
LO Frequency Range
2400
2499
MHz
TA = +25°C
97
105
RF_GAIN = VIH,
VRX_AGC = 0V
TA = -40
°C to +85°C95
RF_GAIN = VIH,
VRX_AGC = +2.0V
TA = +25
°C33
RF_GAIN = VIL,
VRX_AGC = 0V
TA = +25
°C75
Voltage Gain (Note 2)
RF_GAIN = VIL,
VRX_AGC = +2.0V
TA = +25
°C2
dB
RF Gain Step
From RF_GAIN = VIH to RF_GAIN =VIL
30
dB
RF_GAIN = VIH, RX gain
≥ 80dB
3.5
RF_GAIN = VIH, RX gain = 50dB
4.5
DSB Noise Figure (Note 3)
RF_GAIN = VIL, RX gain = 50dB
34
dB
Adjacent Channel Rejection
RX gain = 70dB (Note 4)
49
dB
RF_GAIN = VIH, RX gain = 80dB
-14
Input Third-Order Intercept Point (Note 5)
RF_GAIN = VIL, RX gain = 50dB
18
dBm
RF_GAIN = VIH, RX gain = 80dB
22
Input Second-Order Intercept Point (Note 6)
RF_GAIN = VIL, RX gain = 50dB
60
dBm


Similar Part No. - MAX2821AETM+TD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2821 MAXIM-MAX2821 Datasheet
392Kb / 23P
   2.4GHz 802.11b Zero-IF Transceivers
Rev 2; 11/03
MAX2821EGM-TD MAXIM-MAX2821EGM-TD Datasheet
392Kb / 23P
   2.4GHz 802.11b Zero-IF Transceivers
Rev 2; 11/03
logo
KOA Speer Electronics, ...
MAX2821ETM KOA-MAX2821ETM Datasheet
605Kb / 26P
   2.4GHz 802.11b Zero-IF Transceivers
logo
Maxim Integrated Produc...
MAX2821ETM+TD MAXIM-MAX2821ETM+TD Datasheet
392Kb / 23P
   2.4GHz 802.11b Zero-IF Transceivers
Rev 2; 11/03
More results

Similar Description - MAX2821AETM+TD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2820 MAXIM-MAX2820 Datasheet
392Kb / 23P
   2.4GHz 802.11b Zero-IF Transceivers
Rev 2; 11/03
logo
KOA Speer Electronics, ...
MAX2821ETM KOA-MAX2821ETM Datasheet
605Kb / 26P
   2.4GHz 802.11b Zero-IF Transceivers
logo
Maxim Integrated Produc...
MAX2822 MAXIM-MAX2822 Datasheet
542Kb / 28P
   2.4GHz 802.11b Zero-IF Transceiver with Integrated PA and Tx/Rx Switch
Rev 0; 7/03
logo
Qorvo, Inc
RF5565 QORVO-RF5565 Datasheet
1Mb / 14P
   2.4GHz TO 2.5GHz, 802.11b/g/n WiFi 2.4GHz TO 2.5GHz, 802.11b/g/n WiFi
logo
RF Micro Devices
RF5325 RFMD-RF5325 Datasheet
698Kb / 12P
   3.3V, 2.4GHZ 802.11b/g/n WIFI FRONT END MODULE
RF5375 RFMD-RF5375 Datasheet
1Mb / 12P
   2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RFFM8204 RFMD-RFFM8204 Datasheet
555Kb / 8P
   2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
logo
Intersil Corporation
HFA3683A INTERSIL-HFA3683A Datasheet
187Kb / 17P
   2.4GHz RF/IF Converter and Synthesizer
June 2000
logo
RF Micro Devices
RF5755 RFMD-RF5755 Datasheet
1Mb / 15P
   2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
RFFM8202 RFMD-RFFM8202 Datasheet
241Kb / 8P
   2.4GHz to 2.5GHz 802.11b/g/n WiFi Front End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com