Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4052AESE-T Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX4052AESE-T
Description  Low-Voltage, CMOS Analog Multiplexers/Switches
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4052AESE-T Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX4052AESE-T Datasheet HTML 4Page - Maxim Integrated Products MAX4052AESE-T Datasheet HTML 5Page - Maxim Integrated Products MAX4052AESE-T Datasheet HTML 6Page - Maxim Integrated Products MAX4052AESE-T Datasheet HTML 7Page - Maxim Integrated Products MAX4052AESE-T Datasheet HTML 8Page - Maxim Integrated Products MAX4052AESE-T Datasheet HTML 9Page - Maxim Integrated Products MAX4052AESE-T Datasheet HTML 10Page - Maxim Integrated Products MAX4052AESE-T Datasheet HTML 11Page - Maxim Integrated Products MAX4052AESE-T Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Low-Voltage, CMOS Analog
Multiplexers/Switches
8
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS—Single +3V Supply (continued)
(V+ = +3.0V to +3.6V, V- = 0V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
TA = +25°C
C, E, M
CONDITIONS
ns
90
tOPEN
Break-Before-Make Delay
Figure 4
C, E, M
TA = +25°C
TA = +25°C
ns
ns
180
600
100
300
400
tOFF
700
tON
Turn-On Time (Note 6)
Figure 3
TA = +25°C
dB
<-90
VISO
Off-Isolation
CL = 15pF, RL = 50
Ω, f = 100kHz,
VNO = 1VRMS, Figure 6
TA = +25°C
Turn-Off Time (Note 6)
TA = +25°C
dB
<-90
VCT
Channel-to-Channel
Crosstalk
CL = 15pF, RL = 50
Ω, f = 100kHz,
VNO = 1VRMS, Figure 6
Figure 3
UNITS
MIN
TYP
MAX
(Note 2)
SYMBOL
PARAMETER
pC
110
Q
Charge Injection (Note 6)
CL = 1nF, RS = 0
Ω, VNO = 0V,
Figure 5
Note 2: The algebraic convention is used in this data sheet; the most negative value is shown in the minimum column.
Note 3:
∆RON = RON(MAX) - RON(MIN).
Note 4: Flatness is defined as the difference between the maximum and minimum value of on-resistance as measured over the
specified analog signal ranges; i.e., VNO = 3V to 0V and 0V to -3V.
Note 5: Leakage parameters are 100% tested at maximum-rated hot operating temperature, and guaranteed by correlation at
TA = +25°C.
Note 6: Guaranteed by design, not production tested.
DIGITAL I/O
SWITCH DYNAMIC CHARACTERISTICS


Similar Part No. - MAX4052AESE-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4052AESE MAXIM-MAX4052AESE Datasheet
148Kb / 20P
   Low-Voltage, CMOS Analog Multiplexers/Switches
19-0463; Rev 0; 1/96
More results

Similar Description - MAX4052AESE-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4581 MAXIM-MAX4581 Datasheet
253Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 10/99
MAX4581 MAXIM-MAX4581_12 Datasheet
198Kb / 17P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 6; 3/12
MAX4581 MAXIM-MAX4581_05 Datasheet
553Kb / 18P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 4; 8/05
MAX4581 MAXIM-MAX4581_07 Datasheet
519Kb / 18P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 5; 6/07
MAX4051 MAXIM-MAX4051 Datasheet
148Kb / 20P
   Low-Voltage, CMOS Analog Multiplexers/Switches
19-0463; Rev 0; 1/96
MAX4581L MAXIM-MAX4581L_07 Datasheet
304Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 6/07
MAX4581L MAXIM-MAX4581L Datasheet
381Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 0; 8/03
MAX4583LEEE MAXIM-MAX4583LEEE Datasheet
310Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 6/07
MAX4051 MAXIM-MAX4051_V01 Datasheet
368Kb / 19P
   Low-Voltage, CMOS Analog Multiplexers/Switches
19-0463; Rev 2; 10/05
MAX4581L MAXIM-MAX4581L_V01 Datasheet
1Mb / 13P
   Low-Voltage, CMOS Analog Multiplexers/Switches
2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com