Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4123EUA Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4123EUA
Description  Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-Supply Rail-to-Rail I/O Op Amps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4123EUA Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4123EUA Datasheet HTML 1Page - Maxim Integrated Products MAX4123EUA Datasheet HTML 2Page - Maxim Integrated Products MAX4123EUA Datasheet HTML 3Page - Maxim Integrated Products MAX4123EUA Datasheet HTML 4Page - Maxim Integrated Products MAX4123EUA Datasheet HTML 5Page - Maxim Integrated Products MAX4123EUA Datasheet HTML 6Page - Maxim Integrated Products MAX4123EUA Datasheet HTML 7Page - Maxim Integrated Products MAX4123EUA Datasheet HTML 8Page - Maxim Integrated Products MAX4123EUA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Single/Dual/Quad, Wide-Bandwidth, Low-Power,
Single-Supply Rail-to-Rail I/O Op Amps
4
_______________________________________________________________________________________
86
Large-Signal Voltage Gain
68
VOUT = 0.25V to 4.75V, RL = 100kΩ
VOUT = 0.4V to 4.6V, RL = 250Ω
VCC = 5V
84
dB
66
VOUT = 0.25V to 2.45V, RL = 100kΩ
VOUT = 0.4V to 2.3V, RL = 250Ω
VCC = 2.7V
Off-Leakage Current
±12
µA
SHDN < 0.8V, VOUT = 0V to VCC
MAX4122/
MAX4123/
MAX4124/
MAX4125
190
VOL - VEE
25
300
MAX4126/
MAX4127/
MAX4128/
MAX4129
250
Output Voltage Swing
VOL - VEE
35
350
mV
50
RL = 100kΩ
RL = 250Ω
VCC - VOH
VOL - VEE
VCC - VOH
40
RL = 100kΩ
RL = 250Ω
VCC - VOH
VOL - VEE
VCC - VOH
PARAMETER
MIN
TYP
MAX
UNITS
Shutdown Supply Current
per Amplifier
70
µA
Power-Supply Rejection Ratio
74
dB
0.8
V
SHDN < 0.8V,
MAX4123/MAX4125/MAX4127
Operating Supply-Voltage Range
2.7
6.5
V
775
µA
VCM = VOUT = VCC/2
VCC = 2.7V
SHDN Input Current
Low
±3
CONDITIONS
µA
50
MAX4123/MAX4125/MAX4127
VCC = 2.7V to 6.5V
VCC = 2.7V
VCC = 5V
MAX4123/MAX4125/MAX4127
Supply Current per Amplifier
SHDN Logic Threshold
850
2.0
High
VCC = 5V
DC ELECTRICAL CHARACTERISTICS (continued)
(VCC = +2.7V to +6.5V, VEE = 0V, VCM = 0V, VOUT = VCC/2, RL tied to VCC/2, SHDN ≥ 2V (or open), TA = -40°C to +85°C, unless
otherwise noted.)
f = 10kHz, VOUT = 2Vp-p,
MAX4122/23/26/27/29 (AV = 1)
MAX4124/25/28 (AV ≥ 10), VOUT = 2V step
MAX4122/23/26/27/29
VCC = 0V to 3V step, VOUT = VCC/2
64
MAX4124/25/28 (AV ≥ 10)
MAX4124/25/28 (AV ≥ 10)
degrees
MAX4122/23/26/27/29 (AV = 1), VOUT = 2V step
MAX4122/23/26/27/29
CONDITIONS
MAX4122/23/26/27/29
µs
1.3
60
5
Phase Margin
MAX4124/25/28 (AV ≥ 10)
MAX4122/23/26/27/29
MHz
25
Gain-Bandwidth Product
12
MAX4124/25/28 (AV ≥ 10)
%
0.003
dB
Total Harmonic Distortion
10
Gain Margin
Settling Time to 0.01%
2.0
µs
1
Turn-On Time
V/µs
10
Slew Rate
2
UNITS
MIN
TYP
MAX
PARAMETER
AC ELECTRICAL CHARACTERISTICS
(VCC = +2.7V to +6.5V, VEE = 0V, SHDN ≥ 2V (or open), TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX4123EUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4123EUA MAXIM-MAX4123EUA Datasheet
285Kb / 16P
   Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-Supply Rail-to-Rail I/O Op Amps
19-1087; Rev 1; 8/97
More results

Similar Description - MAX4123EUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4122 MAXIM-MAX4122 Datasheet
285Kb / 16P
   Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-Supply Rail-to-Rail I/O Op Amps
19-1087; Rev 1; 8/97
MAX4130 MAXIM-MAX4130_V01 Datasheet
256Kb / 16P
   Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps
2014
MAX4130 MAXIM-MAX4130 Datasheet
194Kb / 16P
   Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps
19-1089; Rev 2; 8/97
MAX4330 MAXIM-MAX4330 Datasheet
176Kb / 16P
   Single/Dual/Quad, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps with Shutdown
Rev 3; 2/98
MAX4322 MAXIM-MAX4322 Datasheet
226Kb / 12P
   Single/Dual/Quad, Low-Cost, SOT23, Low-Power, Rail-to-Rail I/O Op Amps
Rev 2a; 12/99
MAX4091 MAXIM-MAX4091 Datasheet
514Kb / 16P
   Single/Dual/Quad, Micropower, Single-Supply, Rail-to-Rail Op Amps
19-2272; Rev 0; 1/02
MAX492 MAXIM-MAX492 Datasheet
230Kb / 16P
   Single/Dual/Quad, Micropower, Single-Supply Rail-to-Rail Op Amps
Rev 2; 9/96
MAX4040 MAXIM-MAX4040 Datasheet
199Kb / 16P
   Single/Dual/Quad, Low-Cost, SOT23, Micropower Rail-to-Rail I/O Op Amps
19-1377; Rev 0; 5/98
MAX4162 MAXIM-MAX4162 Datasheet
152Kb / 12P
   SOT23, Micropower, Single-Supply, Rail-to-Rail I/O Op Amps
Rev 0; 4/97
MAX4040 MAXIM-MAX4040_V01 Datasheet
384Kb / 16P
   Single/Dual/Quad, Low-Cost, SOT23, Micropower Rail-to-Rail I/O Op Amps
2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com