Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6895PAZT+ Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX6895PAZT+
Description  Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6895PAZT+ Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX6895PAZT+ Datasheet HTML 1Page - Maxim Integrated Products MAX6895PAZT+ Datasheet HTML 2Page - Maxim Integrated Products MAX6895PAZT+ Datasheet HTML 3Page - Maxim Integrated Products MAX6895PAZT+ Datasheet HTML 4Page - Maxim Integrated Products MAX6895PAZT+ Datasheet HTML 5Page - Maxim Integrated Products MAX6895PAZT+ Datasheet HTML 6Page - Maxim Integrated Products MAX6895PAZT+ Datasheet HTML 7Page - Maxim Integrated Products MAX6895PAZT+ Datasheet HTML 8Page - Maxim Integrated Products MAX6895PAZT+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Ultra-Small, Adjustable
Sequencing/Supervisory Circuits
_______________________________________________________________________________________
3
Note 2: All devices are production tested at TA = +25°C. Limits over temperature are guaranteed by design.
Note 3: When VCC falls below the UVLO threshold, the outputs will deassert (OUT goes low, OUT goes high). When VCC falls below
1.2V, the out annot be determined.
Note 4: Guaranteed by design.
Note 5: During the initial power-up, VCC must exceed 1.5V for at least 2ms before the output is guaranteed to be in the correct state.
ELECTRICAL CHARACTERISTICS (continued)
(VCC = 1.5V to 5.5V, TA = -40°C to +125°C, unless otherwise specified. Typical values are at VCC = 3.3V and TA = +25°C, unless
otherwise noted.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
OUT/
OUT
VCC
≥ 1.2V, ISINK = 90µA,
MAX6895/MAX6897/MAX6899 only
0.3
VCC
≥ 2.25V, ISINK = 0.5mA
0.3
Output Low Voltage (Open-Drain
or Push-Pull)
VOL
VCC
≥ 4.5V, ISINK = 1mA
0.4
V
VCC
≥ 2.25V, ISOURCE = 500µA
0.8 x
VCC
Output High Voltage (Push-Pull)
VOH
VCC
≥ 4.5V, ISOURCE = 800µA
0.8 x
VCC
V
Output Open-Drain Leakage
Current
ILKG
Output high impedance, VOUT = 28V
1
µA
TIMING
CCDELAY = 0µF
40
µs
tDELAY
VIN rising
CCDELAY = 0.047µF
190
ms
IN to OUT/OUT Propagation
Delay
tDL
VIN falling
16
µs
Startup Delay (Note 5)
2ms
ENABLE/ENABLE Minimum Input
Pulse Width
tPW
1µs
ENABLE/ENABLE Glitch
Rejection
100
ns
ENABLE/ENABLE to OUT/OUT
Delay
tOFF
From device enabled to device disabled
150
ns
tPROPP
From device disabled to device enabled
(P version)
150
ns
CCDELAY = 0µF
20
µs
ENABLE/ENABLE to OUT/OUT
Delay
tPROPA
From device disabled
to device enabled
(A version)
CCDELAY = 0.047µF
190
ms


Similar Part No. - MAX6895PAZT+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6895PAZT++ MAXIM-MAX6895PAZT+ Datasheet
354Kb / 18P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 5; 10/07
MAX6895PAZT++ MAXIM-MAX6895PAZT+ Datasheet
535Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 6; 11/09
MAX6895PAZT++ MAXIM-MAX6895PAZT+ Datasheet
554Kb / 8P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 2; 12/05
MAX6895PAZT+T MAXIM-MAX6895PAZT+T Datasheet
535Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 6; 11/09
More results

Similar Description - MAX6895PAZT+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6895 MAXIM-MAX6895_10 Datasheet
271Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 7; 7/10
MAX6895 MAXIM-MAX6895 Datasheet
354Kb / 18P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 5; 10/07
MAX6342SUT MAXIM-MAX6342SUT Datasheet
554Kb / 8P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 2; 12/05
MAX6895 MAXIM-MAX6895_09 Datasheet
535Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 6; 11/09
MAX6895 MAXIM-MAX6895_11 Datasheet
281Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 8; 7/11
MAX16052 MAXIM-MAX16052 Datasheet
153Kb / 12P
   High-Voltage, Adjustable Sequencing/Supervisory Circuits
Rev 1; 10/08
MAX16052 MAXIM-MAX16052_10 Datasheet
180Kb / 12P
   High-Voltage, Adjustable Sequencing/Supervisory Circuits
Rev 2; 1/10
MAX16041 MAXIM-MAX16041 Datasheet
275Kb / 15P
   Dual-/Triple-/Quad-Voltage, Capacitor-Adjustable, Sequencing/Supervisory Circuits
Rev 0; 8/06
MAX16025 MAXIM-MAX16025 Datasheet
296Kb / 15P
   Dual-/Triple-/Quad-Voltage, Capacitor-Adjustable, Sequencing/Supervisory Circuits
Rev 3; 1/07
logo
Texas Instruments
TPS3895 TI1-TPS3895 Datasheet
749Kb / 21P
[Old version datasheet]   Single-Channel, Adjustable Supervisory Circuit in Ultra-Small Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com