Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9381ESA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX9381ESA
Description  Lowest Power 3.0GHz ECL/PECL Differential Data and Clock D Flip-Flop
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9381ESA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX9381ESA Datasheet HTML 1Page - Maxim Integrated Products MAX9381ESA Datasheet HTML 2Page - Maxim Integrated Products MAX9381ESA Datasheet HTML 3Page - Maxim Integrated Products MAX9381ESA Datasheet HTML 4Page - Maxim Integrated Products MAX9381ESA Datasheet HTML 5Page - Maxim Integrated Products MAX9381ESA Datasheet HTML 6Page - Maxim Integrated Products MAX9381ESA Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Lowest Power 3.0GHz ECL/PECL
Differential Data and Clock D Flip-Flop
_______________________________________________________________________________________
3
AC ELECTRICAL CHARACTERISTICS
(VCC - VEE = 2.25V to 5.5V (TA = +25°C to +85°C), VCC - VEE = 2.375V to 5.5V (TA = -40°C to +25°C), outputs terminated with 50
±1% to VCC - 2.0V, fCLK
≤ 3.0GHz, input transition time = 125ps (20% to 80%), VIHD = VEE + 1.2V to VCC, VILD = VEE to VCC - 0.15V,
VIHD - VILD = 0.15V to smaller of |VCC - VEE| or 3V, unless otherwise noted. Typical values are at VCC - VEE = 3.3V, VIHD = VCC - 1.0V,
VILD = VCC - 1.5V, unless otherwise noted.) (Notes 1, 5)
Note 1: Measurements are made with the device in thermal equilibrium.
Note 2: Current into a pin is defined as positive. Current out of a pin is defined as negative.
Note 3: DC parameters are production tested at +25°C. DC limits are guaranteed by design and characterization over the full oper-
ating temperature range.
Note 4: All pins floating except VCC and VEE.
Note 5: Guaranteed by design and characterization, and are not production tested. Limits are set to ±6 sigma.
Note 6: Device jitter added to the input clock.
-40
°C
+25
°C
+85
°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Propagation Delay
CLK,
CLK to Q, Q
tPHL
tPLH
Figure 2
370
328
405
490
ps
Maximum Clock
Frequency
fCLKMAX
VOD
≥ 300mV
3.0
3.0
3.0
GHz
Setup Time
tS
Figure 2
100
100
100
ps
Hold Time
tH
Figure 2
50
50
50
ps
Added Random
Jitter (Note 6)
tRJ
0.2
0.8
0.2
0.8
0.2
0.8
ps
(RMS)
Differential Output
Rise/Fall Time
tR/tF
20% to 80%,
Figure 2
70
120
170
80
120
180
90
120
200
ps


Similar Part No. - MAX9381ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9381 MAXIM-MAX9381 Datasheet
188Kb / 7P
   Lowest Power 3.0GHz ECL/PECL Differential Data and Clock D Flip-Flop
Rev 0; 4/02
More results

Similar Description - MAX9381ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9381 MAXIM-MAX9381 Datasheet
188Kb / 7P
   Lowest Power 3.0GHz ECL/PECL Differential Data and Clock D Flip-Flop
Rev 0; 4/02
logo
ON Semiconductor
MC10EL52 ONSEMI-MC10EL52_06 Datasheet
153Kb / 9P
   5V ECL Differential Data and Clock D Flip-Flop
December, 2006 ??Rev. 5
MC10EL52 ONSEMI-MC10EL52 Datasheet
82Kb / 3P
   Differential Data and Clock D Flip-Flop
1996 REV 2
logo
Micrel Semiconductor
SY10EL52 MICREL-SY10EL52 Datasheet
49Kb / 4P
   DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP
SY10EL52 MICREL-SY10EL52_05 Datasheet
51Kb / 4P
   DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP
SY10EL52ZC MICREL-SY10EL52ZC Datasheet
51Kb / 4P
   DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP
logo
ON Semiconductor
MC100LVEL51 ONSEMI-MC100LVEL51_06 Datasheet
140Kb / 8P
   3.3V ECL Differential Clock D Flip-Flop
December, 2006 ??Rev. 4
MC10EL51 ONSEMI-MC10EL51_06 Datasheet
152Kb / 9P
   5V ECL Differential Clock D Flip-Flop
December, 2006 ??Rev. 6
MC10EP51 ONSEMI-MC10EP51_12 Datasheet
156Kb / 11P
   ECL D Flip-Flop with Reset and Differential Clock
November, 2012 ??Rev. 10
MC10EP52 ONSEMI-MC10EP52_16 Datasheet
189Kb / 11P
   ECL Differential Data and Clock D Flip?륡lop
August, 2016 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com