Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPW2A6R8MDD Datasheet(PDF) 4 Page - Nichicon corporation

Part # UPW2A6R8MDD
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UPW2A6R8MDD Datasheet(HTML) 4 Page - Nichicon corporation

  UPW2A6R8MDD Datasheet HTML 1Page - Nichicon corporation UPW2A6R8MDD Datasheet HTML 2Page - Nichicon corporation UPW2A6R8MDD Datasheet HTML 3Page - Nichicon corporation UPW2A6R8MDD Datasheet HTML 4Page - Nichicon corporation UPW2A6R8MDD Datasheet HTML 5Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
0000.47
0001
0002.2
0003.3
0004.7
0006.8
0010
0012
0018
0022
0027
0033
0039
0047
0056
0082
0100
0120
0150
0180
0220
0270
0330
0390
0470
0560
0680
0820
1000
1200
1500
1800
2200
2700
3300
4700
R47
010
2R2
3R3
4R7
6R8
100
120
180
220
270
330
390
470
560
820
101
121
151
181
221
271
331
391
471
561
681
821
102
122
152
182
222
272
332
472
5
× 11
4
× 7
5
× 11
5
× 7
5
× 7
4
× 11
5
× 11
5
× 11
6.3
× 7
5
× 11
5
× 15
6.3
× 11
6.3
× 11
6.3
× 15
8
× 11.5
8
× 11.5
10
× 12.5
8
× 15
10
× 16
8
× 20
10
× 20
10
× 20
10
× 25
12.5
× 20
10
× 31.5
12.5
× 25
12.5
× 31.5
16
× 20
16
× 25
12.5
× 35.5
16
× 25
18
× 20
16
× 31.5
18
× 25
16
× 35.5
18
× 31.5
18
× 35.5
18
× 40
0.60
2.00
0.60
0.95
0.95
1.30
0.60
0.60
0.45
0.60
0.50
0.25
0.25
0.23
0.117
0.117
0.090
0.085
0.068
0.065
0.052
0.052
0.045
0.038
0.035
0.030
0.025
0.029
0.022
0.022
0.022
0.028
0.018
0.020
0.016
0.016
0.015
0.014
1.20
5.00
1.20
2.40
2.40
2.60
1.20
1.20
1.20
1.20
1.00
0.50
0.50
0.46
0.234
0.234
0.180
0.170
0.136
0.130
0.104
0.104
0.090
0.076
0.070
0.060
0.050
0.058
0.044
0.044
0.044
0.056
0.036
0.040
0.032
0.032
0.030
0.028
180
65
180
120
120
120
180
180
200
180
235
290
290
430
555
555
760
730
1050
995
1220
1220
1440
1660
1815
1950
2310
2210
2555
2510
2555
2490
3010
2740
3150
3635
3680
3800
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
4
× 11
5
× 11
5
× 11
5
× 15
6.3
× 11
6.3
× 11
6.3
× 15
8
× 11.5
8
× 11.5
8
× 15
10
× 12.5
10
× 12.5
8
× 20
10
× 16
10
× 16
10
× 20
10
× 25
10
× 20
10
× 31.5
12.5
× 20
12.5
× 20
12.5
× 25
12.5
× 25
16
× 20
12.5
× 35.5
18
× 20
16
× 25
16
× 31.5
18
× 25
16
× 31.5
16
× 35.5
18
× 31.5
18
× 35.5
5.00
3.50
3.00
2.60
2.30
1.40
2.50
1.30
1.20
0.90
0.43
0.43
0.40
0.234
0.234
0.155
0.162
0.162
0.120
0.119
0.119
0.090
0.082
0.090
0.060
0.063
0.060
0.050
0.050
0.048
0.034
0.042
0.034
0.028
0.029
0.028
0.025
0.025
0.023
10.0
7.00
6.00
5.20
4.60
2.80
5.00
2.60
2.40
1.80
0.86
0.86
0.80
0.468
0.468
0.310
0.324
0.324
0.240
0.238
0.238
0.180
0.164
0.180
0.120
0.126
0.120
0.100
0.100
0.096
0.068
0.084
0.068
0.056
0.058
0.056
0.050
0.050
0.046
25
40
55
65
90
120
90
155
170
215
300
300
360
485
485
635
620
615
860
850
850
1030
1200
1030
1610
1480
1500
1832
1840
1840
2290
2420
2235
2700
2610
2700
2790
3000
3100
35 (1V)
20˚C / 100kHz
– 10˚C / 100kHz
50 (1H )
20˚C / 100kHz
– 10˚C / 100kHz
: In this case,
will be put at 12th digit of type numbering system.
6
PW
series
Standard Ratings
V(Code)
Item
Code
Cap.(µF)
Case size
φD
× L
(mm)
Rated ripple
(mArms)
105˚C / 100kHz
Case size
φD
× L
(mm)
Impedance (
Ω) MAX.
Rated ripple
(mArms)
105˚C / 100kHz
Impedance (
Ω) MAX.
CAT.8100B


Similar Part No. - UPW2A6R8MDD

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UPW2A6R8MDD NICHICON-UPW2A6R8MDD Datasheet
821Kb / 8P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - UPW2A6R8MDD

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com