Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC10F222T-I-OT Datasheet(PDF) 9 Page - Microchip Technology

Part # PIC10F222T-I-OT
Description  High-Performance Microcontrollers with 8-bit A/D
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10F222T-I-OT Datasheet(HTML) 9 Page - Microchip Technology

Back Button PIC10F222T-I-OT Datasheet HTML 5Page - Microchip Technology PIC10F222T-I-OT Datasheet HTML 6Page - Microchip Technology PIC10F222T-I-OT Datasheet HTML 7Page - Microchip Technology PIC10F222T-I-OT Datasheet HTML 8Page - Microchip Technology PIC10F222T-I-OT Datasheet HTML 9Page - Microchip Technology PIC10F222T-I-OT Datasheet HTML 10Page - Microchip Technology PIC10F222T-I-OT Datasheet HTML 11Page - Microchip Technology PIC10F222T-I-OT Datasheet HTML 12Page - Microchip Technology PIC10F222T-I-OT Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 86 page
background image
© 2007 Microchip Technology Inc.
DS41270E-page 7
PIC10F220/222
2.0
DEVICE VARIETIES
A variety of packaging options are available. Depend-
ing on application and production requirements, the
proper device option can be selected using the
information in this section. When placing orders, please
use the PIC10F220/222 Product Identification System
at the back of this data sheet to specify the correct part
number.
2.1
Quick Turn Programming (QTP)
Devices
Microchip offers a QTP programming service for
factory production orders. This service is made
available for users who choose not to program
medium-to-high
quantity
units
and
whose
code
patterns have stabilized. The devices are identical to
the Flash devices but with all Flash locations and fuse
options already programmed by the factory. Certain
code and prototype verification procedures do apply
before production shipments are available. Please
contact your local Microchip Technology sales office for
more details.
2.2
Serialized Quick Turn
ProgrammingSM (SQTPSM) Devices
Microchip offers a unique programming service, where
a few user-defined locations in each device are
programmed with different serial numbers. The serial
numbers
may
be
random,
pseudo-random
or
sequential.
Serial programming allows each device to have a
unique number, which can serve as an entry-code,
password or ID number.


Similar Part No. - PIC10F222T-I-OT

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC10F222T-E MICROCHIP-PIC10F222T-E Datasheet
970Kb / 86P
   High-Performance Microcontrollers with 8-bit A/D
06/25/07
More results

Similar Description - PIC10F222T-I-OT

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC10F222T-E MICROCHIP-PIC10F222T-E Datasheet
970Kb / 86P
   High-Performance Microcontrollers with 8-bit A/D
06/25/07
PIC10F222-I MICROCHIP-PIC10F222-I Datasheet
970Kb / 86P
   High-Performance Microcontrollers with 8-bit A/D
06/25/07
PIC10F220T-I-OT MICROCHIP-PIC10F220T-I-OT Datasheet
861Kb / 86P
   High-Performance Microcontrollers with 8-bit A/D
06/25/07
PIC10F220-I MICROCHIP-PIC10F220-I Datasheet
861Kb / 86P
   High-Performance Microcontrollers with 8-bit A/D
06/25/07
PIC10F220 MICROCHIP-PIC10F220_1 Datasheet
861Kb / 86P
   High-Performance Microcontrollers with 8-bit A/D
2007
PIC17C7XX MICROCHIP-PIC17C7XX_00 Datasheet
4Mb / 304P
   High-Performance 8-bit CMOS EPROM Microcontrollers with 10-bit A/D
2000
PIC17C7XX MICROCHIP-PIC17C7XX Datasheet
1Mb / 328P
   High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
1998 - 1999
PIC17C7XX MICROCHIP-PIC17C7XX_13 Datasheet
4Mb / 306P
   High-Performance 8-bit CMOS EPROM Microcontrollers with 10-bit A/D
11/29/12 1998-2013
PIC18CXX2 MICROCHIP-PIC18CXX2_13 Datasheet
4Mb / 304P
   High Performance Microcontrollers with 10-bit A/D
11/29/12 1999-2013
PIC18CXX2 MICROCHIP-PIC18CXX2 Datasheet
5Mb / 296P
   High-Performance Microcontrollers with 10-Bit A/D
1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com