Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

145077050115861 Datasheet(PDF) 1 Page - AVX Corporation

Part # 145077050115861
Description  1.0 mmPitch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

145077050115861 Datasheet(HTML) 1 Page - AVX Corporation

  145077050115861 Datasheet HTML 1Page - AVX Corporation 145077050115861 Datasheet HTML 2Page - AVX Corporation 145077050115861 Datasheet HTML 3Page - AVX Corporation 145077050115861 Datasheet HTML 4Page - AVX Corporation 145077050115861 Datasheet HTML 5Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Series
5077
1.0
mm
Pitch
SERIES 5077
◇概要
5077シリーズは、1.0mmピッチ、SMTタイプで、嵌合高さを8.0mm∼19.0mmまで拡張した平行接続用のコネクタです。
プラグ側がSTDタイプ、H1タイプ、H2タイプ、H5.5タイプの4種類。リセ側がSTDタイプ、H2タイプ、H5.5タイプの3種類で構成され、その組
み合わせにより、8.0mmから最大19.0mmの基板間隔の設定が可能です。
◇Outline
Series 5077 is a 1.0mm pitch SMT type Board to Board connector for parallel connection of which stacking height is extended
to between 8.0 and 19.0mm.
There are four types for plug connector, STD type, type H1, type H2, and type H5.5, and three types for receptacle connector,
STD type, type H2 and type H5.5. With combinations of these types, stacking height is extended to 8.0mm to 19.0mm.
本カタログには推奨めっきを掲載しております。めっき種類・仕様、ならびに
生産対応可能極数については営業部に御確認願います。
Recommended plating types are mentioned in this catalogue.
For other plating types and their specifications, and available num-
bers of positions, please feel free to contact our sales department.
5077
8.0mm/9.0mm/10.0mm/11.0mm/12.0mm/
13.5mm/14.5mm/15.5mm/19.0mm
1.0mm
30∼80
AC/DC 0.5A
AC/DC 100V
AC 500Vrms/min.
銅合金 Copper alloy
耐熱樹脂 Heat-resistant plastic
−40∼85℃
シリーズ
(Series)
基板間高さ
(Stacking Height)
極間隔
(Pitch)
極数
(No. of Positions)
定格電流
(Rated Current)
定格電圧
(Rated Voltage)
耐電圧
(D.W.Voltage)
コンタクト材質
(Contact Material)
インシュレータ材質
(Insulator Material)
使用温度範囲
(Operating Temperature)


Similar Part No. - 145077050115861

ManufacturerPart #DatasheetDescription
logo
Heyco.
14507 HEYCO-14507 Datasheet
469Kb / 1P
   Heyco®-Tite Brass Liquid Tight Cordgrips
More results

Similar Description - 145077050115861

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
14-5015-064-002-861 AVX-14-5015-064-002-861 Datasheet
225Kb / 3P
   1.0 mmPitch
245805040000829 AVX-245805040000829 Datasheet
151Kb / 2P
   0.4 mmPitch
14-5602-024-001-829 AVX-14-5602-024-001-829 Datasheet
291Kb / 6P
   0.4 mmPitch
145805060000829 AVX-145805060000829 Datasheet
209Kb / 2P
   0.4 mmPitch
14-5608-060-010-861 AVX-14-5608-060-010-861 Datasheet
415Kb / 4P
   0.8 mmPitch
14-5802-054-002-829 AVX-14-5802-054-002-829 Datasheet
461Kb / 2P
   0.4 mmPitch
24-5602-070-000-829 AVX-24-5602-070-000-829 Datasheet
291Kb / 6P
   0.4 mmPitch
14-5846-040-000-829 AVX-14-5846-040-000-829 Datasheet
282Kb / 3P
   0.4 mmPitch
145602016001829 AVX-145602016001829 Datasheet
256Kb / 4P
   0.4 Series 5602 mmPitch
logo
AAEON Technology
FSB-B75G-A10-G2 AAEON-FSB-B75G-A10-G2 Datasheet
295Kb / 2P
   PICMG 1.0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com