Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16C54C-04-P Datasheet(PDF) 7 Page - Microchip Technology

Part # PIC16C54C-04-P
Description  EPROM/ROM-Based 8-bit CMOS Microcontroller Series
Download  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C54C-04-P Datasheet(HTML) 7 Page - Microchip Technology

Back Button PIC16C54C-04-P Datasheet HTML 3Page - Microchip Technology PIC16C54C-04-P Datasheet HTML 4Page - Microchip Technology PIC16C54C-04-P Datasheet HTML 5Page - Microchip Technology PIC16C54C-04-P Datasheet HTML 6Page - Microchip Technology PIC16C54C-04-P Datasheet HTML 7Page - Microchip Technology PIC16C54C-04-P Datasheet HTML 8Page - Microchip Technology PIC16C54C-04-P Datasheet HTML 9Page - Microchip Technology PIC16C54C-04-P Datasheet HTML 10Page - Microchip Technology PIC16C54C-04-P Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 192 page
background image
 1997-2013 Microchip Technology Inc.
Preliminary
DS30453E-page 7
PIC16C5X
2.0
PIC16C5X DEVICE VARIETIES
A variety of frequency ranges and packaging options
are available. Depending on application and production
requirements, the proper device option can be selected
using the information in this section. When placing
orders, please use the PIC16C5X Product Identifica-
tion System at the back of this data sheet to specify the
correct part number.
For the PIC16C5X family of devices, there are four
device types, as indicated in the device number:
1.
C, as in PIC16C54C. These devices have
EPROM program memory and operate over the
standard voltage range.
2.
LC, as in PIC16LC54A. These devices have
EPROM program memory and operate over an
extended voltage range.
3.
CR, as in PIC16CR54A. These devices have
ROM program memory and operate over the
standard voltage range.
4.
LCR, as in PIC16LCR54A. These devices have
ROM program memory and operate over an
extended voltage range.
2.1
UV Erasable Devices (EPROM)
The UV erasable versions offered in CERDIP pack-
ages, are optimal for prototype development and pilot
programs.
UV erasable devices can be programmed for any of the
four oscillator configurations. Microchip's
PICSTARTPlus(1) and PRO MATEprogrammers
both support programming of the PIC16C5X. Third
party programmers also are available. Refer to the
Third Party Guide (DS00104) for a list of sources.
2.2
One-Time-Programmable (OTP)
Devices
The availability of OTP devices is especially useful for
customers expecting frequent code changes and
updates, or small volume applications.
The OTP devices, packaged in plastic packages, per-
mit the user to program them once. In addition to the
program memory, the configuration bits must be pro-
grammed.
2.3
Quick-Turnaround-Production
(QTP) Devices
Microchip offers a QTP Programming Service for fac-
tory production orders. This service is made available
for users who choose not to program a medium to high
quantity of units and whose code patterns have stabi-
lized. The devices are identical to the OTP devices but
with all EPROM locations and configuration bit options
already programmed by the factory. Certain code and
prototype verification procedures apply before produc-
tion shipments are available. Please contact your
Microchip Technology sales office for more details.
2.4
Serialized Quick-Turnaround-
Production (SQTP
SM) Devices
Microchip offers the unique programming service
where a few user defined locations in each device are
programmed with different serial numbers. The serial
numbers may be random, pseudo-random or sequen-
tial. The devices are identical to the OTP devices but
with all EPROM locations and configuration bit options
already programmed by the factory.
Serial programming allows each device to have a
unique number which can serve as an entry code,
password or ID number.
2.5
Read Only Memory (ROM) Devices
Microchip offers masked ROM versions of several of
the highest volume parts, giving the customer a low
cost option for high volume, mature products.
Note 1: PIC16LC54C and PIC16C54A devices
require OSC2 not to be connected while
programming with PICSTART® Plus
programmer.


Similar Part No. - PIC16C54C-04-P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16C54C-04 MICROCHIP-PIC16C54C-04 Datasheet
2Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
03/01/02
More results

Similar Description - PIC16C54C-04-P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16C57-XTP MICROCHIP-PIC16C57-XTP Datasheet
2Mb / 192P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
1997-2013
PIC16C57CJW MICROCHIP-PIC16C57CJW Datasheet
2Mb / 192P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
11/29/12
PIC16C57C-20I MICROCHIP-PIC16C57C-20I Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
03/01/02
PIC16C57-RCI MICROCHIP-PIC16C57-RCI Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
03/01/02
PIC16C55A-JW MICROCHIP-PIC16C55A-JW Datasheet
2Mb / 192P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
11/29/12
PIC16C57-RC MICROCHIP-PIC16C57-RC Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
03/01/02
PIC16C55A-04 MICROCHIP-PIC16C55A-04 Datasheet
1Mb / 218P
   EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
01/18/02
PIC16C55A-04 MICROCHIP-PIC16C55A-04 Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
01/18/02
PIC16C56-XT MICROCHIP-PIC16C56-XT Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
03/01/02
PIC16C55-XTI MICROCHIP-PIC16C55-XTI Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
03/01/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com