Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54FCT244DMQB Datasheet(PDF) 1 Page - Rochester Electronics

Part # 54FCT244DMQB
Description  Octal Buffer/Line Driver with TRI-STATE Outputs TTL input and output level compatible
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCHESTER [Rochester Electronics]
Direct Link  http://www.rocelec.com/
Logo ROCHESTER - Rochester Electronics

54FCT244DMQB Datasheet(HTML) 1 Page - Rochester Electronics

  54FCT244DMQB Datasheet HTML 1Page - Rochester Electronics 54FCT244DMQB Datasheet HTML 2Page - Rochester Electronics 54FCT244DMQB Datasheet HTML 3Page - Rochester Electronics 54FCT244DMQB Datasheet HTML 4Page - Rochester Electronics 54FCT244DMQB Datasheet HTML 5Page - Rochester Electronics 54FCT244DMQB Datasheet HTML 6Page - Rochester Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
54FCT244
© 2012 Rochester Electronics, LLC. All Rights Reserved 12172012
Specification Number 54FCT244-M (N) REV A
Page 1 of 6
54FCT244
Octal Buffer/Line Driver with TRI-STATE® Outputs
General Description
The ’FCT244 is an octal buffer and line driver with
TRI-STATE outputs designed to be employed as a memory
and address driver, clock driver, or bus-oriented transmitter/
receiver.
Features
n
Non-inverting buffers
n
Output sink capability of 48 mA, source capability of
12 mA
n
TRI-STATE outputs drive lines or buffer memory address
registers
n
TTL input and output level compatible
n
CMOS power consumption
n
Standard Microcircuit Drawing (SMD) 5962-8763001
Ordering Code
Military
Package
Package Description
Number
54FCT244DMQB
J20A
20-Lead Ceramic Dual-In-Line
54FCT244FMQB
W20A
20-Lead Cerpack
54FCT244LMQB
E20A
20-Lead Ceramic Leadless Chip Carrier, Type C
Connection Diagrams
Pin
Names
Description
OE1, OE2
Output Enable Input
(Active Low)
I0–I7
Inputs
O0–O7
Outputs
OE1 I0–3 O0–3 OE2
I4–7 O4–7
H
XZ
H
XZ
L
HH
L
HH
L
LL
L
LL
H = HIGH Voltage Level
L = LOW Voltage Level
X = Immaterial
Z = High Impedance
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
Pin Assignment for
DIP and Flatpak
DS100967-1
Pin Assignment for LCC
DS100967-2
September 1998
© 1999 National Semiconductor Corporation
DS100967
www.national.com
TABLE 5
SPECIFICATION NUMBER: 54FCT244-M (N) REV -
Page 1 of 5
54FCT244
Octal Buffer/Line Driver with TRI-STATE® Outputs
General Description
The ’FCT244 is an octal buffer and line driver with
TRI-STATE outputs designed to be employed as a memory
and address driver, clock driver, or bus-oriented transmitter/
receiver.
Features
n
Non-inverting buffers
n
Output sink capability of 48 mA, source capability of
12 mA
n
TRI-STATE outputs drive lines or buffer memory address
registers
n
TTL input and output level compatible
n
CMOS power consumption
n
Standard Microcircuit Drawing (SMD) 5962-8763001
Ordering Code
Military
Package
Package Description
Number
54FCT244DMQB
J20A
20-Lead Ceramic Dual-In-Line
54FCT244FMQB
W20A
20-Lead Cerpack
54FCT244LMQB
E20A
20-Lead Ceramic Leadless Chip Carrier, Type C
Connection Diagrams
Pin
Names
Description
OE1, OE2
Output Enable Input
(Active Low)
I0–I7
Inputs
O0–O7
Outputs
OE1 I0–3 O0–3 OE2
I4–7 O4–7
H
XZ
H
XZ
L
HH
L
HH
L
LL
L
LL
H = HIGH Voltage Level
L = LOW Voltage Level
X = Immaterial
Z = High Impedance
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
Pin Assignment for
DIP and Flatpak
DS100967-1
Pin Assignment for LCC
DS100967-2
September 1998
© 1999 National Semiconductor Corporation
DS100967
www.national.com
TABLE 5
SPECIFICATION NUMBER: 54FCT244-M (N) REV -
Page 1 of 5
Rochester Electronics guarantees performance of its semiconductor products to the original OEM specifications. “Typical” values are for reference purposes
only. Certain minimum or maximum ratings may be based on product characterization, design, simulation, or sample testing. Rochester Electronics reserves
the right to make changes without further notice to any specification herein.
* For complete Rochester ordering guide, please refer to page 2 *


Similar Part No. - 54FCT244DMQB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54FCT244DMQB TI-54FCT244DMQB Datasheet
111Kb / 5P
[Old version datasheet]   Octal Buffer/Line Driver with TRI-STATE Outputs
More results

Similar Description - 54FCT244DMQB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MN54ABT240 NSC-MN54ABT240 Datasheet
168Kb / 11P
   OCTAL BUFFER AND LINE DRIVER WITH TRI-STATE OUTPUTS
MN54ABT240-X NSC-MN54ABT240-X Datasheet
184Kb / 11P
   OCTAL BUFFER AND LINE DRIVER WITH TRI-STATE OUTPUTS
MN54ABT244-X NSC-MN54ABT244-X Datasheet
209Kb / 13P
   OCTAL BUFFER AND LINE DRIVER WITH TRI-STATE OUTPUTS
54ABT240 NSC-54ABT240 Datasheet
134Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54AC244 NSC-54AC244 Datasheet
136Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT244 NSC-54FCT244 Datasheet
110Kb / 5P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54F540DM NSC-54F540DM Datasheet
166Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54AC541 NSC-54AC541 Datasheet
124Kb / 6P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT240 NSC-54FCT240 Datasheet
129Kb / 6P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT540 NSC-54FCT540 Datasheet
125Kb / 5P
   Octal Buffer/Line Driver with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com