Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQI16N15 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FQI16N15
Description  150V N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQI16N15 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FQI16N15 Datasheet HTML 1Page - Fairchild Semiconductor FQI16N15 Datasheet HTML 2Page - Fairchild Semiconductor FQI16N15 Datasheet HTML 3Page - Fairchild Semiconductor FQI16N15 Datasheet HTML 4Page - Fairchild Semiconductor FQI16N15 Datasheet HTML 5Page - Fairchild Semiconductor FQI16N15 Datasheet HTML 6Page - Fairchild Semiconductor FQI16N15 Datasheet HTML 7Page - Fairchild Semiconductor FQI16N15 Datasheet HTML 8Page - Fairchild Semiconductor FQI16N15 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
  
 
 
 
 
 
     
    

    !" # $%#&##'( # 
)#*+,-..Ω, / 
+,-011-0µ .2./ 
"  !"  11µ 3%(%(  4
5 %   6   # 


  !





E,
 E@, 
,.+,6.2*+µ)
&*+


,
∆E,
$∆
E@, 
 
6.2*+µ)- 2*:

+ &7

,$:
6
F<, 
,.&*+,,.+,


&
µ)
,.&2+,.&*+:


&+
µ)
6
<E0@
,.2*,,.+,


&++
)
6
<E0@-!
,.2*,,.+,


&++
)
 
,
< , 
,.,6.2*+µ)
2 +

( +
,
-
  
- 
,.&+,6.? 2)

+ &23
+ &'

   
,.(+,6.? 2)

D *


 

6  
,.2*,,.+,
.& +G#


7++
D&+


  

&(*
&D+


-!  

3+
(+

   

 
,.7*,6.&' ()
-.2*Ω


&&
3+


-

&&*
2(+


 

*+
&&+


 

?+
&7+

H
 <
,.&2+,6.&' ()
,.&+,


23
3+

H
< 

( *


H
<

&&


     
6
8 


&' (
)
6
8;  


'* '
)
,
 , 
,.+,6.&' ()


& *
,

-!- !
,.+,6.&' ()
6$.&++)$µ

?*


H
-!- !

+ 3*

µ


Similar Part No. - FQI16N15

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQI16N25 FAIRCHILD-FQI16N25 Datasheet
752Kb / 9P
   250V N-Channel MOSFET
FQI16N25C FAIRCHILD-FQI16N25C Datasheet
761Kb / 9P
   250V N-Channel MOSFET
FQI16N25CTU FAIRCHILD-FQI16N25CTU Datasheet
761Kb / 9P
   250V N-Channel MOSFET
More results

Similar Description - FQI16N15

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB14N15 FAIRCHILD-FQB14N15 Datasheet
788Kb / 9P
   150V N-Channel MOSFET
FQPF5N15 FAIRCHILD-FQPF5N15 Datasheet
748Kb / 8P
   150V N-Channel MOSFET
FQD16N15 FAIRCHILD-FQD16N15 Datasheet
730Kb / 9P
   150V N-Channel MOSFET
FQPF9N15 FAIRCHILD-FQPF9N15 Datasheet
755Kb / 8P
   150V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF1502G5 GOOD-ARK-SSF1502G5_15 Datasheet
1Mb / 7P
   150V N-Channel MOSFET
SSS1510 GOOD-ARK-SSS1510 Datasheet
1Mb / 7P
   150V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOB2502L AOSMD-AOB2502L Datasheet
334Kb / 6P
   150V N-Channel MOSFET
AON6250 AOSMD-AON6250 Datasheet
283Kb / 6P
   150V N-Channel MOSFET
logo
Fairchild Semiconductor
FQP28N15 FAIRCHILD-FQP28N15 Datasheet
797Kb / 8P
   150V N-Channel MOSFET
FDP79N15 FAIRCHILD-FDP79N15 Datasheet
1Mb / 10P
   150V N-Channel MOSFET
FQB45N15V2 FAIRCHILD-FQB45N15V2 Datasheet
668Kb / 9P
   150V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com