Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM74HC123AM Datasheet(PDF) 3 Page - Rochester Electronics

Part # MM74HC123AM
Description  Dual Retriggerable Monostable Multivibrator Typical propagation delay: 25 ns
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCHESTER [Rochester Electronics]
Direct Link  http://www.rocelec.com/
Logo ROCHESTER - Rochester Electronics

MM74HC123AM Datasheet(HTML) 3 Page - Rochester Electronics

  MM74HC123AM Datasheet HTML 1Page - Rochester Electronics MM74HC123AM Datasheet HTML 2Page - Rochester Electronics MM74HC123AM Datasheet HTML 3Page - Rochester Electronics MM74HC123AM Datasheet HTML 4Page - Rochester Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
74HC123A
Specification Number 74HC123-I (F) Rev C
Page 3 of 4
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
(Note 2)
Recommended Operating
Conditions
Note 1: Maximum Ratings are those values beyond which damage to the
device may occur.
Note 2: Unless otherwise specified all voltages are referenced to ground.
Note 3: Power Dissipation Temperature Derating: Plastic “N” Package: −
12mW/°C from 65°C to 85°C
DC Electrical Characteristics (Note 4)
Note 4: For a power supply of 5V ±10% the worst-case output voltages (VOH, VOL) occur for HC at 4.5V. Thus the 4.5V values should be used when design-
ing with this supply. Worst-case VIH and VIL occur at VCC = 5.5V and 4.5V respectively. (The VIH value at 5.5V is 3.85V.) The worst-case leakage current
(IIN, ICC, and IOZ) occur for CMOS at the higher voltage and so the 6.0V values should be used.
Supply Voltage (VCC)
−0.5V to +7.0V
DC Input Voltage (VIN)
−1.5V to VCC +1.5V
DC Output Voltage (VOUT)
−0.5V to VCC +0.5V
Clamp Diode Current (IIK, IOK)
±20 mA
DC Output Current, per pin (IOUT)
±25 mA
DC VCC or GND Current, per pin (ICC)
±50 mA
Storage Temperature Range (TSTG)
−65°C to +150°C
Power Dissipation (PD)
(Note 3)
600 mW
S.O. Package only
500 mW
Lead Temperature (TL)
(Soldering 10 seconds)
260°C
Min
Max
Units
Supply Voltage (VCC)
26
V
DC Input or Output Voltage
0
VCC
V
(VIN, VOUT)
Operating Temperature Range (TA) −40
+85
°C
Input Rise or Fall Times
(Clear Input)
(tr, tf)VCC = 2.0V
1000
ns
VCC = 4.5V
500
ns
VCC = 6.0V
400
ns
Symbol
Parameter
Conditions
VCC
TA = 25°CTA = −40 to 85°CTA = −55 to 125°C
Units
Typ
Guaranteed Limits
VIH
Minimum HIGH Level Input
2.0V
1.5
1.5
1.5
V
Voltage
4.5V
3.15
3.15
3.15
V
6.0V
4.2
4.2
4.2
V
VIL
Maximum LOW Level Input
2.0V
0.3
0.3
0.3
V
Voltage
4.5V
0.9
0.9
0.9
V
6.0V
1.2
1.2
1.2
V
VOH
Minimum HIGH Level
VIN = VIH or VIL
Output Voltage
|IOUT| ≤ 20 µA
2.0V
2.0
1.9
1.9
1.9
V
4.5V
4.5
4.4
4.4
4.4
V
6.0V
6.0
5.9
5.9
5.9
V
VIN = VIH or VIL
V
|IOUT| ≤ 4.0 mA
4.5V
4.2
3.98
3.84
3.7
V
|IOUT| ≤ 5.2 mA
6.0V
5.7
5.48
5.34
5.2
V
VOL
Maximum LOW Level
VIN = VIH or VIL
Output Voltage
|IOUT| ≤ 20 µA
2.0V
0
0.1
0.1
0.1
V
4.5V
0
0.1
0.1
0.1
V
6.0V
0
0.1
0.1
0.1
V
VIN = VIH or VIL
V
|IOUT| ≤ 4 mA
4.5V
0.2
0.26
0.33
0.4
V
|IOUT| ≤ 5.2 mA
6.0V
0.2
0.26
0.33
0.4
V
IIN
Maximum Input Current
VIN = VCC or GND
6.0V
±0.5
±5.0
±5.0
µA
(Pins 7, 15)
IIN
Maximum Input Current
VIN = VCC or GND
6.0V
±0.1
±1.0
±1.0
µA
(all other pins)
ICC
Maximum Quiescent Supply VIN = VCC or GND
6.0V
8.0
80
160
µA
Current (standby)
IOUT = 0 µA
ICC
Maximum Active Supply
VIN= VCC or GND
2.0V
36
80
110
130
µA
Current (per
R/CEXT = 0.5VCC
4.5V
0.33
1.0
1.3
1.6
mA
monostable)
6.0V
0.7
2.0
2.6
3.2
mA


Similar Part No. - MM74HC123AM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC123AM FAIRCHILD-MM74HC123AM Datasheet
116Kb / 9P
   Dual Retriggerable Monostable Multivibrator
MM74HC123AM FAIRCHILD-MM74HC123AM Datasheet
133Kb / 10P
   Dual Retriggerable Monostable Multivibrator
logo
Rochester Electronics
MM74HC123AM ROCHESTER-MM74HC123AM Datasheet
620Kb / 1P
   MONOSTABLE MULTIVIBRATOR now available in a lead-free package
logo
Fairchild Semiconductor
MM74HC123AMTC FAIRCHILD-MM74HC123AMTC Datasheet
116Kb / 9P
   Dual Retriggerable Monostable Multivibrator
MM74HC123AMTC FAIRCHILD-MM74HC123AMTC Datasheet
133Kb / 10P
   Dual Retriggerable Monostable Multivibrator
More results

Similar Description - MM74HC123AM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC123 STMICROELECTRONICS-M74HC123 Datasheet
503Kb / 12P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Toshiba Semiconductor
TC74HC423AP TOSHIBA-TC74HC423AP Datasheet
435Kb / 9P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Fairchild Semiconductor
MM74HC423A FAIRCHILD-MM74HC423A Datasheet
108Kb / 10P
   Dual Retriggerable Monostable Multivibrator
logo
Toshiba Semiconductor
TC74HC4538AP TOSHIBA-TC74HC4538AP Datasheet
477Kb / 10P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Fairchild Semiconductor
MM74HC123A FAIRCHILD-MM74HC123A_01 Datasheet
133Kb / 10P
   Dual Retriggerable Monostable Multivibrator
74VHC123A FAIRCHILD-74VHC123A_07 Datasheet
468Kb / 14P
   Dual Retriggerable Monostable Multivibrator
logo
Toshiba Semiconductor
TC74HC123AP TOSHIBA-TC74HC123AP_07 Datasheet
505Kb / 14P
   Dual Retriggerable Monostable Multivibrator
logo
National Semiconductor ...
MM54HC123A NSC-MM54HC123A Datasheet
198Kb / 6P
   Dual Retriggerable Monostable Multivibrator
logo
Microsemi Corporation
TSC347 MICROSEMI-TSC347 Datasheet
600Kb / 4P
   Dual Retriggerable Monostable Multivibrator
logo
ON Semiconductor
74VHC123A ONSEMI-74VHC123A Datasheet
467Kb / 16P
   Dual Retriggerable Monostable Multivibrator
May 2007 Rev. 1.2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com